Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ISL34321 Arkusz danych(PDF) 5 Page - Intersil Corporation

Numer części ISL34321
Szczegółowy opis  16-Bit Long-Reach Video SERDES with Bi-directional Side-Channel
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  INTERSIL [Intersil Corporation]
Strona internetowa  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL34321 Arkusz danych(HTML) 5 Page - Intersil Corporation

  ISL34321 Datasheet HTML 1Page - Intersil Corporation ISL34321 Datasheet HTML 2Page - Intersil Corporation ISL34321 Datasheet HTML 3Page - Intersil Corporation ISL34321 Datasheet HTML 4Page - Intersil Corporation ISL34321 Datasheet HTML 5Page - Intersil Corporation ISL34321 Datasheet HTML 6Page - Intersil Corporation ISL34321 Datasheet HTML 7Page - Intersil Corporation ISL34321 Datasheet HTML 8Page - Intersil Corporation ISL34321 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
ISL34321
5
FN6870.1
September 23, 2010
Absolute Maximum Ratings
Thermal Information
Supply Voltage
VDD_P to GND_P, VDD_TX to GND_TX,
VDD_IO to GND_IO . . . . . . . . . . . . . . . . -0.5V to 4.6V
VDD_CDR to GND_CDR, VDD_CR to GND_CR -0.5V to 2.5V
Between any pair of GND_P, GND_TX,
GND_IO, GND_CDR, GND_CR . . . . . . . . . . -0.1V to 0.1V
3.3V Tolerant LVTTL/LVCMOS
Input Voltage . . . . . . . . . . . . . . . .-0.3V to VDD_IO+0.3V
Differential Input Voltage . . . . . . . .-0.3V to VDD_IO + 0.3V
Differential Output Current . . . . . . . . Short Circuit Protected
LVTTL/LVCMOS Outputs . . . . . . . . . . Short Circuit Protected
ESD Rating
Human Body Model
All pins . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 4kV
SERIOP/N (all VDD Connected, all GND Connected) . 8kV
Machine Model . . . . . . . . . . . . . . . . . . . . . . . . . . . 200V
Latch Up (Tested per JESD-78B; Class2, Level A). . . .100mA
Thermal Resistance (Typical)
θJA
θJC (°C/W)
EPTQFP (Notes 6, 7) . . . . . . . . . . .
38
12
Maximum Power Dissipation . . . . . . . . . . . . . . . . . . . . 327mW
Maximum Junction Temperature . . . . . . . . . . . . . . +125°C
Maximum Storage Temperature Range . . . -65°C to +150°C
Operating Temperature Range . . . . . . . . . . -40°C to +85°C
Pb-Free Reflow Profile . . . . . . . . . . . . . . . . . .see link below
http://www.intersil.com/pbfree/Pb-FreeReflow.asp
CAUTION: Do not operate at or near the maximum ratings listed for extended periods of time. Exposure to such conditions may adversely impact
product reliability and result in failures not covered by warranty.
NOTES:
6. θJA is measured in free air with the component mounted on a high effective thermal conductivity test board with “direct attach”
features. See Tech Brief TB379.
7. For θJC, the “case temp” location is the center of the exposed metal pad on the package underside.
Electrical Specifications Unless otherwise indicated, all data is for: VDD_CDR = VDD_CR = 1.8V, VDD_IO = 3.3V,
VDD_TX = VDD_P = VDD_AN = 3.3V, TA = +25°C, Ref_Res = 3.16kΩ, High-speed
AC-coupling capacitor = 27nF.
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
POWER SUPPLY VOLTAGE
VDD_CDR, VDD_CR
1.7
1.8
1.9
V
VDD_TX, VDD_P, VDD_AN, VDD_IO
3.0
3.3
3.6
V
SERIALIZER POWER SUPPLY CURRENTS
Total 1.8V Supply Current
PCLK_IN = 45MHz
62
80
mA
Total 3.3V Supply Current
(Note 8)
40
52
mA
DESERIALIZER POWER SUPPLY CURRENTS
Total 1.8V Supply Current
PCLK_IN = 45MHz
66
76
mA
Total 3.3V Supply Current
(Note 8)
50
63
mA
POWER-DOWN SUPPLY CURRENT
Total 1.8V Power-Down Supply Current
RSTB = GND
10
mA
Total 3.3V Power-Down Supply Current
0.5
mA
PARALLEL INTERFACE
High Level Input Voltage
VIH
2.0
V
Low Level Input Voltage
VIL
0.8
V
Input Leakage Current
IIN
-1
±0.01
1
µA
High Level Output Voltage
VOH
IOH = -4.0mA,
VDD_IO = 3.0V
2.6
V
Low Level Output Voltage
VOL
IOL = 4.0mA,
VDD_IO = 3.6V
0.4
V
Output Short Circuit Current
IOSC
35
mA


Podobny numer części - ISL34321

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Renesas Technology Corp
ISL34321 RENESAS-ISL34321 Datasheet
659Kb / 13P
   16-Bit Long-Reach Video SERDES with Bi-directional Side-Channel
ISL34321INZ RENESAS-ISL34321INZ Datasheet
659Kb / 13P
   16-Bit Long-Reach Video SERDES with Bi-directional Side-Channel
More results

Podobny opis - ISL34321

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Renesas Technology Corp
ISL34321 RENESAS-ISL34321 Datasheet
659Kb / 13P
   16-Bit Long-Reach Video SERDES with Bi-directional Side-Channel
ISL76321 RENESAS-ISL76321 Datasheet
633Kb / 14P
   16-Bit Long-Reach Video Automotive Grade SERDES with Bi-directional Side-Channel
logo
Intersil Corporation
ISL76321 INTERSIL-ISL76321 Datasheet
514Kb / 14P
   16-Bit Long-Reach Video Automotive Grade SERDES with Bi-directional Side-Channel
ISL76321ARZ INTERSIL-ISL76321ARZ Datasheet
365Kb / 14P
   16-Bit Long-Reach Video Automotive Grade SERDES with Bi-directional Side-Channel
May 1, 2015
ISL34341 INTERSIL-ISL34341 Datasheet
371Kb / 11P
   WSVGA 24-Bit Long-Reach Video SERDES with Bi-directional Side-Channel
ISL34341INZ INTERSIL-ISL34341INZ Datasheet
369Kb / 11P
   WSVGA 24-Bit Long-Reach Video SERDES with Bi-directional Side-Channel
October 8, 2010
ISL34341 INTERSIL-ISL34341 Datasheet
190Kb / 11P
   WSVGA 24-Bit Long-Reach Video SERDES with Bi-directional Side-Channel
logo
Renesas Technology Corp
ISL34341 RENESAS-ISL34341 Datasheet
616Kb / 11P
   WSVGA 24-Bit Long-Reach Video SERDES with Bi-directional Side-Channel
ISL34340 RENESAS-ISL34340 Datasheet
609Kb / 11P
   WSVGA 24-Bit Long-Reach Video SERDES with Bidirectional Side-Channel
logo
Intersil Corporation
ISL76322_1108 INTERSIL-ISL76322_1108 Datasheet
503Kb / 13P
   16-Bit Long-Reach Video Automotive Grade SERDES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com