Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ISL12032IVZ Arkusz danych(PDF) 5 Page - Intersil Corporation

Numer części ISL12032IVZ
Szczegółowy opis  Low Power RTC with Battery Backed SRAM and 50/60 Cycle AC Input and Xtal Back-up
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  INTERSIL [Intersil Corporation]
Strona internetowa  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL12032IVZ Arkusz danych(HTML) 5 Page - Intersil Corporation

  ISL12032IVZ Datasheet HTML 1Page - Intersil Corporation ISL12032IVZ Datasheet HTML 2Page - Intersil Corporation ISL12032IVZ Datasheet HTML 3Page - Intersil Corporation ISL12032IVZ Datasheet HTML 4Page - Intersil Corporation ISL12032IVZ Datasheet HTML 5Page - Intersil Corporation ISL12032IVZ Datasheet HTML 6Page - Intersil Corporation ISL12032IVZ Datasheet HTML 7Page - Intersil Corporation ISL12032IVZ Datasheet HTML 8Page - Intersil Corporation ISL12032IVZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
5
FN6618.0
December 14, 2007
IRQ/ACRDY/LV/EVDET (OPEN DRAIN OUTPUTS)
VOL
Output Low Voltage
VDD = 5V, IOL = 3mA
0.4
V
VDD = 2.7V, IOL = 1mA
0.4
V
FOUT (CMOS OUTPUT)
VOL
Output Low Voltage
IOH = 1mA
0.3 x VDD
V
VOH
Output High Voltage
0.7 x VDD
V
EVIN
IEVPU
EVIN Pull-up Current
VDD = 5.5V, VBAT = 3.0V
1.0
3.0
8.0
µA
VDD = 0V, VBAT = 1.8V
100
600
nA
VIL
Input Low Voltage
0.3 x VDD
V
VIH
Input High Voltage
0.7 x VDD
V
IEVPD
EVIN Disabled Pull-down Current
VDD = 5.5V
200
nA
DC Operating Characteristics
Specifications apply for: VDD = 2.7 to 5.5V, TA = -40°C to +85°C, unless otherwise stated. (Continued)
SYMBOL
PARAMETER
CONDITIONS
MIN
(Note 10)
TYP
(Note 4)
MAX
(Note 10)
UNITS
NOTES
Power-Down Timing Specifications apply for: V
DD = 2.7 to 5.5V, TA = -40°C to +85°C, unless otherwise stated.
SYMBOL
PARAMETER
CONDITIONS
MIN
(Note 10)
TYP
(Note 4)
MAX
(Note 10)
UNITS
NOTES
VDD SR-
VDD Negative Slew Rate
10
V/ms
6
I2C Interface Specifications
Specifications apply for: VDD = 2.7 to 5.5V, TA = -40°C to +85°C, unless otherwise stated.
SYMBOL
PARAMETER
TEST CONDITIONS
MIN
(Note 10)
TYP
(Note 4)
MAX
(Note 10) UNITS
NOTES
VIL
SDA and SCL Input Buffer LOW
Voltage
-0.3
0.3 x VDD
V
VIH
SDA and SCL Input Buffer HIGH
Voltage
0.7 x VDD
VDD + 0.3
V
Hysteresis
SDA and SCL Input Buffer
Hysteresis
0.05 x VDD
V
VOL
SDA Output Buffer LOW Voltage,
Sinking 3mA
VDD = 5V, IOL = 3mA
0.4
V
CPIN
SDA and SCL Pin Capacitance
TA = +25°C, f = 1MHz,
VDD =5V, VIN =0V,
VOUT =0V
10
pF
fSCL
SCL Frequency
400
kHz
tIN
Pulse Width Suppression Time at
SDA and SCL Inputs
Any pulse narrower than the
max spec is suppressed.
50
ns
tAA
SCL Falling Edge to SDA Output
Data Valid
SCL falling edge crossing
30% of VDD, until SDA exits
the 30% to 70% of VDD
window.
900
ns
tBUF
Time the Bus Must be Free Before
the Start of a New Transmission
SDA crossing 70% of VDD
during a STOP condition, to
SDA crossing 70% of VDD
during the following START
condition.
1300
ns
tLOW
Clock LOW Time
Measured at the 30% of VDD
crossing.
1300
ns
tHIGH
Clock HIGH Time
Measured at the 70% of VDD
crossing.
600
ns
ISL12032


Podobny numer części - ISL12032IVZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Renesas Technology Corp
ISL12032IVZ RENESAS-ISL12032IVZ Datasheet
1,010Kb / 26P
   Low Power RTC with Battery Backed SRAM and 50/60 Cycle AC Input and Crystal Back-up
ISL12032IVZ RENESAS-ISL12032IVZ Datasheet
1,010Kb / 26P
   Low Power RTC with Battery Backed SRAM and 50/60 Cycle AC Input and Crystal Back-up
More results

Podobny opis - ISL12032IVZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Renesas Technology Corp
ISL12032 RENESAS-ISL12032 Datasheet
1,010Kb / 26P
   Low Power RTC with Battery Backed SRAM and 50/60 Cycle AC Input and Crystal Back-up
ISL12030 RENESAS-ISL12030 Datasheet
1,010Kb / 26P
   Low Power RTC with Battery Backed SRAM and 50/60 Cycle AC Input and Crystal Back-up
logo
Intersil Corporation
ISL1209 INTERSIL-ISL1209 Datasheet
416Kb / 24P
   Low Power RTC with Battery Backed SRAM and Event Detection
ISL1219 INTERSIL-ISL1219 Datasheet
643Kb / 24P
   Low Power RTC with Battery Backed SRAM and Event Detection
ISL1209 INTERSIL-ISL1209_06 Datasheet
358Kb / 24P
   Low Power RTC with Battery Backed SRAM and Event Detection
logo
Renesas Technology Corp
ISL1219 RENESAS-ISL1219 Datasheet
994Kb / 24P
   Low Power RTC with Battery Backed SRAM and Event Detection
logo
Intersil Corporation
ISL1218 INTERSIL-ISL1218 Datasheet
351Kb / 21P
   Low Power RTC with Battery Backed SRAM
logo
Renesas Technology Corp
ISL1209 RENESAS-ISL1209 Datasheet
998Kb / 25P
   Low Power RTC with Battery Backed SRAM and Event Detection
ISL1221 RENESAS-ISL1221 Datasheet
995Kb / 24P
   Low Power RTC with Battery Backed SRAM and Event Detection
logo
Intersil Corporation
ISL1208 INTERSIL-ISL1208_06 Datasheet
348Kb / 21P
   Low Power RTC with Battery Backed SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com