Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ISL54504IRUZ-T Arkusz danych(PDF) 6 Page - Intersil Corporation

Numer części ISL54504IRUZ-T
Szczegółowy opis  1.8V to 5.5V, 2.5OHM, Single SPST Analog Switches
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  INTERSIL [Intersil Corporation]
Strona internetowa  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL54504IRUZ-T Arkusz danych(HTML) 6 Page - Intersil Corporation

Back Button ISL54504IRUZ-T Datasheet HTML 2Page - Intersil Corporation ISL54504IRUZ-T Datasheet HTML 3Page - Intersil Corporation ISL54504IRUZ-T Datasheet HTML 4Page - Intersil Corporation ISL54504IRUZ-T Datasheet HTML 5Page - Intersil Corporation ISL54504IRUZ-T Datasheet HTML 6Page - Intersil Corporation ISL54504IRUZ-T Datasheet HTML 7Page - Intersil Corporation ISL54504IRUZ-T Datasheet HTML 8Page - Intersil Corporation ISL54504IRUZ-T Datasheet HTML 9Page - Intersil Corporation ISL54504IRUZ-T Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
6
FN6552.2
October 23, 2009
Test Circuits and Waveforms
Logic input waveform is inverted for switches that have the
opposite logic sense.
FIGURE 1A. MEASUREMENT POINTS
Repeat test for all switches. CL includes fixture and stray
capacitance.
FIGURE 1B. TEST CIRCUIT
FIGURE 1. SWITCHING TIMES
FIGURE 2A. MEASUREMENT POINTS
FIGURE 2B. TEST CIRCUIT
FIGURE 2. CHARGE INJECTION
FIGURE 3. OFF ISOLATION TEST CIRCUIT
FIGURE 4. rON TEST CIRCUIT
50%
tr < 20ns
tf < 20ns
tOFF
90%
V+
0V
VNO
0V
tON
LOGIC
INPUT
SWITCH
INPUT
SWITCH
OUTPUT
90%
VOUT
V
OUT
V
(NO or NC)
R
L
R
L
r
ON
()
+
----------------------------
=
SWITCH
INPUT
LOGIC
INPUT
VOUT
RL
CL
COM
NO OR NC
IN
50Ω
35pF
GND
V+
C
VOUT
ΔVOUT
ON
OFF
ON
Q = ΔVOUT x CL
SWITCH
OUTPUT
LOGIC
INPUT
VINH
VINL
CL
VOUT
RG
VG
GND
COM
NO OR NC
V+
C
LOGIC
INPUT
IN
ANALYZER
RL
SIGNAL
GENERATOR
V+
C
0V OR V+
NO OR NC
COM
IN
GND
V+
C
VINL OR VINH
NO OR NC
COM
IN
GND
VNX
V1
100mA
rON = V1/I1 *
* I1 = 10mA AT V+ = 1.8V
I1
ISL54504, ISL54505


Podobny numer części - ISL54504IRUZ-T

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Renesas Technology Corp
ISL54504IRUZ-T RENESAS-ISL54504IRUZ-T Datasheet
619Kb / 12P
   1.8V to 5.5V, 2.5W, Single SPST Analog Switches
More results

Podobny opis - ISL54504IRUZ-T

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
ISL54501 INTERSIL-ISL54501 Datasheet
335Kb / 13P
   1.8V to 5.5V, 5OHM, Single SPST Analog Switches
logo
Renesas Technology Corp
ISL54504 RENESAS-ISL54504 Datasheet
619Kb / 12P
   1.8V to 5.5V, 2.5W, Single SPST Analog Switches
logo
Intersil Corporation
ISL54503 INTERSIL-ISL54503 Datasheet
356Kb / 13P
   1.8V to 5.5V, 2.5OHM, Single SPDT Analog Switch
logo
Renesas Technology Corp
ISL54501 RENESAS-ISL54501 Datasheet
683Kb / 13P
   1.62V to 5.5V, 5廓, Single SPST Analog Switches
logo
Analog Devices
ADG823BRMZ AD-ADG823BRMZ Datasheet
215Kb / 12P
   1 ohm CMOS, 1.8V to 5.5V, Dual SPST Switches
REV. A
ADG786 AD-ADG786 Datasheet
144Kb / 12P
   2.5ohm, 1.8V to 5.5V, -2.5 V Triple/Quad SPDT Switches in Chip Scale Packages
REV. 0
logo
Maxim Integrated Produc...
MAX4686 MAXIM-MAX4686 Datasheet
183Kb / 8P
   2.5ohm, Low-Voltage, SPST/SPDT Analog Switches in UCSP Package
Rev 1; 2/03
logo
Intersil Corporation
ISL54500 INTERSIL-ISL54500 Datasheet
379Kb / 13P
   1.8V to 5.5V, 5OHM, Single SPDT Analog Switch
logo
Renesas Technology Corp
ISL54500 RENESAS-ISL54500 Datasheet
676Kb / 13P
   1.8V to 5.5V, 5W, Single SPDT Analog Switch
logo
Maxim Integrated Produc...
MAX4675 MAXIM-MAX4675 Datasheet
195Kb / 8P
   3??Single SPST Analog Switches
Rev 0; 7/00
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com