Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ISL28197FRUZ-T7 Arkusz danych(PDF) 2 Page - Intersil Corporation

Numer części ISL28197FRUZ-T7
Szczegółowy opis  Ultra-Small, 800nA and 2.5關A Single Supply, Rail-to-Rail Input/Output RRIO Comparators
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  INTERSIL [Intersil Corporation]
Strona internetowa  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL28197FRUZ-T7 Arkusz danych(HTML) 2 Page - Intersil Corporation

  ISL28197FRUZ-T7 Datasheet HTML 1Page - Intersil Corporation ISL28197FRUZ-T7 Datasheet HTML 2Page - Intersil Corporation ISL28197FRUZ-T7 Datasheet HTML 3Page - Intersil Corporation ISL28197FRUZ-T7 Datasheet HTML 4Page - Intersil Corporation ISL28197FRUZ-T7 Datasheet HTML 5Page - Intersil Corporation ISL28197FRUZ-T7 Datasheet HTML 6Page - Intersil Corporation ISL28197FRUZ-T7 Datasheet HTML 7Page - Intersil Corporation ISL28197FRUZ-T7 Datasheet HTML 8Page - Intersil Corporation ISL28197FRUZ-T7 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
2
FN6152.3
November 5, 2007
IMPORTANT NOTE: All parameters having Min/Max specifications are guaranteed. Typ values are for information purposes only. Unless otherwise noted, all tests are at
the specified temperature and are pulsed tests, Therefore TJ = TC = TA
Absolute Maximum Ratings (TA =+25°C)
Thermal Information
Supply Voltage (V+, V-) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5.75V
Supply Turn On Voltage Slew Rate . . . . . . . . . . . . . . . . . . . . . 1V/µs
Differential Input Current . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5mA
Differential Input Voltage . . . . . . . . . . . . . . . . V- - 0.5V to V+ + 0.5V
Input Voltage . . . . . . . . . . . . . . . . . . . . . . . . . V- - 0.5V to V+ + 0.5V
ESD Rating
Human Body Model . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .3kV
Machine Model . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .300V
Thermal Resistance (Typical, Note 4)
θJA (°C/W)
6 Ld SOT-23 Package . . . . . . . . . . . . . . . . . . . . . . .
230
6 Ld µTDFN Package . . . . . . . . . . . . . . . . . . . . . . .
117.52
Output Short-Circuit Duration . . . . . . . . . . . . . . . . . . . . . . .Indefinite
Ambient Operating Temperature Range . . . . . . . . . -40°C to +125°C
Storage Temperature Range . . . . . . . . . . . . . . . . . . -65°C to +150°C
Operating Junction Temperature . . . . . . . . . . . . . . . . . . . . . +125°C
Pb-free reflow profile . . . . . . . . . . . . . . . . . . . . . . . . . .see link below
http://www.intersil.com/pbfree/Pb-FreeReflow.asp
CAUTION: Do not operate at or near the maximum ratings listed for extended periods of time. Exposure to such conditions may adversely impact product reliability and
result in failures not covered by warranty.
NOTE:
4.
θ
JA is measured with the component mounted on a high effective thermal conductivity test board in free air. See Tech Brief TB379 for details.
Electrical Specifications
V+ = 5V, V- = 0V, VCM = 2.5V, TA = +25°C, unless otherwise specified. Boldface limits apply over -40°C to
+125°C.
PARAMETER
DESCRIPTION
CONDITIONS
MIN
(Note 5)
TYP
MAX
(Note 5)
UNIT
VOS
Input Offset Voltage
-2
-2.5
-0.1
2
2.5
mV
IOS
Input Offset Current
-60
-100
10
60
100
pA
IB
Input Bias Current
-80
-150
15
80
150
pA
CMIR
Common Mode Input Range
Established by CMRR test
0
5
V
CMRR
Common-Mode Rejection Ratio
VCM = 0.5V to 3.5V
70
70
100
dB
VCM = 0V to 5V
60
dB
PSRR
Power Supply Rejection Ratio
V+ = 1.8V to 5.0V
70
70
100
dB
VOUT
Maximum Output Voltage Swing
RL terminated to V+/2
Output low, RL = 10kΩ
35
70
mV
Output high, RL = 10kΩ
4.930
4.950
V
IS,ON
Supply Current, Enabled
ISL28196
2.5
4.0
4.5
µA
ISL28197
0.8
1.6
2.0
µA
IS,OFF
Supply Current, Disabled
EN = 0.4V
2
20
50
nA
VSUPPLY
Supply Voltage Range
1.8
5.5
V
CIN
Input Capacitance
5pF
ENABLE INPUT
VINH
Enable Pin High Level
(V+)x(0.8)
V
VINL
Enable Pin Low Level
0.4
V
IENH
Enable Pin Input Current
VEN = 5V
30
150
200
nA
IENL
Enable Pin Input Current
VEN = 0V
30
150
200
nA
ISL28196, ISL28197


Podobny numer części - ISL28197FRUZ-T7

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Renesas Technology Corp
ISL28197FRUZ-T7 RENESAS-ISL28197FRUZ-T7 Datasheet
700Kb / 14P
   Ultra-Small, 800nA and 2.5關A Single Supply, Rail-to-Rail Input/Output (RRIO) Comparators
More results

Podobny opis - ISL28197FRUZ-T7

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Renesas Technology Corp
ISL28196 RENESAS-ISL28196 Datasheet
700Kb / 14P
   Ultra-Small, 800nA and 2.5關A Single Supply, Rail-to-Rail Input/Output (RRIO) Comparators
logo
Intersil Corporation
ISL28194 INTERSIL-ISL28194 Datasheet
1Mb / 16P
   Ultra-Small, 330nA and 1關A Single Supply, Rail-to-Rail Input/Output (RRIO) Op Amps
ISL28194 INTERSIL-ISL28194_08 Datasheet
1Mb / 16P
   Ultra-Small, 330nA and 1uA Single Supply, Rail-to-Rail Input/Output (RRIO) Op Amps
logo
Renesas Technology Corp
ISL28194 RENESAS-ISL28194 Datasheet
1Mb / 14P
   Ultra-Small, 330nA and 1μA Single Supply, Rail-to-Rail Input/Output (RRIO) Op Amps
Aug 5, 2022
logo
Intersil Corporation
ISL28271 INTERSIL-ISL28271_07 Datasheet
687Kb / 14P
   Dual Micropower, Single Supply, Rail-to- Rail Input and Output (RRIO) Instrumentation Amplifier
logo
Renesas Technology Corp
ISL28271 RENESAS-ISL28271 Datasheet
978Kb / 14P
   Dual Micropower, Single Supply, Rail-to-Rail Input and Output (RRIO) Instrumentation Amplifier
logo
Intersil Corporation
ISL28271 INTERSIL-ISL28271 Datasheet
680Kb / 14P
   Dual Micropower, Single Supply, Rail-to- Rail Input and Output (RRIO) Instrumentation Amplifier
EL8178 INTERSIL-EL8178_07 Datasheet
773Kb / 12P
   Micropower Single Supply Rail-to-Rail Input-Output (RRIO) Precision Op Amp
logo
Renesas Technology Corp
EL8178 RENESAS-EL8178 Datasheet
1Mb / 13P
   Micropower Single Supply Rail-to-Rail Input-Output (RRIO) Precision Op Amp
logo
Intersil Corporation
ISL28286 INTERSIL-ISL28286 Datasheet
516Kb / 15P
   Dual Micropower Single Supply Rail-to-Rail Input and Output (RRIO) Precision Op-Amp
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com