Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ISL54504IHZ-T Arkusz danych(PDF) 10 Page - Intersil Corporation

Numer części ISL54504IHZ-T
Szczegółowy opis  1.8V to 5.5V, 2.5OHM, Single SPST Analog Switches
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  INTERSIL [Intersil Corporation]
Strona internetowa  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL54504IHZ-T Arkusz danych(HTML) 10 Page - Intersil Corporation

Back Button ISL54504IHZ-T Datasheet HTML 4Page - Intersil Corporation ISL54504IHZ-T Datasheet HTML 5Page - Intersil Corporation ISL54504IHZ-T Datasheet HTML 6Page - Intersil Corporation ISL54504IHZ-T Datasheet HTML 7Page - Intersil Corporation ISL54504IHZ-T Datasheet HTML 8Page - Intersil Corporation ISL54504IHZ-T Datasheet HTML 9Page - Intersil Corporation ISL54504IHZ-T Datasheet HTML 10Page - Intersil Corporation ISL54504IHZ-T Datasheet HTML 11Page - Intersil Corporation ISL54504IHZ-T Datasheet HTML 12Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
10
FN6552.2
October 23, 2009
Die Characteristics
SUBSTRATE POTENTIAL (POWERED UP):
GND
TRANSISTOR COUNT:
PROCESS:
Submicron CMOS
FIGURE 14. DIGITAL SWITCHING POINT vs SUPPLY
VOLTAGE
FIGURE 15. FREQUENCY RESPONSE
FIGURE 16. OFF ISOLATION
FIGURE 17. CHARGE INJECTION vs SWITCH VOLTAGE
Typical Performance Curves T
A = +25°C, Unless Otherwise Specified. (Continued)
V+ (V)
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
VINH
VINL
FREQUENCY (Hz)
-13
-12
-11
-10
-9
-8
-7
-6
-5
-4
-3
-2
-1
0
100k
1M
10M
100M
1G
VCOM = 1VP-P
V+ = 1.8V TO 5.5V
FREQUENCY (Hz)
-120
-110
-100
-90
-80
-70
-60
-50
-40
-30
-20
1k
10k
100k
1M
10M
100M
1G
V+ = 1.8V TO 5.5V
VCOM (V)
-20
-15
-10
-5
0
5
10
15
20
25
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
V+ = 5V
V+ = 3.3V
V+ = 1.8V
ISL54504, ISL54505


Podobny numer części - ISL54504IHZ-T

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Renesas Technology Corp
ISL54504IHZ-T RENESAS-ISL54504IHZ-T Datasheet
619Kb / 12P
   1.8V to 5.5V, 2.5W, Single SPST Analog Switches
More results

Podobny opis - ISL54504IHZ-T

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
ISL54501 INTERSIL-ISL54501 Datasheet
335Kb / 13P
   1.8V to 5.5V, 5OHM, Single SPST Analog Switches
logo
Renesas Technology Corp
ISL54504 RENESAS-ISL54504 Datasheet
619Kb / 12P
   1.8V to 5.5V, 2.5W, Single SPST Analog Switches
logo
Intersil Corporation
ISL54503 INTERSIL-ISL54503 Datasheet
356Kb / 13P
   1.8V to 5.5V, 2.5OHM, Single SPDT Analog Switch
logo
Renesas Technology Corp
ISL54501 RENESAS-ISL54501 Datasheet
683Kb / 13P
   1.62V to 5.5V, 5廓, Single SPST Analog Switches
logo
Analog Devices
ADG823BRMZ AD-ADG823BRMZ Datasheet
215Kb / 12P
   1 ohm CMOS, 1.8V to 5.5V, Dual SPST Switches
REV. A
ADG786 AD-ADG786 Datasheet
144Kb / 12P
   2.5ohm, 1.8V to 5.5V, -2.5 V Triple/Quad SPDT Switches in Chip Scale Packages
REV. 0
logo
Maxim Integrated Produc...
MAX4686 MAXIM-MAX4686 Datasheet
183Kb / 8P
   2.5ohm, Low-Voltage, SPST/SPDT Analog Switches in UCSP Package
Rev 1; 2/03
logo
Intersil Corporation
ISL54500 INTERSIL-ISL54500 Datasheet
379Kb / 13P
   1.8V to 5.5V, 5OHM, Single SPDT Analog Switch
logo
Renesas Technology Corp
ISL54500 RENESAS-ISL54500 Datasheet
676Kb / 13P
   1.8V to 5.5V, 5W, Single SPDT Analog Switch
logo
Maxim Integrated Produc...
MAX4675 MAXIM-MAX4675 Datasheet
195Kb / 8P
   3??Single SPST Analog Switches
Rev 0; 7/00
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com