Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ISL4244EIRZ Arkusz danych(PDF) 4 Page - Intersil Corporation

Numer części ISL4244EIRZ
Szczegółowy opis  QFN Packaged, 짹15kV ESD Protected, 2.7V to 5.5V, 10Nanoamp, 250kbps/1Mbps, RS-232 Transceivers with Enhanced Automatic Power-down
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  INTERSIL [Intersil Corporation]
Strona internetowa  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL4244EIRZ Arkusz danych(HTML) 4 Page - Intersil Corporation

  ISL4244EIRZ Datasheet HTML 1Page - Intersil Corporation ISL4244EIRZ Datasheet HTML 2Page - Intersil Corporation ISL4244EIRZ Datasheet HTML 3Page - Intersil Corporation ISL4244EIRZ Datasheet HTML 4Page - Intersil Corporation ISL4244EIRZ Datasheet HTML 5Page - Intersil Corporation ISL4244EIRZ Datasheet HTML 6Page - Intersil Corporation ISL4244EIRZ Datasheet HTML 7Page - Intersil Corporation ISL4244EIRZ Datasheet HTML 8Page - Intersil Corporation ISL4244EIRZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
4
Typical Operating Circuits
ISL4238E
26
VCC
T1OUT
T2OUT
T3OUT
T1IN
T2IN
T3IN
T1
T2
T3
0.1
µF
+
0.1
µF
+
0.1
µF
23
22
1
2
21
3
28
24
27
32
V+
V-
C1+
C1-
C2+
C2-
+
0.1
µF
29
31
R1OUT
R1IN
4
5k
R2OUT
R2IN
5
19
5k
R3OUT
R3IN
7
17
5k
20
R1OUTB
C1
C2
+
C3
C4
FORCEON
FORCEOFF
GND
11
+3.3V
+
0.1
µF
14
30
VCC
TTL/CMOS
LOGIC
RS-232
LEVELS
RS-232
LEVELS
R1
R2
R3
12
INVALID
TO POWER
CONTROL
LEVELS
LOGIC
T4OUT
T5OUT
T4IN
T5IN
T4
T5
18
6
15
8
10
NOTE:
2. For VCC = 3.15V (3.3V -5%), use C1 - C4 = 0.1µF or greater. For VCC = 3.0V (3.3V -10%), use C1 - C4 = 0.22µF or greater.
NOTE 2
NOTE 2
ISL4238E, ISL4244E, ISL4245E


Podobny numer części - ISL4244EIRZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
ISL4244EIRZ INTERSIL-ISL4244EIRZ Datasheet
288Kb / 17P
   QFN Packaged, ±15kV ESD Protected, 2.7V to 5.5V, 10Nanoamp, 250kbps/ 1Mbps, RS-232 Transceivers with Enhanced Automatic Power-down
May 13, 2010
logo
Renesas Technology Corp
ISL4244EIRZ RENESAS-ISL4244EIRZ Datasheet
783Kb / 17P
   QFN Packaged, 짹15kV ESD Protected, 2.7V to 5.5V, 10Nanoamp, 250kbps/ 1Mbps, RS-232 Transceivers with Enhanced Automatic Power-down
ISL4244EIRZ-T RENESAS-ISL4244EIRZ-T Datasheet
783Kb / 17P
   QFN Packaged, 짹15kV ESD Protected, 2.7V to 5.5V, 10Nanoamp, 250kbps/ 1Mbps, RS-232 Transceivers with Enhanced Automatic Power-down
More results

Podobny opis - ISL4244EIRZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Renesas Technology Corp
ISL4238E RENESAS-ISL4238E Datasheet
783Kb / 17P
   QFN Packaged, 짹15kV ESD Protected, 2.7V to 5.5V, 10Nanoamp, 250kbps/ 1Mbps, RS-232 Transceivers with Enhanced Automatic Power-down
logo
Intersil Corporation
ISL4238EIR INTERSIL-ISL4238EIR Datasheet
288Kb / 17P
   QFN Packaged, ±15kV ESD Protected, 2.7V to 5.5V, 10Nanoamp, 250kbps/ 1Mbps, RS-232 Transceivers with Enhanced Automatic Power-down
May 13, 2010
ISL4241E INTERSIL-ISL4241E Datasheet
266Kb / 14P
   QFN Packaged, 짹15kV ESD Protected, 2.7V to 5.5V, 10Nanoamp, 250kbps, 2.7V to 5.5V, 10Nanoamp, 250kbps,
logo
Renesas Technology Corp
ISL4241E RENESAS-ISL4241E Datasheet
684Kb / 14P
   QFN Packaged, 짹15kV ESD Protected, 2.7V to 5.5V, 10Nanoamp, 250kbps, RS-232 Transmitters/Receivers
logo
Intersil Corporation
ISL3232E INTERSIL-ISL3232E Datasheet
281Kb / 14P
   QFN Packaged, 짹15kV ESD Protected, 2.7V to 5.5V, 150nA, 250kbps, RS-232 2.7V to 5.5V, 150nA, 250kbps, RS-232
ISL4221E INTERSIL-ISL4221E_07 Datasheet
415Kb / 13P
   QFN Packaged, 짹15kV ESD Protected, 2.7V to 5.5V, 150nA, 250kBps, RS-232 Transmitters/Receivers
logo
Renesas Technology Corp
ISL3232E RENESAS-ISL3232E Datasheet
661Kb / 14P
   QFN Packaged, 짹15kV ESD Protected, 2.7V to 5.5V, 150nA, 250kbps, RS-232 Transmitters/Receivers
logo
Intersil Corporation
ICL3225E INTERSIL-ICL3225E_06 Datasheet
442Kb / 20P
   짹15kV ESD Protected, 3V to 5.5V, 1Microamp, 1Mbps, RS-232 Transceivers with Enhanced Automatic Powerdown
ISL4270E INTERSIL-ISL4270E Datasheet
422Kb / 13P
   QFN Packaged, 짹15kV ESD Protected, 3V to 5.5V, 300nA, 250kbps, RS-232 Transceivers with Enhanced Automatic Powerdown and a Separate Logic Supply
logo
Renesas Technology Corp
ISL4270E RENESAS-ISL4270E Datasheet
704Kb / 13P
   QFN Packaged, 짹15kV ESD Protected, 3V to 5.5V, 300nA, 250kbps, RS-232 Transceivers with Enhanced Automatic Powerdown and a Separate Logic Supply
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com