Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ISL22102IR20Z Arkusz danych(PDF) 7 Page - Intersil Corporation

Numer części ISL22102IR20Z
Szczegółowy opis  32 Tap, Push-button, Dual Audio Logarithmic Potentiometer with Buffer Amplifiers and Audio Detection
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  INTERSIL [Intersil Corporation]
Strona internetowa  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL22102IR20Z Arkusz danych(HTML) 7 Page - Intersil Corporation

Back Button ISL22102IR20Z Datasheet HTML 3Page - Intersil Corporation ISL22102IR20Z Datasheet HTML 4Page - Intersil Corporation ISL22102IR20Z Datasheet HTML 5Page - Intersil Corporation ISL22102IR20Z Datasheet HTML 6Page - Intersil Corporation ISL22102IR20Z Datasheet HTML 7Page - Intersil Corporation ISL22102IR20Z Datasheet HTML 8Page - Intersil Corporation ISL22102IR20Z Datasheet HTML 9Page - Intersil Corporation ISL22102IR20Z Datasheet HTML 10Page - Intersil Corporation ISL22102IR20Z Datasheet HTML 11Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
7
FN6788.0
September 29, 2008
Pin Descriptions
LEFT_IN, RIGHT_IN
The LEFT_IN and RIGHT_IN pins of the ISL22102 are
equivalent to the fixed terminals of a mechanical
potentiometer. The stereo audio signal applied to these pins
are referenced to VB and may have ±AVCC/2 maximum
amplitude.
LEFT_OUT, RIGHT_OUT
The LEFT_OUT and RIGHT_OUT pins are the buffered
wiper terminals of the potentiometers which are equivalent to
the movable terminals of a mechanical potentiometers with
attached unity gain operational amplifiers (Op Amp). The
default output position of wiper terminals preset to -20dB
attenuation of input signals.
VB
This is reference voltage output equal AVCC/2. It is used as
common point for audio inputs, as well as reference signal
for other system components.
UP
The debounced active low UP input is increment the wipers
position of both channels. An on-chip 2µA current source
pull-up holds the UP input High. A switch closure to ground
or a Low logic level will after a debounce time and Zero
Amplitude Crossing Detection, move the wiper to the next
adjacent higher tap position. If the UP input signal is held
down for 1s, the wipers will auto increment their position with
a 4Hz frequency rate for 4s, and then a 8Hz frequency rate
(see Figure 2). When the wipers reach their top position of
0dB attenuation, they will stay at this position ignoring any
further Up commands.
DN
The debounced DN input is decrement the wipers position of
both channels. An on-chip 2µA current source pull-up holds
the DN input High. A switch closure to ground or a Low logic
level will, after a debounce time and Zero Amplitude
Crossing Detection, move the wiper to the next adjacent
lower tap position. If DN input signal is held down for 1s, the
wipers will auto decrement their position with a 4Hz
frequency rate for 4s, and then a 8Hz frequency rate. When
the wipers reach their bottom position of -90dB attenuation,
they will stay at this position ignoring any further Down or
Mute commands.
MUTE
The active low MUTE input allows to move both wipers, after
a debounce time and Zero Amplitude Crossing Detection, to
the highest attenuation level of -90dB in one step. An
on-chip 2µA current source pull-up holds the MUTE input
High. When MUTE is released, both wipers will be set at
position having prior Mute command.
SB
The active low SB input allows totally disconnect DCP arrays
from their LEFT_IN and RIGHT_IN pins, and move both
wipers to position closest to VB pin (as shown in Figure 3). It
also sets ISL22102 in low power Standby mode. When SB
will be released, the both wipers will be set at position they
have prior Standby.
.
FLAG
This output pin provides status information to the rest of the
system about audio activity. It is High when at least one
audio input exceeds VTH threshold, otherwise its output level
is Low. The FLAG output can be directly connected to SB pin
for automatical setting the ISL22102 in Standby mode.
D0-D2
These three digital input pins allow to program a delay time
for FLAG Low output up to 240s. Table 1 lists the D0-D2
settings and corresponding delay times (typical values).
CB
This low pass filter terminal requires an external capacitor to
GND. The value of this capacitor, together with 5M
Ω internal
resistor divider, directly determines the PSRR (Power Supply
Rejection Ratio) of audio and VB outputs. A 1µF to 10µF
capacitor is recommended.
HPA, HPB
These two high pass filter terminals require an external
capacitor of 100nF or higher in-between.
TABLE 1. FLAG PROGRAMMED DELAY SETTINGS
D2
D1
D0
DELAY, (s)
000
0
001
60
010
90
011
120
100
150
101
180
110
210
111
240
VB
WIPER_LEFT
LEFT_IN
FIGURE 3. DCP CONNECTION IN STANDBY MODE
(RIGHT_IN)
(WIPER_RIGHT)
ISL22102


Podobny numer części - ISL22102IR20Z

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
ISL22102IR20Z INTERSIL-ISL22102IR20Z Datasheet
270Kb / 12P
   32 Tap, Push-button, Dual Audio Logarithmic Potentiometer with Buffer Amplifiers and Audio Detection
September 21, 2015
logo
Renesas Technology Corp
ISL22102IR20Z RENESAS-ISL22102IR20Z Datasheet
550Kb / 12P
   32 Tap, Push-Button, Dual Audio Logarithmic Potentiometer with Buffer Amplifiers and Audio Detection
More results

Podobny opis - ISL22102IR20Z

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Renesas Technology Corp
ISL22102 RENESAS-ISL22102 Datasheet
550Kb / 12P
   32 Tap, Push-Button, Dual Audio Logarithmic Potentiometer with Buffer Amplifiers and Audio Detection
logo
Intersil Corporation
ISL22102IV20Z INTERSIL-ISL22102IV20Z Datasheet
270Kb / 12P
   32 Tap, Push-button, Dual Audio Logarithmic Potentiometer with Buffer Amplifiers and Audio Detection
September 21, 2015
logo
Maxim Integrated Produc...
MAX5407 MAXIM-MAX5407 Datasheet
153Kb / 7P
   32-Tap Audio Logarithmic Taper Digital Potentiometer
Rev 0; 10/01
logo
Dallas Semiconductor
DS1801 DALLAS-DS1801 Datasheet
229Kb / 10P
   Dual Audio Taper Potentiometer
logo
Maxim Integrated Produc...
DS1801 MAXIM-DS1801 Datasheet
234Kb / 10P
   Dual Audio Taper Potentiometer
030300
logo
NXP Semiconductors
NCX8193 PHILIPS-NCX8193_15 Datasheet
281Kb / 21P
   Audio jack detection and configuration with false detection prevention
Rev. 2-21 November 2014
logo
Copal Electronics
DP7115 COPAL-DP7115 Datasheet
178Kb / 12P
   32-Tap Digital Potentiometer
DP7114 COPAL-DP7114 Datasheet
189Kb / 14P
   32-Tap Digital Potentiometer
DP7112 COPAL-DP7112 Datasheet
145Kb / 10P
   32-Tap Digital Potentiometer
logo
Intersil Corporation
ISL22511 INTERSIL-ISL22511 Datasheet
423Kb / 13P
   Low Noise, Low Power, 32 Taps, Push Button Controlled Potentiometer Single Push Button Controlled Potentiometer XDCP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com