Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ISL29000 Arkusz danych(PDF) 1 Page - Intersil Corporation

Numer części ISL29000
Szczegółowy opis  Ambient Light Photo Detect IC
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  INTERSIL [Intersil Corporation]
Strona internetowa  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL29000 Arkusz danych(HTML) 1 Page - Intersil Corporation

  ISL29000 Datasheet HTML 1Page - Intersil Corporation ISL29000 Datasheet HTML 2Page - Intersil Corporation ISL29000 Datasheet HTML 3Page - Intersil Corporation ISL29000 Datasheet HTML 4Page - Intersil Corporation ISL29000 Datasheet HTML 5Page - Intersil Corporation ISL29000 Datasheet HTML 6Page - Intersil Corporation ISL29000 Datasheet HTML 7Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
1
®
FN6117.6
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
Copyright © Intersil Americas Inc. 2005-2008. All Rights Reserved.
All other trademarks mentioned are the property of their respective owners.
ISL29000
Ambient Light Photo Detect IC
The ISL29000 is a light-to-current optical sensor combining
a photodiode and a current amplifier on a single monolithic
IC. Output current is directly proportionate to the light
intensity on the photodiode. Its sensitivity is superior to that
of a phototransistor and exhibits little variation. Its spectral
sensitivity matches closely to the luminous efficiency and
linearity.
Housed in an ultra-compact surface mount clear plastic
package, this device is excellent for power saving control
function in cell phones, PDAs, and other handheld
applications.
Pinout
ISL29000
(5 LD ODFN)
TOP VIEW
Features
• Monolithic IC containing photodiode and amplifier
• Converts light intensity to current
• 2.5V to 5.5V supply range
• Low supply current: 1µA
• Excellent output linearity of luminance
• Ultra-compact and light surface mount package
• Pb-free (RoHS compliant)
Applications
• Mobile phones
• Notebook PCs
•PDAs
• Video cameras
• Digital cameras
1
2
3
5
4
VCC
GND
EN
OUTPUT
NC
THERMAL
PAD
*THERMAL PAD CAN BE CONNECTED TO GND OR
ELECTRICALLY ISOLATED
Ordering Information
PART NUMBER
(Note)
TEMP RANGE
(°C)
PACKAGE
(Pb-Free)
PKG.
DWG. #
ISL29000IROZ-T7*
-40 to +85
5 Ld ODFN
Tape and Reel
L5.2X2.1
ISL29000IROZ-EVALZ Evaluation Board
*Please refer to TB347 for details on reel specifications.
NOTE: These Intersil Pb-free plastic packaged products employ
special Pb-free material sets; molding compounds/die attach
materials and 100% matte tin plate - e3 termination finish, which is
RoHS compliant and compatible with both SnPb and Pb-free
soldering operations. Intersil Pb-free products are MSL classified at
Pb-free peak reflow temperatures that meet or exceed the Pb-free
requirements of IPC/JEDEC J STD-020.
Data Sheet
September 2, 2008


Podobny numer części - ISL29000

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Renesas Technology Corp
ISL29000 RENESAS-ISL29000 Datasheet
410Kb / 7P
   Ambient Light Photo Detect IC
logo
Intersil Corporation
ISL29000IROZ INTERSIL-ISL29000IROZ Datasheet
158Kb / 7P
   Ambient Light Photo Detect IC
logo
Renesas Technology Corp
ISL29000IROZ-EVALZ RENESAS-ISL29000IROZ-EVALZ Datasheet
410Kb / 7P
   Ambient Light Photo Detect IC
logo
Intersil Corporation
ISL29000IROZ-T7 INTERSIL-ISL29000IROZ-T7 Datasheet
158Kb / 7P
   Ambient Light Photo Detect IC
logo
Renesas Technology Corp
ISL29000IROZ-T7 RENESAS-ISL29000IROZ-T7 Datasheet
410Kb / 7P
   Ambient Light Photo Detect IC
More results

Podobny opis - ISL29000

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
EL7900 INTERSIL-EL7900 Datasheet
177Kb / 8P
   Ambient Light Photo Detect IC
ISL29000 INTERSIL-ISL29000_07 Datasheet
158Kb / 7P
   Ambient Light Photo Detect IC
logo
Renesas Technology Corp
ISL29000 RENESAS-ISL29000 Datasheet
410Kb / 7P
   Ambient Light Photo Detect IC
logo
Intersil Corporation
EL7900 INTERSIL-EL7900_07 Datasheet
164Kb / 7P
   Ambient Light Photo Detect IC
logo
Renesas Technology Corp
EL7900 RENESAS-EL7900 Datasheet
448Kb / 8P
   Ambient Light Photo Detect IC
logo
Intersil Corporation
ISL29101 INTERSIL-ISL29101 Datasheet
634Kb / 7P
   Small, Low Power, Voltage-Output Ambient Light Photo Detect IC
ISL29101IROZ-T7 INTERSIL-ISL29101IROZ-T7 Datasheet
576Kb / 7P
   Small, Low Power, Voltage-Output Ambient Light Photo Detect IC
November 5, 2012
logo
Renesas Technology Corp
ISL29006 RENESAS-ISL29006 Datasheet
973Kb / 12P
   Small, Low Power, Current-Output Ambient Light Photo Detect IC
ISL29101 RENESAS-ISL29101 Datasheet
803Kb / 7P
   Small, Low Power, Voltage-Output Ambient Light Photo Detect IC
logo
Intersil Corporation
ISL29006 INTERSIL-ISL29006 Datasheet
709Kb / 11P
   Small, Low Power, Current-Output Ambient Light Photo Detect IC
More results


Html Pages

1 2 3 4 5 6 7


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com