Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ISL35111DRZ-TS Arkusz danych(PDF) 3 Page - Intersil Corporation

Numer części ISL35111DRZ-TS
Szczegółowy opis  11.1Gb/s Driver
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  INTERSIL [Intersil Corporation]
Strona internetowa  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL35111DRZ-TS Arkusz danych(HTML) 3 Page - Intersil Corporation

  ISL35111DRZ-TS Datasheet HTML 1Page - Intersil Corporation ISL35111DRZ-TS Datasheet HTML 2Page - Intersil Corporation ISL35111DRZ-TS Datasheet HTML 3Page - Intersil Corporation ISL35111DRZ-TS Datasheet HTML 4Page - Intersil Corporation ISL35111DRZ-TS Datasheet HTML 5Page - Intersil Corporation ISL35111DRZ-TS Datasheet HTML 6Page - Intersil Corporation ISL35111DRZ-TS Datasheet HTML 7Page - Intersil Corporation ISL35111DRZ-TS Datasheet HTML 8Page - Intersil Corporation ISL35111DRZ-TS Datasheet HTML 9Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
3
FN6975.1
January 27, 2010
Absolute Maximum Ratings
Thermal Information
Supply Voltage (VDD to GND) . . . . . . . . . . . . -0.3V to 1.5V
Voltage at All Input Pins . . . . . . . . . . . . . . . . -0.3V to 1.5V
ESD Rating
High-Speed Pins . . . . . . . . . . . . . . . . . . . . . 1.5kV (HBM)
All Other Pins . . . . . . . . . . . . . . . . . . . . . . . . 2kV (HBM)
Thermal Resistance (Typical)
θJA (°C/W) θJC (°C/W)
16 Ld QFN Package (Notes 4, 5) . .
56
10
Operating Ambient Temperature Range . . . . . . 0°C to +85°C
Storage Ambient Temperature Range . . . . -55°C to +150°C
Maximum Junction Temperature . . . . . . . . . . . . . . . +125°C
Pb-Free Reflow Profile . . . . . . . . . . . . . . . . . .see link below
http://www.intersil.com/pbfree/Pb-FreeReflow.asp
CAUTION: Do not operate at or near the maximum ratings listed for extended periods of time. Exposure to such conditions may adversely impact
product reliability and result in failures not covered by warranty.
NOTE:
4. θJA measured in free air with the component mounted on a high effective thermal conductivity test board with “direct attach”
features. See Tech Brief TB379.
5. For θJC, the “case temp” location is the center of the exposed metal pad on the package underside.
Operating Conditions
PARAMETER
SYMBOL
CONDITION
MIN
TYP
MAX
UNITS
Supply Voltage
VDD
1.1
1.2
1.3
V
Operating Ambient Temperature
TA
025
85
°C
Bit Rate
NRZ data applied to any channel
10
11.1
Gbps
Control Pin Characteristics VDD = 1.2V, TA = +25°C, and VIN = 600mVP-P, unless otherwise noted.
PARAMETER
SYMBOL
CONDITION
MIN
TYP
MAX
UNITS
Input LOW Logic Level
VIL
TDSBL
0
0
350
mV
Input HIGH Logic Level
VIH
TDSBL
750
VDD
mV
Output LOW Logic Level
VOL
LOS
0
0
250
mV
Output HIGH Logic Level
VOH
LOS
1000
VDD
mV
Input Current
Current draw on DC control pin, i.e., DE[A,B]
30
100
µA
Electrical Characteristics VDD = 1.2V, TA = +25°C, and VIN = 600mVP-P, unless otherwise noted.
PARAMETER
SYMBOL
CONDITION
MIN
TYP
MAX
UNITS NOTES
Supply Current
IDD
De-Emphasis Disabled
65
mA
De-Emphasis Enabled
75
mA
Transmit Disable Mode
1.4
mA
Input Amplitude Range
VIN
Measured differentially at data source
120
1600
mVP-P
DC Differential Input
Resistance
Measured on input channel IN[P,N]
80
100
120
Ω
DC Single-Ended
Input Resistance
Measured on input channel IN[P] or IN[N],
with respect to VDD.
40
50
60
Ω
Input Return Loss Limit
(Differential)
SDD11 100MHz to 4.1GHz
See 6
dB
6
4.1GHz to 11.1GHz
See 7
dB
7
Input Return Loss Limit
(Diff. to Comm. Conversion)
SCD11
100MHz to 11.1GHz
-10
dB
8
Output Amplitude Range
VOUT
Measured differentially at OUT[P] and
OUT[N] with 50Ω load on both output pins;
de-emphasis disabled
450
700
820
mVP-P
Differential Output
Impedance
Measured on OUT[k]
80
105
120
Ω
Output Return Loss Limit
(Differential)
SDD22 100MHz to 4.1GHz
See 6
dB
6
4.1GHz to 11.1GHz
See 7
dB
7
ISL35111


Podobny numer części - ISL35111DRZ-TS

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
ISL35111DRZ-TS INTERSIL-ISL35111DRZ-TS Datasheet
531Kb / 8P
   11.1Gb/s Driver
logo
Renesas Technology Corp
ISL35111DRZ-TS RENESAS-ISL35111DRZ-TS Datasheet
864Kb / 9P
   11.1Gb/s Driver
More results

Podobny opis - ISL35111DRZ-TS

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
ISL35111 INTERSIL-ISL35111 Datasheet
531Kb / 8P
   11.1Gb/s Driver
logo
Renesas Technology Corp
ISL35111 RENESAS-ISL35111 Datasheet
864Kb / 9P
   11.1Gb/s Driver
ISL36111 RENESAS-ISL36111 Datasheet
648Kb / 9P
   11.1Gb/s Lane Extender
logo
Intersil Corporation
ISL36111 INTERSIL-ISL36111 Datasheet
299Kb / 8P
   11.1Gb/s Lane Extender
QLX111GRX INTERSIL-QLX111GRX Datasheet
467Kb / 10P
   11.1Gb/s Lane Extender
logo
Renesas Technology Corp
QLX111GRX RENESAS-QLX111GRX Datasheet
590Kb / 10P
   11.1Gb/s Lane Extender
logo
TriQuint Semiconductor
TGA4947-SL TRIQUINT-TGA4947-SL Datasheet
323Kb / 1P
   Dual channel 40Gb/s & 100Gb/s Modulator Driver
TQP5115 TRIQUINT-TQP5115 Datasheet
204Kb / 1P
   11.3 Gb/s EML Driver
logo
Zarlink Semiconductor I...
PX6419 ZARLINK-PX6419 Datasheet
226Kb / 3P
   12x10 Gb/s VCSEL Driver
logo
TriQuint Semiconductor
TGA4840-SM TRIQUINT-TGA4840-SM Datasheet
287Kb / 1P
   28Gb/s CFP2 Modulator Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com