Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74AHC594 Arkusz danych(PDF) 5 Page - NXP Semiconductors

Numer części 74AHC594
Szczegółowy opis  8-bit shift register with output register
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  NXP [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo NXP - NXP Semiconductors

74AHC594 Arkusz danych(HTML) 5 Page - NXP Semiconductors

  74AHC594_08 Datasheet HTML 1Page - NXP Semiconductors 74AHC594_08 Datasheet HTML 2Page - NXP Semiconductors 74AHC594_08 Datasheet HTML 3Page - NXP Semiconductors 74AHC594_08 Datasheet HTML 4Page - NXP Semiconductors 74AHC594_08 Datasheet HTML 5Page - NXP Semiconductors 74AHC594_08 Datasheet HTML 6Page - NXP Semiconductors 74AHC594_08 Datasheet HTML 7Page - NXP Semiconductors 74AHC594_08 Datasheet HTML 8Page - NXP Semiconductors 74AHC594_08 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
74AHC_AHCT594_2
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 02 — 9 June 2008
5 of 22
NXP Semiconductors
74AHC594; 74AHCT594
8-bit shift register with output register
6.2 Pin description
7.
Functional description
[1]
H = HIGH voltage state;
L = LOW voltage state;
↑ = LOW to HIGH transition;
X = don’t care;
NC = no change;
Table 2.
Pin description
Symbol
Pin
Description
Q1
1
parallel data output
Q2
2
parallel data output
Q3
3
parallel data output
Q4
4
parallel data output
Q5
5
parallel data output
Q6
6
parallel data output
Q7
7
parallel data output
GND
8
ground (0 V)
Q7S
9
serial data output
SHR
10
shift register reset input (active LOW)
SHCP
11
shift register clock input
STCP
12
storage register clock input
STR
13
storage register reset input (active LOW)
DS
14
serial data input
Q0
15
parallel data output
VCC
16
supply voltage
Table 3.
Function table[1]
Input
Output
Function
SHCP STCP SHR
STR
DS
Q7S
Qn
X
X
L
X
X
L
NC
a LOW-state on SHR only affects the shift register
X
X
X
L
X
NC
L
a LOW-state on STR only affects the storage register
X
L
H
X
L
L
empty shift register loaded into storage register
X
H
X
H
Q6S
NC
logic HIGH level shifted into shift register stage 0. Contents of all
shift register stages shifted through, e.g. previous state of stage 6
(internal Q6S) appears on the serial output (Q7S).
X
H
H
X
NC
QnS
contents of shift register stages (internal QnS) are transferred to
the storage register and parallel output stages
↑↑
H
H
X
Q6S
QnS
contents of shift register shifted through; previous contents of the
shift register is transferred to the storage register and the parallel
output stages


Podobny numer części - 74AHC594_08

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Nexperia B.V. All right...
74AHC594-Q100 NEXPERIA-74AHC594-Q100 Datasheet
764Kb / 24P
   8-bit shift register with output register
logo
NXP Semiconductors
74AHC594BQ PHILIPS-74AHC594BQ Datasheet
153Kb / 29P
   8-bit shift register with output register
Rev. 01-4 July 2006
logo
Nexperia B.V. All right...
74AHC594BQ NEXPERIA-74AHC594BQ Datasheet
306Kb / 20P
   8-bit shift register with output register
Rev. 4 - 7 July 2021
74AHC594BQ-Q100 NEXPERIA-74AHC594BQ-Q100 Datasheet
764Kb / 24P
   8-bit shift register with output register
logo
NXP Semiconductors
74AHC594D PHILIPS-74AHC594D Datasheet
153Kb / 29P
   8-bit shift register with output register
Rev. 01-4 July 2006
More results

Podobny opis - 74AHC594_08

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
74LVC594A NXP-74LVC594A Datasheet
108Kb / 19P
   8-bit shift register with output register
Rev. 01 - 24 May 2007
74HC_HCT594 PHILIPS-74HC_HCT594_15 Datasheet
137Kb / 26P
   8-bit shift register with output register
Rev. 03-20 December 2006
logo
Nexperia B.V. All right...
74LVC594A NEXPERIA-74LVC594A Datasheet
286Kb / 18P
   8-bit shift register with output register
Rev. 4 - 3 September 2020
logo
NXP Semiconductors
74HC594 PHILIPS-74HC594 Datasheet
71Kb / 10P
   8-bit shift register with output register
December 1991
74AHC_AHCT594 PHILIPS-74AHC_AHCT594_15 Datasheet
132Kb / 22P
   8-bit shift register with output register
Rev. 02-9 June 2008
74AHC594 PHILIPS-74AHC594 Datasheet
153Kb / 29P
   8-bit shift register with output register
Rev. 01-4 July 2006
logo
Nexperia B.V. All right...
74HC594-Q100 NEXPERIA-74HC594-Q100 Datasheet
873Kb / 25P
   8-bit shift register with output register
74HC594 NEXPERIA-74HC594 Datasheet
347Kb / 23P
   8-bit shift register with output register
Rev. 7 - 20 October 2022
logo
NXP Semiconductors
74HC594 NXP-74HC594 Datasheet
137Kb / 26P
   8-bit shift register with output register
Rev. 03-20 December 2006
logo
Nexperia B.V. All right...
74LVC594A-Q100 NEXPERIA-74LVC594A-Q100 Datasheet
253Kb / 21P
   8-bit shift register with output register
74HC-HCT594-Q100 NEXPERIA-74HC-HCT594-Q100 Datasheet
329Kb / 22P
   8-bit shift register with output register
Rev. 4 - 27 September 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com