Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74AHC594 Arkusz danych(PDF) 10 Page - NXP Semiconductors

Numer części 74AHC594
Szczegółowy opis  8-bit shift register with output register
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  NXP [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo NXP - NXP Semiconductors

74AHC594 Arkusz danych(HTML) 10 Page - NXP Semiconductors

Back Button 74AHC594_08 Datasheet HTML 6Page - NXP Semiconductors 74AHC594_08 Datasheet HTML 7Page - NXP Semiconductors 74AHC594_08 Datasheet HTML 8Page - NXP Semiconductors 74AHC594_08 Datasheet HTML 9Page - NXP Semiconductors 74AHC594_08 Datasheet HTML 10Page - NXP Semiconductors 74AHC594_08 Datasheet HTML 11Page - NXP Semiconductors 74AHC594_08 Datasheet HTML 12Page - NXP Semiconductors 74AHC594_08 Datasheet HTML 13Page - NXP Semiconductors 74AHC594_08 Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
74AHC_AHCT594_2
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 02 — 9 June 2008
10 of 22
NXP Semiconductors
74AHC594; 74AHCT594
8-bit shift register with output register
tW
pulse width
SHCP and STCP HIGH or
LOW; see Figure 9 and 10
VCC = 3.0 V to 3.6 V
6.0
-
-
6.5
-
7.0
-
ns
VCC = 4.5 V to 5.5 V
5.5
-
-
6.0
-
6.5
-
ns
SHR and STR HIGH or LOW;
see Figure 13 and 14
VCC = 3.0 V to 3.6 V
5.0
-
-
5.0
-
5.5
-
ns
VCC = 4.5 V to 5.5 V
5.0
-
-
5.2
-
5.7
-
ns
tsu
set-up time
DS to SHCP; see Figure 11
VCC = 3.0 V to 3.6 V
3.5
-
-
3.5
-
4.0
-
ns
VCC = 4.5 V to 5.5 V
3.0
-
-
3.0
-
3.5
-
ns
SHR to STCP; see Figure 12
VCC = 3.0 V to 3.6 V
8.0
-
-
9.0
-
9.5
-
ns
VCC = 4.5 V to 5.5 V
5.0
-
-
5.0
-
5.5
-
ns
SHCP to STCP; see Figure 10
VCC = 3.0 V to 3.6 V
8.0
-
-
8.5
-
9.0
-
ns
VCC = 4.5 V to 5.5 V
5.0
-
-
5.0
-
5.5
-
ns
th
hold time
DS to SHCP; see Figure 11
VCC = 3.0 V to 3.6 V
1.5
-
-
1.5
-
2.0
-
ns
VCC = 4.5 V to 5.5 V
2.0
-
-
2.0
-
2.5
-
ns
trec
recovery time
SHR to SHCP; see Figure 13
VCC = 3.0 V to 3.6 V
4.2
-
-
4.8
-
5.3
-
ns
VCC = 4.5 V to 5.5 V
2.9
-
-
3.3
-
3.8
-
ns
STR to STCP; see Figure 14
VCC = 3.0 V to 3.6 V
4.6
-
-
5.3
-
5.8
-
ns
VCC = 4.5 V to 5.5 V
3.2
-
-
3.7
-
4.3
-
ns
CPD
power
dissipation
capacitance
fi = 1 MHz; VI = GND to VCC
[2]
-55
-
-
-
-
-
pF
74AHCT594; VCC = 4.5 V to 5.5 V
tPLH
LOW to HIGH
propagation
delay
SHCP to Q7S; see Figure 9
CL = 15 pF
-
3.8
6.3
1.7
7.2
1.7
7.8
ns
CL = 50 pF
-
4.8
8.0
2.2
9.1
2.2
9.9
ns
STCP to Qn; see Figure 10
CL = 15 pF
-
3.5
5.7
1.8
6.5
1.8
7.1
ns
CL = 50 pF
-
4.6
7.7
2.6
8.8
2.6
9.6
ns
Table 7.
Dynamic characteristics …continued
Voltages are referenced to GND (ground = 0 V); for test circuit see Figure 15.
Symbol Parameter
Conditions
25
°C
−40 °C to +85 °C −40 °C to +125 °C Unit
Min
Typ[1] Max
Min
Max
Min
Max


Podobny numer części - 74AHC594_08

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Nexperia B.V. All right...
74AHC594-Q100 NEXPERIA-74AHC594-Q100 Datasheet
764Kb / 24P
   8-bit shift register with output register
logo
NXP Semiconductors
74AHC594BQ PHILIPS-74AHC594BQ Datasheet
153Kb / 29P
   8-bit shift register with output register
Rev. 01-4 July 2006
logo
Nexperia B.V. All right...
74AHC594BQ NEXPERIA-74AHC594BQ Datasheet
306Kb / 20P
   8-bit shift register with output register
Rev. 4 - 7 July 2021
74AHC594BQ-Q100 NEXPERIA-74AHC594BQ-Q100 Datasheet
764Kb / 24P
   8-bit shift register with output register
logo
NXP Semiconductors
74AHC594D PHILIPS-74AHC594D Datasheet
153Kb / 29P
   8-bit shift register with output register
Rev. 01-4 July 2006
More results

Podobny opis - 74AHC594_08

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
74LVC594A NXP-74LVC594A Datasheet
108Kb / 19P
   8-bit shift register with output register
Rev. 01 - 24 May 2007
74HC_HCT594 PHILIPS-74HC_HCT594_15 Datasheet
137Kb / 26P
   8-bit shift register with output register
Rev. 03-20 December 2006
logo
Nexperia B.V. All right...
74LVC594A NEXPERIA-74LVC594A Datasheet
286Kb / 18P
   8-bit shift register with output register
Rev. 4 - 3 September 2020
logo
NXP Semiconductors
74HC594 PHILIPS-74HC594 Datasheet
71Kb / 10P
   8-bit shift register with output register
December 1991
74AHC_AHCT594 PHILIPS-74AHC_AHCT594_15 Datasheet
132Kb / 22P
   8-bit shift register with output register
Rev. 02-9 June 2008
74AHC594 PHILIPS-74AHC594 Datasheet
153Kb / 29P
   8-bit shift register with output register
Rev. 01-4 July 2006
logo
Nexperia B.V. All right...
74HC594-Q100 NEXPERIA-74HC594-Q100 Datasheet
873Kb / 25P
   8-bit shift register with output register
74HC594 NEXPERIA-74HC594 Datasheet
347Kb / 23P
   8-bit shift register with output register
Rev. 7 - 20 October 2022
logo
NXP Semiconductors
74HC594 NXP-74HC594 Datasheet
137Kb / 26P
   8-bit shift register with output register
Rev. 03-20 December 2006
logo
Nexperia B.V. All right...
74LVC594A-Q100 NEXPERIA-74LVC594A-Q100 Datasheet
253Kb / 21P
   8-bit shift register with output register
74HC-HCT594-Q100 NEXPERIA-74HC-HCT594-Q100 Datasheet
329Kb / 22P
   8-bit shift register with output register
Rev. 4 - 27 September 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com