Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74AHC164PW Arkusz danych(PDF) 8 Page - NXP Semiconductors

Numer części 74AHC164PW
Szczegółowy opis  8-bit serial-in/parallel-out shift register
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  NXP [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo NXP - NXP Semiconductors

74AHC164PW Arkusz danych(HTML) 8 Page - NXP Semiconductors

Back Button 74AHC164PW Datasheet HTML 4Page - NXP Semiconductors 74AHC164PW Datasheet HTML 5Page - NXP Semiconductors 74AHC164PW Datasheet HTML 6Page - NXP Semiconductors 74AHC164PW Datasheet HTML 7Page - NXP Semiconductors 74AHC164PW Datasheet HTML 8Page - NXP Semiconductors 74AHC164PW Datasheet HTML 9Page - NXP Semiconductors 74AHC164PW Datasheet HTML 10Page - NXP Semiconductors 74AHC164PW Datasheet HTML 11Page - NXP Semiconductors 74AHC164PW Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
74AHC_AHCT164_3
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 03 — 24 April 2008
8 of 18
NXP Semiconductors
74AHC164; 74AHCT164
8-bit serial-in/parallel-out shift register
10. Dynamic characteristics
Table 7.
Dynamic characteristics
Voltages are referenced to GND (ground = 0 V); for test circuit see Figure 10.
Symbol Parameter
Conditions
25
°C
−40 °C to +85 °C −40 °C to +125 °C Unit
Min
Typ[1] Max
Min
Max
Min
Max
74AHC164
tpd
propagation
delay
CP to Qn; see Figure 7
[2]
VCC = 3.0 V to 3.6 V
CL = 15 pF
-
6.5
12.8
1.0
15.0
1.0
16.0
ns
CL = 50 pF
-
9.3
16.3
1.0
18.5
1.0
20.5
ns
VCC = 4.5 V to 5.5 V
CL = 15 pF
-
4.5
9.0
1.0
10.5
1.0
11.5
ns
CL = 50 pF
-
6.4
11.0
1.0
12.5
1.0
14.0
ns
MR to Qn; see Figure 8
[3]
VCC = 3.0 V to 3.6 V
CL = 15 pF
-
5.3
12.8
1.0
15.0
1.0
16.0
ns
CL = 50 pF
-
7.6
16.3
1.0
18.5
1.0
20.5
ns
VCC = 4.5 V to 5.5 V
CL = 15 pF
-
4.0
8.6
1.0
10.0
1.0
11.0
ns
CL = 50 pF
-
5.8
10.6
1.0
12.0
1.0
13.5
ns
fmax
maximum
frequency
see Figure 7
VCC = 3.0 V to 3.6 V
CL = 15 pF
80
125
-
65
-
50
-
MHz
CL = 50 pF
50
75
-
45
-
35
-
MHz
VCC = 4.5 V to 5.5 V
CL = 15 pF
125
175
-
105
-
85
-
MHz
CL = 50 pF
85
115
-
75
-
65
-
MHz
tW
pulse width
CP HIGH or LOW;
see Figure 7
VCC = 3.0 V to 3.6 V
5.0
-
-
5.0
-
5.0
-
ns
VCC = 4.5 V to 5.5 V
5.0
-
-
5.0
-
5.0
-
ns
tWL
pulse width
LOW
MR; see Figure 8
VCC = 3.0 V to 3.6 V
5.0
-
-
5.0
-
5.0
-
ns
VCC = 4.5 V to 5.5 V
5.0
-
-
5.0
-
5.0
-
ns
tsu
set-up time
DSA, DSB to CP;
see Figure 9
VCC = 3.0 V to 3.6 V
5.0
-
-
6.0
-
6.0
-
ns
VCC = 4.5 V to 5.5 V
4.5
-
-
4.5
-
4.5
-
ns
th
hold time
DSA, DSB to CP;
see Figure 9
VCC = 3.0 V to 3.6 V
1.5
-
-
1.5
-
1.5
-
ns
VCC = 4.5 V to 5.5 V
2.0
-
-
2.0
-
2.0
-
ns


Podobny numer części - 74AHC164PW

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Nexperia B.V. All right...
74AHC164PW NEXPERIA-74AHC164PW Datasheet
265Kb / 16P
   8-bit serial-in/parallel-out shift register
Rev. 4 - 11 June 2020
74AHC164PW-Q100 NEXPERIA-74AHC164PW-Q100 Datasheet
726Kb / 19P
   Automotive product qualification in accordance with AEC-Q100
More results

Podobny opis - 74AHC164PW

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
TC74VHC9164FK TOSHIBA-TC74VHC9164FK Datasheet
666Kb / 10P
   8-Bit Shift Register (Parallel-IN/ Serial-OUT, Serial -IN/ Parallel -OUT)
2018-06-22
logo
Integral Corp.
IN74LV164 INTEGRAL-IN74LV164 Datasheet
45Kb / 6P
   8-BIT SERIAL-IN/PARALLEL-OUT SHIFT REGISTER
logo
NXP Semiconductors
74LV164 PHILIPS-74LV164 Datasheet
119Kb / 12P
   8-bit serial-in/parallel-out shift register
1998 May 07
logo
Fairchild Semiconductor
MM74HC165MX FAIRCHILD-MM74HC165MX Datasheet
79Kb / 8P
   Parallel-in/Serial-out 8-Bit Shift Register
logo
Motorola, Inc
MC5474F164 MOTOROLA-MC5474F164 Datasheet
69Kb / 3P
   8-BIT SERIAL-IN, PARALLEL-OUT SHIFT REGISTER
logo
KODENSHI_AUK CORP.
KK74LV164 KODENSHI-KK74LV164 Datasheet
476Kb / 6P
   8-BIT SERIAL-IN/PARALLEL-OUT SHIFT REGISTER
logo
Texas Instruments
CD54AC164 TI-CD54AC164_08 Datasheet
457Kb / 16P
[Old version datasheet]   8-Bit Serial-In/Parallel-Out Shift Register
CD54AC164 TI-CD54AC164_07 Datasheet
427Kb / 16P
[Old version datasheet]   8-Bit Serial-In/Parallel-Out Shift Register
logo
NXP Semiconductors
74HC_HCT165 PHILIPS-74HC_HCT165_15 Datasheet
139Kb / 22P
   8-bit parallel-in/serial out shift register
Rev. 03-14 March 2008
74AHC_AHCT164 PHILIPS-74AHC_AHCT164_15 Datasheet
109Kb / 18P
   8-bit serial-in/parallel-out shift register
Rev. 03-24 April 2008
logo
Nexperia B.V. All right...
74AHCT164 NEXPERIA-74AHCT164 Datasheet
265Kb / 16P
   8-bit serial-in/parallel-out shift register
Rev. 4 - 11 June 2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com