Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74AHCT164D Arkusz danych(PDF) 1 Page - NXP Semiconductors

Numer części 74AHCT164D
Szczegółowy opis  8-bit serial-in/parallel-out shift register
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  NXP [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo NXP - NXP Semiconductors

74AHCT164D Arkusz danych(HTML) 1 Page - NXP Semiconductors

  74AHCT164D Datasheet HTML 1Page - NXP Semiconductors 74AHCT164D Datasheet HTML 2Page - NXP Semiconductors 74AHCT164D Datasheet HTML 3Page - NXP Semiconductors 74AHCT164D Datasheet HTML 4Page - NXP Semiconductors 74AHCT164D Datasheet HTML 5Page - NXP Semiconductors 74AHCT164D Datasheet HTML 6Page - NXP Semiconductors 74AHCT164D Datasheet HTML 7Page - NXP Semiconductors 74AHCT164D Datasheet HTML 8Page - NXP Semiconductors 74AHCT164D Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
1.
General description
The 74AHC164; 74AHCT164 shift register is a high-speed Si-gate CMOS device and is
pin compatible with Low-power Schottky TTL (LSTTL). It is specified in compliance with
JEDEC standard No. 7A.
The 74AHC164; 74AHCT164 input signals are 8-bit serial through one of two inputs (DSA
or DSB); either input can be used as an active HIGH enable for data entry through the
other input. Both inputs must be connected together or an unused input must be tied
HIGH.
Data shifts one place to the right on each LOW-to-HIGH transition of the clock input (CP)
and enters into output Q0, which is a logical AND of the two data inputs (DSA and DSB)
that existed one set-up time prior to the rising clock edge.
A LOW-level on the master reset (MR) input overrides all other inputs and clears the
register asynchronously, forcing all outputs LOW.
2.
Features
I Balanced propagation delays
I All inputs have Schmitt-trigger actions
I Inputs accept voltages higher than VCC
I Input levels:
N For 74AHC164: CMOS level
N For 74AHCT164: TTL level
I ESD protection:
N HBM EIA/JESD22-A114E exceeds 2000 V
N MM EIA/JESD22-A115-A exceeds 200 V
N CDM EIA/JESD22-C101C exceeds 1000 V
I Multiple package options
I Specified from −40 °C to +85 °C and from −40 °C to +125 °C
74AHC164; 74AHCT164
8-bit serial-in/parallel-out shift register
Rev. 03 — 24 April 2008
Product data sheet


Podobny numer części - 74AHCT164D

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Nexperia B.V. All right...
74AHCT164D NEXPERIA-74AHCT164D Datasheet
265Kb / 16P
   8-bit serial-in/parallel-out shift register
Rev. 4 - 11 June 2020
74AHCT164D-Q100 NEXPERIA-74AHCT164D-Q100 Datasheet
726Kb / 19P
   Automotive product qualification in accordance with AEC-Q100
logo
Diodes Incorporated
74AHCT164D14 DIODES-74AHCT164D14 Datasheet
541Kb / 10P
   8-BIT PARALLEL-OUT SERIAL SHIFT REGISTERS
More results

Podobny opis - 74AHCT164D

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
TC74VHC9164FK TOSHIBA-TC74VHC9164FK Datasheet
666Kb / 10P
   8-Bit Shift Register (Parallel-IN/ Serial-OUT, Serial -IN/ Parallel -OUT)
2018-06-22
logo
Integral Corp.
IN74LV164 INTEGRAL-IN74LV164 Datasheet
45Kb / 6P
   8-BIT SERIAL-IN/PARALLEL-OUT SHIFT REGISTER
logo
NXP Semiconductors
74LV164 PHILIPS-74LV164 Datasheet
119Kb / 12P
   8-bit serial-in/parallel-out shift register
1998 May 07
logo
Fairchild Semiconductor
MM74HC165MX FAIRCHILD-MM74HC165MX Datasheet
79Kb / 8P
   Parallel-in/Serial-out 8-Bit Shift Register
logo
Motorola, Inc
MC5474F164 MOTOROLA-MC5474F164 Datasheet
69Kb / 3P
   8-BIT SERIAL-IN, PARALLEL-OUT SHIFT REGISTER
logo
KODENSHI_AUK CORP.
KK74LV164 KODENSHI-KK74LV164 Datasheet
476Kb / 6P
   8-BIT SERIAL-IN/PARALLEL-OUT SHIFT REGISTER
logo
Texas Instruments
CD54AC164 TI-CD54AC164_08 Datasheet
457Kb / 16P
[Old version datasheet]   8-Bit Serial-In/Parallel-Out Shift Register
CD54AC164 TI-CD54AC164_07 Datasheet
427Kb / 16P
[Old version datasheet]   8-Bit Serial-In/Parallel-Out Shift Register
logo
NXP Semiconductors
74HC_HCT165 PHILIPS-74HC_HCT165_15 Datasheet
139Kb / 22P
   8-bit parallel-in/serial out shift register
Rev. 03-14 March 2008
74AHC_AHCT164 PHILIPS-74AHC_AHCT164_15 Datasheet
109Kb / 18P
   8-bit serial-in/parallel-out shift register
Rev. 03-24 April 2008
logo
Nexperia B.V. All right...
74AHCT164 NEXPERIA-74AHCT164 Datasheet
265Kb / 16P
   8-bit serial-in/parallel-out shift register
Rev. 4 - 11 June 2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com