Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74AHC259PW Arkusz danych(PDF) 7 Page - NXP Semiconductors

Numer części 74AHC259PW
Szczegółowy opis  8-bit addressable latch
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  NXP [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo NXP - NXP Semiconductors

74AHC259PW Arkusz danych(HTML) 7 Page - NXP Semiconductors

Back Button 74AHC259PW Datasheet HTML 3Page - NXP Semiconductors 74AHC259PW Datasheet HTML 4Page - NXP Semiconductors 74AHC259PW Datasheet HTML 5Page - NXP Semiconductors 74AHC259PW Datasheet HTML 6Page - NXP Semiconductors 74AHC259PW Datasheet HTML 7Page - NXP Semiconductors 74AHC259PW Datasheet HTML 8Page - NXP Semiconductors 74AHC259PW Datasheet HTML 9Page - NXP Semiconductors 74AHC259PW Datasheet HTML 10Page - NXP Semiconductors 74AHC259PW Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
74AHC_AHCT259_2
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 02 — 15 May 2008
7 of 17
NXP Semiconductors
74AHC259; 74AHCT259
8-bit addressable latch
10. Dynamic characteristics
II
input leakage
current
VI = 5.5 V or GND;
VCC = 0 V to 5.5 V
-
-
0.1
-
1.0
-
2.0
µA
ICC
supply current
VI =VCC or GND; IO = 0 A;
VCC = 5.5 V
-
-
4.0
-
40
-
80
µA
∆ICC
additional
supply current
per input pin; VI =VCC − 2.1 V;
other pins at VCC or GND;
IO = 0 A; VCC = 4.5 V to 5.5 V
-
-
1.35
-
1.5
-
1.5
mA
CI
input
capacitance
VI =VCC or GND
-
3
10
-
10
-
10
pF
CO
output
capacitance
-4
-
-
-
-
-
pF
Table 7.
Static characteristics …continued
At recommended operating conditions; voltages are referenced to GND (ground = 0 V).
Symbol Parameter
Conditions
25
°C
−40 °C to +85 °C −40 °C to +125 °C Unit
Min
Typ
Max
Min
Max
Min
Max
Table 8.
Dynamic characteristics
Voltages are referenced to GND (ground = 0 V); for test circuit see Figure 11.
Symbol Parameter
Conditions
25
°C
−40 °C to +85 °C −40 °C to +125 °C Unit
Min
Typ[1] Max
Min
Max
Min
Max
74AHC259
tpd
propagation
delay
D to Qn; see Figure 5
[2]
VCC = 3.0 V to 3.6 V
CL = 15 pF
-
5.8
11.5
1.0
13.5
1.0
15.0
ns
CL = 50 pF
-
7.3
14.5
1.0
17.0
1.0
18.5
ns
VCC = 4.5 V to 5.5 V
CL = 15 pF
-
4.1
7.5
1.0
9.0
1.0
10.0
ns
CL = 50 pF
-
5.3
9.5
1.0
11.0
1.0
12.0
ns
An to Qn; see Figure 6
[2]
VCC = 3.0 V to 3.6 V
CL = 15 pF
-
7.5
14.5
1.0
17.0
1.0
18.5
ns
CL = 50 pF
-
9.1
18.0
1.0
21.0
1.0
23.0
ns
VCC = 4.5 V to 5.5 V
CL = 15 pF
-
5.3
9.5
1.0
11.5
1.0
12.5
ns
CL = 50 pF
-
6.5
11.5
1.0
13.5
1.0
15.0
ns
LE to Qn; see Figure 7
[2]
VCC = 3.0 V to 3.6 V
CL = 15 pF
-
6.2
12.0
1.0
14.0
1.0
15.2
ns
CL = 50 pF
-
7.7
15.5
1.0
17.5
1.0
19.0
ns
VCC = 4.5 V to 5.5 V
CL = 15 pF
-
4.3
8.0
1.0
9.5
1.0
10.5
ns
CL = 50 pF
-
5.5
10.0
1.0
11.5
1.0
12.5
ns


Podobny numer części - 74AHC259PW

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
74AHC259PW PHILIPS-74AHC259PW Datasheet
95Kb / 20P
   8-bit addressable latch
2000 Mar 14
More results

Podobny opis - 74AHC259PW

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Hitachi Semiconductor
HD74AC259 HITACHI-HD74AC259 Datasheet
69Kb / 11P
   8-bit Addressable Latch
logo
Fairchild Semiconductor
DM9334 FAIRCHILD-DM9334 Datasheet
65Kb / 5P
   8-Bit Addressable Latch
logo
STMicroelectronics
HCC4724B STMICROELECTRONICS-HCC4724B Datasheet
302Kb / 14P
   8 BIT ADDRESSABLE LATCH
logo
ON Semiconductor
MC74AC259 ONSEMI-MC74AC259_15 Datasheet
96Kb / 9P
   8-Bit Addressable Latch
March, 2015 ??Rev. 7
logo
Texas Instruments
NTE4099B TI-NTE4099B Datasheet
976Kb / 16P
[Old version datasheet]   8-Bit Addressable Latch
logo
Toshiba Semiconductor
TC40H259P TOSHIBA-TC40H259P Datasheet
230Kb / 5P
   8-BIT ADDRESSABLE LATCH
logo
NXP Semiconductors
74HC259 NXP-74HC259 Datasheet
134Kb / 21P
   8-bit addressable latch
Rev. 04-25 February 2009
logo
Renesas Technology Corp
HD74AC259 RENESAS-HD74AC259 Datasheet
217Kb / 8P
   8-bit Addressable Latch
logo
Toshiba Semiconductor
TC74HC259AP TOSHIBA-TC74HC259AP_07 Datasheet
361Kb / 10P
   8-Bit Addressable Latch
logo
NXP Semiconductors
74HC_HCT259 PHILIPS-74HC_HCT259_15 Datasheet
162Kb / 22P
   8-bit addressable latch
Rev. 5-7 August 2012
logo
National Semiconductor ...
93L34 NSC-93L34 Datasheet
93Kb / 8P
   8-Bit Addressable Latch
June 1989
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com