Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BTA204S Arkusz danych(PDF) 9 Page - NXP Semiconductors

Numer części BTA204S
Szczegółowy opis  Three-quadrant triacs high commutation
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  NXP [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo NXP - NXP Semiconductors

BTA204S Arkusz danych(HTML) 9 Page - NXP Semiconductors

Back Button BTA204S Datasheet HTML 5Page - NXP Semiconductors BTA204S Datasheet HTML 6Page - NXP Semiconductors BTA204S Datasheet HTML 7Page - NXP Semiconductors BTA204S Datasheet HTML 8Page - NXP Semiconductors BTA204S Datasheet HTML 9Page - NXP Semiconductors BTA204S Datasheet HTML 10Page - NXP Semiconductors BTA204S Datasheet HTML 11Page - NXP Semiconductors BTA204S Datasheet HTML 12Page - NXP Semiconductors BTA204S Datasheet HTML 13Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
9397 750 14862
© Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 03 — 24 May 2005
9 of 13
Philips Semiconductors
BTA204S series B and C
Three-quadrant triacs high communication
9.
Package outline
Fig 12. Package outline SOT428 (DPAK)
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
JEITA
SOT428
SC-63
TO-252
SOT428
05-02-09
05-02-11
DIMENSIONS (mm are the original dimensions)
Plastic single-ended surface mounted package (DPAK); 3 leads (one lead cropped)
A
2
13
E1
D2
D1
HD
L
L1
L2
e1
e
mounting
base
wA
M
b
E
b2
b1
c
A1
y
0
5
10 mm
scale
UNIT
mm
0.93
0.73
5.46
5.00
0.56
0.20
6.22
5.98
6.73
6.47
10.4
9.6
2.95
2.55
A1
2.38
2.22
Ab2
1.1
0.9
b1
e1
0.89
0.71
bc
D1
0.9
0.5
L2
Ee
2.285
4.57
4.0
D2
min
4.45
E1
min
0.5
L1
min
HD
Lw
0.2
y
max
0.2
A


Podobny numer części - BTA204S

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
BTA204S-1000C NXP-BTA204S-1000C Datasheet
667Kb / 15P
   3Q Hi-Com Triac High blocking voltage capability
Rev. 1-6 June 2011
logo
WeEn Semiconductors
BTA204S-1000C WEEN-BTA204S-1000C Datasheet
264Kb / 13P
   3Q Hi-Com Triac
logo
NXP Semiconductors
BTA204S-500B PHILIPS-BTA204S-500B Datasheet
53Kb / 6P
   Three quadrant triacs high commutation
ecember 1998 Rev 1.000
BTA204S-500C PHILIPS-BTA204S-500C Datasheet
53Kb / 6P
   Three quadrant triacs high commutation
ecember 1998 Rev 1.000
BTA204S-500D PHILIPS-BTA204S-500D Datasheet
67Kb / 8P
   Three quadrant triacs guaranteed commutation
December 1998
More results

Podobny opis - BTA204S

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
BTA212B PHILIPS-BTA212B Datasheet
49Kb / 6P
   Three quadrant triacs high commutation
September 1997 Rev 1.200
BTA216X PHILIPS-BTA216X Datasheet
49Kb / 5P
   Three quadrant triacs high commutation
October 1999 Rev 1.000
BTA212XB PHILIPS-BTA212XB Datasheet
54Kb / 6P
   Three quadrant triacs high commutation
September 1997 Rev 1.200
logo
WeEn Semiconductors
BTA212B WEEN-BTA212B Datasheet
923Kb / 8P
   Three quadrant triacs high commutation
logo
NXP Semiconductors
BTA208X-1000C0 NXP-BTA208X-1000C0 Datasheet
196Kb / 12P
   High commutation three-quadrant triacs
Rev. 01-3 September 2009
BTA208B PHILIPS-BTA208B Datasheet
22Kb / 4P
   Three quadrant triacs high commutation
September 1997 Rev 1.200
BTA212 PHILIPS-BTA212 Datasheet
45Kb / 4P
   Three quadrant triacs high commutation
October 1997 Rev 1.000
BTA212B PHILIPS-BTA212B Datasheet
22Kb / 4P
   Three quadrant triacs high commutation
September 1997 Rev 1.200
BTA212X PHILIPS-BTA212X Datasheet
20Kb / 4P
   Three quadrant triacs high commutation
October 1997 Rev 1.000
BTA225 PHILIPS-BTA225 Datasheet
61Kb / 8P
   Three quadrant triacs high commutation
September 1997
BTA225 PHILIPS-BTA225 Datasheet
17Kb / 4P
   Three quadrant triacs high commutation
September 1997
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com