Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ISL21070CIH310Z-TK Arkusz danych(PDF) 5 Page - Intersil Corporation

Numer części ISL21070CIH310Z-TK
Szczegółowy opis  25關A Micropower Voltage References
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  INTERSIL [Intersil Corporation]
Strona internetowa  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL21070CIH310Z-TK Arkusz danych(HTML) 5 Page - Intersil Corporation

  ISL21070CIH310Z-TK Datasheet HTML 1Page - Intersil Corporation ISL21070CIH310Z-TK Datasheet HTML 2Page - Intersil Corporation ISL21070CIH310Z-TK Datasheet HTML 3Page - Intersil Corporation ISL21070CIH310Z-TK Datasheet HTML 4Page - Intersil Corporation ISL21070CIH310Z-TK Datasheet HTML 5Page - Intersil Corporation ISL21070CIH310Z-TK Datasheet HTML 6Page - Intersil Corporation ISL21070CIH310Z-TK Datasheet HTML 7Page - Intersil Corporation ISL21070CIH310Z-TK Datasheet HTML 8Page - Intersil Corporation ISL21070CIH310Z-TK Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
ISL21070
5
FN7599.0
March 19, 2010
Electrical Specifications (ISL21070-33, VOUT = 3.3V) VIN = 5V, TA = -40°C to +85°C, IOUT = 0, unless
otherwise specified.Boldface limits apply over the operating temperature range,
-40°C to +85°C.
SYMBOL
PARAMETER
CONDITIONS
MIN
(Note 10) TYP
MAX
(Note 10) UNIT
VOUT
Output Voltage
3.3
V
VOA
VOUT Accuracy @ TA = +25°C
ISL21070 C-grade
-0.2
+0.2
%
TC VOUT
Output Voltage Temperature
Coefficient (Note 7)
ISL21070 C-grade
50
ppm/°
C
VIN
Input Voltage Range
3.5
5.5
V
IIN
Supply Current
VEN = VIN
25
µA
ΔVOUT/ΔVIN
Line Regulation
3.5V < VIN < 5.5V
50
100
ΔVOUT/ΔIOUT
Load Regulation
Sourcing: 0mA ≤ IOUT ≤ 10mA
20
70
µV/mA
Sinking: -10mA ≤ IOUT ≤ 0mA
20
70
µV/mA
ISC
Short Circuit Current
TA = +25°C, VOUT tied to GND
30
mA
tR
Turn-on Settling Time
VOUT = ±0.1%
150
µs
Ripple Rejection
f = 10kHz
-20
dB
eN
Output Voltage Noise
0.1Hz ≤ f ≤ 10Hz
30
µVP-P
VN
Broadband Voltage Noise
10Hz ≤ f ≤ 10kHz
10
µVRMS
ΔVOUT/ΔTA
Thermal Hysteresis (Note 8)
ΔTA = +125°C
100
ppm
ΔVOUT/Δt
Long Term Stability (Note 9)
TA = +25°C
50
ppm
NOTES:
7. Over the specified temperature range. Temperature coefficient is measured by the box method whereby the change in VOUT
is divided by the temperature range; in this case, -40°C to +85°C = +125°C.
8. Thermal Hysteresis is the change of VOUT measured @ TA = +25°C after temperature cycling over a specified range, ΔTA. VOUT
is read initially at TA = +25°C for the device under test. The device is temperature cycled and a second VOUT measurement
is taken at +25°C. The difference between the initial VOUT reading and the second VOUT reading is then expressed in ppm.
For Δ TA = +125°C, the device under test is cycled from +25°C to +85°C to -40°C to +25°C.
9. Long term drift is logarithmic in nature and diminishes over time. Drift after the first 1000 hours will be approximately
10ppm/√1khrs
10. Parameters with MIN and/or MAX limits are 100% tested at +25°C, unless otherwise specified. Temperature limits established
by characterization and are not production tested.


Podobny numer części - ISL21070CIH310Z-TK

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
ISL21070CIH320Z-TK INTERSIL-ISL21070CIH320Z-TK Datasheet
416Kb / 11P
   25關A Micropower Voltage References Low Power Standby Voltages
ISL21070CIH320Z-TK INTERSIL-ISL21070CIH320Z-TK Datasheet
512Kb / 11P
   25µA Micropower Voltage References
September 3, 2015
logo
Renesas Technology Corp
ISL21070CIH320Z-TK RENESAS-ISL21070CIH320Z-TK Datasheet
777Kb / 12P
   25關A Micropower Voltage References
logo
Intersil Corporation
ISL21070CIH325Z-TK INTERSIL-ISL21070CIH325Z-TK Datasheet
416Kb / 11P
   25關A Micropower Voltage References Low Power Standby Voltages
ISL21070CIH325Z-TK INTERSIL-ISL21070CIH325Z-TK Datasheet
512Kb / 11P
   25µA Micropower Voltage References
September 3, 2015
More results

Podobny opis - ISL21070CIH310Z-TK

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Renesas Technology Corp
ISL21070 RENESAS-ISL21070 Datasheet
777Kb / 12P
   25關A Micropower Voltage References
logo
Intersil Corporation
ISL21070 INTERSIL-ISL21070_11 Datasheet
416Kb / 11P
   25關A Micropower Voltage References Low Power Standby Voltages
logo
Texas Instruments
LM285-2-5 TI-LM285-2-5 Datasheet
669Kb / 18P
[Old version datasheet]   MICROPOWER VOLTAGE REFERENCES
LM285-2.5 TI1-LM285-2.5_16 Datasheet
1Mb / 25P
[Old version datasheet]   Micropower Voltage References
LM285-1.2 TI1-LM285-1.2_16 Datasheet
1Mb / 25P
[Old version datasheet]   Micropower Voltage References
LM385-1.2-MIL TI1-LM385-1.2-MIL Datasheet
402Kb / 16P
[Old version datasheet]   Micropower Voltage References
LM385LPE3-2-5 TI1-LM385LPE3-2-5 Datasheet
651Kb / 18P
[Old version datasheet]   MICROPOWER VOLTAGE REFERENCES
LM285 TI-LM285 Datasheet
307Kb / 15P
[Old version datasheet]   MICROPOWER VOLTAGE REFERENCES
LM385B-2.5 TI-LM385B-2.5 Datasheet
263Kb / 14P
[Old version datasheet]   MICROPOWER VOLTAGE REFERENCES
LM285-2.5 TI-LM285-2.5 Datasheet
263Kb / 14P
[Old version datasheet]   MICROPOWER VOLTAGE REFERENCES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com