Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ISL21070CIH325Z-TK Arkusz danych(PDF) 2 Page - Intersil Corporation

Numer części ISL21070CIH325Z-TK
Szczegółowy opis  25關A Micropower Voltage References
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  INTERSIL [Intersil Corporation]
Strona internetowa  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL21070CIH325Z-TK Arkusz danych(HTML) 2 Page - Intersil Corporation

  ISL21070CIH325Z-TK Datasheet HTML 1Page - Intersil Corporation ISL21070CIH325Z-TK Datasheet HTML 2Page - Intersil Corporation ISL21070CIH325Z-TK Datasheet HTML 3Page - Intersil Corporation ISL21070CIH325Z-TK Datasheet HTML 4Page - Intersil Corporation ISL21070CIH325Z-TK Datasheet HTML 5Page - Intersil Corporation ISL21070CIH325Z-TK Datasheet HTML 6Page - Intersil Corporation ISL21070CIH325Z-TK Datasheet HTML 7Page - Intersil Corporation ISL21070CIH325Z-TK Datasheet HTML 8Page - Intersil Corporation ISL21070CIH325Z-TK Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
ISL21070
2
FN7599.0
March 19, 2010
Typical Application Circuit
Pin Configuration
ISL21070
(3 LD SOT-23)
TOP VIEW
0.1µF
VIN
VOUT
GND
ISL21070
VOUT SENSE
LOAD
+
10µF
2.7V TO 5.5V
1
2
3
VOUT
GND
VIN
Pin Descriptions
PIN NUMBER
PIN NAME
DESCRIPTION
1
VIN
Input Voltage Connection. Range: 2.7 to 5.5V
2VOUT
Voltage Reference Output.
3
GND
Ground Connection
Ordering Information
PART NUMBER
(Notes 1, 2, 3)
PART
MARKING
VOUT OPTION
(V)
GRADE
TEMP. RANGE
(°C)
PACKAGE
(Pb-Free)
PKG.
DWG. #
ISL21070CIH310Z-TK
BCGA
1.024
±0.5%, 30ppm/°C
-40 to +85
3 Ld SOT-23
P3.064
ISL21070CIH320Z-TK
BCHA
2.048
±0.25%, 30ppm/°C
-40 to +85
3 Ld SOT-23
P3.064
ISL21070CIH325Z-TK
BCJA
2.5
±0.2%, 30ppm/°C
-40 to +85
3 Ld SOT-23
P3.064
ISL21070CIH333Z-TK
BCKA
3.3
±0.2%, 30ppm/°C
-40 to +85
3 Ld SOT-23
P3.064
NOTES:
1. Please refer to TB347 for details on reel specifications.
2. These Intersil Pb-free plastic packaged products employ special Pb-free material sets, molding compounds/die attach
materials, and 100% matte tin plate plus anneal (e3 termination finish, which is RoHS compliant and compatible with both
SnPb and Pb-free soldering operations). Intersil Pb-free products are MSL classified at Pb-free peak reflow temperatures that
meet or exceed the Pb-free requirements of IPC/JEDEC J STD-020.
3. For Moisture Sensitivity Level (MSL), please see device information page for ISL21070. For more information on MSL please
see techbrief TB363.


Podobny numer części - ISL21070CIH325Z-TK

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
ISL21070CIH325Z-TK INTERSIL-ISL21070CIH325Z-TK Datasheet
416Kb / 11P
   25關A Micropower Voltage References Low Power Standby Voltages
ISL21070CIH325Z-TK INTERSIL-ISL21070CIH325Z-TK Datasheet
512Kb / 11P
   25µA Micropower Voltage References
September 3, 2015
logo
Renesas Technology Corp
ISL21070CIH325Z-TK RENESAS-ISL21070CIH325Z-TK Datasheet
777Kb / 12P
   25關A Micropower Voltage References
More results

Podobny opis - ISL21070CIH325Z-TK

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Renesas Technology Corp
ISL21070 RENESAS-ISL21070 Datasheet
777Kb / 12P
   25關A Micropower Voltage References
logo
Intersil Corporation
ISL21070 INTERSIL-ISL21070_11 Datasheet
416Kb / 11P
   25關A Micropower Voltage References Low Power Standby Voltages
logo
Texas Instruments
LM285-2-5 TI-LM285-2-5 Datasheet
669Kb / 18P
[Old version datasheet]   MICROPOWER VOLTAGE REFERENCES
LM285-2.5 TI1-LM285-2.5_16 Datasheet
1Mb / 25P
[Old version datasheet]   Micropower Voltage References
LM285-1.2 TI1-LM285-1.2_16 Datasheet
1Mb / 25P
[Old version datasheet]   Micropower Voltage References
LM385-1.2-MIL TI1-LM385-1.2-MIL Datasheet
402Kb / 16P
[Old version datasheet]   Micropower Voltage References
LM385LPE3-2-5 TI1-LM385LPE3-2-5 Datasheet
651Kb / 18P
[Old version datasheet]   MICROPOWER VOLTAGE REFERENCES
LM285 TI-LM285 Datasheet
307Kb / 15P
[Old version datasheet]   MICROPOWER VOLTAGE REFERENCES
LM385B-2.5 TI-LM385B-2.5 Datasheet
263Kb / 14P
[Old version datasheet]   MICROPOWER VOLTAGE REFERENCES
LM285-2.5 TI-LM285-2.5 Datasheet
263Kb / 14P
[Old version datasheet]   MICROPOWER VOLTAGE REFERENCES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com