Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

DAC1008D650 Arkusz danych(PDF) 6 Page - NXP Semiconductors

Numer części DAC1008D650
Szczegółowy opis  Dual 10-bit DAC up to 650 Msps; 2횞, 4횞 or 8횞 interpolating with JESD204A interface
Download  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  NXP [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo NXP - NXP Semiconductors

DAC1008D650 Arkusz danych(HTML) 6 Page - NXP Semiconductors

Back Button DAC1008D650 Datasheet HTML 2Page - NXP Semiconductors DAC1008D650 Datasheet HTML 3Page - NXP Semiconductors DAC1008D650 Datasheet HTML 4Page - NXP Semiconductors DAC1008D650 Datasheet HTML 5Page - NXP Semiconductors DAC1008D650 Datasheet HTML 6Page - NXP Semiconductors DAC1008D650 Datasheet HTML 7Page - NXP Semiconductors DAC1008D650 Datasheet HTML 8Page - NXP Semiconductors DAC1008D650 Datasheet HTML 9Page - NXP Semiconductors DAC1008D650 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 98 page
background image
DAC1008D650
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Preliminary data sheet
Rev. 1 — 1 October 2010
6 of 98
NXP Semiconductors
DAC1008D650
2
×, 4× or 8× interpolating DAC with JESD204A
[1]
P: power supply; G: ground; I: input; O: output.
[2]
H = heatsink (exposed die pad to be soldered to GND. A minimum of 81 thermal vias are required)
7.
Limiting values
[1]
The supply voltage VDDA(3V3) may have any value between −0.5 V and +4.6 V provided that the supply voltage differences ΔVCC are
respected.
[2]
The supply voltages VDDA(1V8) and VDDD may have any value between −0.5 V and +2.5 V provided that the supply voltage differences
ΔV
CC are respected.
8.
Thermal characteristics
[1]
Complies with JEDEC test board, in free air.
VIN_N0
52
I
serial interface lane 0 negative input
VIN_P0
53
I
serial interface lane 0 positive input
VDDD(1V8)
54
P
digital supply voltage 1.8 V
VIN_P1
55
I
serial interface lane 1 positive input
VIN_N1
56
I
serial interface lane 1 negative input
VIN_N2
57
I
serial interface lane 2 negative input
VIN_P2
58
I
serial interface lane 2 positive input
VDDD(1V8)
59
P
digital supply voltage 1.8 V
VIN_P3
60
I
serial interface lane 3 positive input
VIN_N3
61
I
serial interface lane 3 negative input
n.c.
62
-
not connected
n.c.
63
-
not connected
JTAG
64
I
JTAG test mode select (must be grounded)
GND
H[2]
G
ground
Table 2.
Pin description …continued
Symbol
Pin
Type[1]
Description
Table 3.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
VDDA(3V3)
analog supply voltage (3.3 V)
[1]
−0.5
+4.6
V
VDDA(1V8)
analog supply voltage (1.8 V)
[2]
−0.5
+2.5
V
VDDD
digital supply voltage
[2]
−0.5
+2.5
V
Tstg
storage temperature
−55
+150
°C
Tamb
ambient temperature
−40
+85
°C
Tj
junction temperature
−40
+125
°C
Table 4.
Thermal characteristics
Symbol
Parameter
Conditions
Typ
Unit
Rth(j-a)
thermal resistance from junction to ambient
[1] 18.7
K/W
Rth(j-c)
thermal resistance from junction to case
[1] 6.7
K/W


Podobny numer części - DAC1008D650

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
DAC1008D650 NXP-DAC1008D650 Datasheet
568Kb / 98P
   Dual 10-bit DAC; up to 650 Msps; 2횞, 4횞 or 8횞 interpolating with JESD204A interface
Rev. 2-17 December 2010
logo
Renesas Technology Corp
DAC1008D650 RENESAS-DAC1008D650 Datasheet
631Kb / 96P
   Dual 10-bit DAC; up to 650 Msps; 2, 4 or 8 interpolating with JESD204A interface
2 July 2012
logo
NXP Semiconductors
DAC1008D650HN NXP-DAC1008D650HN Datasheet
568Kb / 98P
   Dual 10-bit DAC; up to 650 Msps; 2횞, 4횞 or 8횞 interpolating with JESD204A interface
Rev. 2-17 December 2010
logo
Renesas Technology Corp
DAC1008D650HN RENESAS-DAC1008D650HN Datasheet
631Kb / 96P
   Dual 10-bit DAC; up to 650 Msps; 2, 4 or 8 interpolating with JESD204A interface
2 July 2012
logo
NXP Semiconductors
DAC1008D650_1012 NXP-DAC1008D650_1012 Datasheet
568Kb / 98P
   Dual 10-bit DAC; up to 650 Msps; 2횞, 4횞 or 8횞 interpolating with JESD204A interface
Rev. 2-17 December 2010
More results

Podobny opis - DAC1008D650

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
DAC1008D650_1012 NXP-DAC1008D650_1012 Datasheet
568Kb / 98P
   Dual 10-bit DAC; up to 650 Msps; 2횞, 4횞 or 8횞 interpolating with JESD204A interface
Rev. 2-17 December 2010
DAC1208D650 NXP-DAC1208D650 Datasheet
573Kb / 98P
   Dual 12-bit DAC; up to 650 Msps; 2횞, 4횞 or 8횞 interpolating with JESD204A interface
Rev. 2-14 December 2010
DAC1008D750 NXP-DAC1008D750 Datasheet
2Mb / 99P
   Dual 10-bit DAC up to 750 Msps 2횞, 4횞 or 8횞 interpolating with JESD204A interface
Rev. 01-4 October 2010
DAC1208D750 NXP-DAC1208D750 Datasheet
571Kb / 98P
   Dual 12-bit DAC; up to 750 Msps; 2횞, 4횞 or 8횞 interpolating with JESD204A interface
Rev. 2-6 December 2010
DAC1408D750 NXP-DAC1408D750 Datasheet
2Mb / 98P
   Dual 14-bit DAC; up to 750 Msps; 2횞, 4횞 or 8횞 interpolating with JESD204A interface
Rev. 2-2 December 2010
DAC1008D750 NXP-DAC1008D750_11 Datasheet
564Kb / 99P
   Dual 10-bit DAC; up to 750 Msps; 2횞, 4횞 or 8횞 interpolating
Rev. 2-5 January 2011
logo
Renesas Technology Corp
DAC1008D650 RENESAS-DAC1008D650 Datasheet
631Kb / 96P
   Dual 10-bit DAC; up to 650 Msps; 2, 4 or 8 interpolating with JESD204A interface
2 July 2012
logo
NXP Semiconductors
DAC1405D750 NXP-DAC1405D750 Datasheet
324Kb / 43P
   Dual 14-bit DAC, up to 750 Msps; 4횞 and 8횞 interpolating
Rev. 01-10 March 2010
DAC1408D650_1011 NXP-DAC1408D650_1011 Datasheet
2Mb / 98P
   Dual 14-bit DAC; up to 650 Msps; 2?? 4??or 8??interpolating with JESD204A interface
Rev. 4-26 November 2010
logo
Integrated Device Techn...
DAC1408D650 IDT-DAC1408D650 Datasheet
689Kb / 96P
   Dual 14-bit DAC; up to 650 Msps; 2?? 4??or 8??interpolating with JESD204A interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com