Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TDA8034AT Arkusz danych(PDF) 6 Page - NXP Semiconductors

Numer części TDA8034AT
Szczegółowy opis  Smart card interface
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  NXP [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo NXP - NXP Semiconductors

TDA8034AT Arkusz danych(HTML) 6 Page - NXP Semiconductors

Back Button TDA8034AT Datasheet HTML 2Page - NXP Semiconductors TDA8034AT Datasheet HTML 3Page - NXP Semiconductors TDA8034AT Datasheet HTML 4Page - NXP Semiconductors TDA8034AT Datasheet HTML 5Page - NXP Semiconductors TDA8034AT Datasheet HTML 6Page - NXP Semiconductors TDA8034AT Datasheet HTML 7Page - NXP Semiconductors TDA8034AT Datasheet HTML 8Page - NXP Semiconductors TDA8034AT Datasheet HTML 9Page - NXP Semiconductors TDA8034AT Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 29 page
background image
TDA8034T_TDA8034AT
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 2.0. — 12 November 2010
6 of 29
NXP Semiconductors
TDA8034T; TDA8034AT
Smart card interface
The voltage supervisor monitors the voltage of the VDDP and VDD supplies providing both
Power-On Reset (POR) and supply drop-out detection during a card session. The
supervisor threshold voltages for VDDP and VDD are set internally. As long as VDD is less
than Vth + Vhys, the IC remains inactive irrespective of the command line levels. After VDD
has reached a level higher than Vth + Vhys, the IC remains inactive for the duration of tw.
The output of the supervisor is sent to a digital controller in order to reset the
TDA8034T/TDA8034AT. This defined reset pulse of approximately 8 ms, i.e. (tw = 1024 ×
1
fosc(int)low), is used internally to maintain the IC in the Shutdown mode during the supply
voltage power on; see Figure 4. A deactivation sequence is performed when either VDD or
VDDP falls below Vth.
Remark: fosc(int)low is the low frequency (or inactive) mode of the defined fosc(int)
parameter.
8.3 Clock circuits
The clock signal from pin CLK to the card is either supplied by an external clock signal
connected to pin XTAL1 or generated using a crystal connected between pins XTAL1 and
XTAL2. The TDA8034T/TDA8034AT automatically detects if an external clock is
connected to XTAL1, eliminating the need for a separate pin to select the clock source.
Automatic clock source detection is performed on each activation command (falling edge
of the signal on pin CMDVCCN). The presence of an external clock on pin XTAL1 is
checked during a time window defined by the internal oscillator. If a clock is detected, the
internal crystal oscillator is stopped. If a clock is not detected, the internal crystal oscillator
is started. When an external clock is used, it is mandatory that the clock is applied to pin
XTAL1 before the falling edge of the signal on pin CMDVCCN.
Fig 4.
Voltage supervisor waveforms
001aak993
tw
tw
power on
supply dropout
power off
Vth + Vhys
Vth
VDD
ALARMN
(internal signal)


Podobny numer części - TDA8034AT

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
TDA8034HN NXP-TDA8034HN Datasheet
285Kb / 30P
   The TDA8034HN is a cost-effective analog interface for asynchronous and synchronous
Rev. 3.1-5 September 2011
TDA8034HN-C1,151 NXP-TDA8034HN-C1,151 Datasheet
285Kb / 30P
   The TDA8034HN is a cost-effective analog interface for asynchronous and synchronous
Rev. 3.1-5 September 2011
More results

Podobny opis - TDA8034AT

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
L6605 STMICROELECTRONICS-L6605 Datasheet
202Kb / 10P
   SMART CARD INTERFACE
logo
Linear Technology
LTC1755 LINER-LTC1755_1 Datasheet
204Kb / 16P
   Smart Card Interface
logo
Teridian Semiconductor ...
73S8010C TERIDIAN-73S8010C Datasheet
346Kb / 27P
   Smart Card Interface
73S8014RN TERIDIAN-73S8014RN Datasheet
395Kb / 28P
   Smart Card Interface
logo
Maxim Integrated Produc...
DS8113 MAXIM-DS8113 Datasheet
160Kb / 17P
   Smart Card Interface
Rev 1; 2/08
DS8023 MAXIM-DS8023 Datasheet
251Kb / 17P
   Smart Card Interface
Rev 1; 4/13
73S8014BN MAXIM-73S8014BN Datasheet
542Kb / 29P
   Smart Card Interface
Rev 2; 12/11
DS8024 MAXIM-DS8024 Datasheet
308Kb / 15P
   Smart Card Interface
Rev 2; 2/12
DS8313 MAXIM-DS8313 Datasheet
273Kb / 18P
   Smart Card Interface
Rev 1; 5/09
logo
Teridian Semiconductor ...
73S8024C TERIDIAN-73S8024C Datasheet
483Kb / 22P
   Smart Card Interface
April 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com