Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74LVC1G0832DBVRG4 Arkusz danych(PDF) 5 Page - Texas Instruments

Numer części 74LVC1G0832DBVRG4
Szczegółowy opis  SINGLE 3-INPUT POSITIVE AND-OR GATE
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

74LVC1G0832DBVRG4 Arkusz danych(HTML) 5 Page - Texas Instruments

  74LVC1G0832DBVRG4 Datasheet HTML 1Page - Texas Instruments 74LVC1G0832DBVRG4 Datasheet HTML 2Page - Texas Instruments 74LVC1G0832DBVRG4 Datasheet HTML 3Page - Texas Instruments 74LVC1G0832DBVRG4 Datasheet HTML 4Page - Texas Instruments 74LVC1G0832DBVRG4 Datasheet HTML 5Page - Texas Instruments 74LVC1G0832DBVRG4 Datasheet HTML 6Page - Texas Instruments 74LVC1G0832DBVRG4 Datasheet HTML 7Page - Texas Instruments 74LVC1G0832DBVRG4 Datasheet HTML 8Page - Texas Instruments 74LVC1G0832DBVRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
www.ti.com
Recommended Operating Conditions
(1)
SN74LVC1G0832
SINGLE 3-INPUT POSITIVE AND-OR GATE
SCES606C – SEPTEMBER 2004 – REVISED JANUARY 2007
MIN
MAX
UNIT
Operating
1.65
5.5
VCC
Supply voltage
V
Data retention only
1.5
VCC = 1.65 V to 1.95 V
0.65
× V
CC
5.5
VCC = 2.3 V to 2.7 V
1.7
5.5
VIH
High-level input voltage
V
VCC = 3 V to 3.6 V
2
5.5
VCC = 4.5 V to 5.5 V
0.7
× V
CC
5.5
VCC = 1.65 V to 1.95 V
0
0.35
× V
CC
VCC = 2.3 V to 2.7 V
0
VIL
Low-level input voltage
V
VCC = 3 V to 3.6 V
0
VCC = 4.5 V to 5.5 V
0
VO
Output voltage
0
VCC
V
VCC = 1.65 V
–4
VCC = 2.3 V
–8
IOH
High-level output current
–16
mA
VCC = 3 V
–24
VCC = 4.5 V
–32
VCC = 1.65 V
4
VCC = 2.3 V
8
IOL
Low-level output current
16
mA
VCC = 3 V
24
VCC = 4.5 V
32
VCC = 1.8 V ± 0.15 V, 2.5 V ± 0.2 V
20
∆t/∆v
Input transition rise or fall rate
VCC = 3.3 V ± 0.3 V
10
ns/V
VCC = 5 V ± 0.5 V
5
TA
Operating free-air temperature
–40
85
°C
(1)
All unused inputs of the device must be held at VCC or GND to ensure proper device operation. Refer to the TI application report,
Implications of Slow or Floating CMOS Inputs, literature number SCBA004.
5
Submit Documentation Feedback


Podobny numer części - 74LVC1G0832DBVRG4

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
74LVC1G08 PHILIPS-74LVC1G08 Datasheet
85Kb / 15P
   Single 2-input AND gate
2004 Sep 15
74LVC1G08 NXP-74LVC1G08 Datasheet
87Kb / 14P
   Single 2-input AND gate
Rev. 10-29 June 2012
logo
Diodes Incorporated
74LVC1G08 DIODES-74LVC1G08 Datasheet
199Kb / 11P
   SINGLE 2 INPUT POSITIVE AND GATE
DS32199 Rev. 1 - 2
74LVC1G08 DIODES-74LVC1G08 Datasheet
245Kb / 14P
   SINGLE 2 INPUT POSITIVE AND GATE
DS32199 Rev 2 - 2
logo
NXP Semiconductors
74LVC1G08 NXP-74LVC1G08 Datasheet
354Kb / 19P
   Single 2-input AND gate
Rev. 10-29 June 2012
More results

Podobny opis - 74LVC1G0832DBVRG4

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
SN74LVC1G3208 TI-SN74LVC1G3208 Datasheet
285Kb / 13P
[Old version datasheet]   SINGLE 3-INPUT POSITIVE OR-AND GATE
SN74LVC1G0832 TI-SN74LVC1G0832 Datasheet
281Kb / 13P
[Old version datasheet]   SINGLE 3-INPUT POSITIVE AND-OR GATE
SN74LVC1G3208 TI-SN74LVC1G3208_09 Datasheet
607Kb / 16P
[Old version datasheet]   SINGLE 3-INPUT POSITIVE OR-AND GATE
SN74LVC1G3208-Q1 TI1-SN74LVC1G3208-Q1 Datasheet
380Kb / 11P
[Old version datasheet]   SINGLE 3-INPUT POSITIVE OR-AND GATE
SN74LVC1G3208-EP TI1-SN74LVC1G3208-EP Datasheet
813Kb / 15P
[Old version datasheet]   SINGLE 3-INPUT POSITIVE OR-AND GATE
SN74LVC1G3208 TI-SN74LVC1G3208_08 Datasheet
489Kb / 15P
[Old version datasheet]   SINGLE 3-INPUT POSITIVE OR-AND GATE
SN74LVC1G332 TI1-SN74LVC1G332_16 Datasheet
1Mb / 26P
[Old version datasheet]   Single 3-Input Positive-OR Gate
SN74LVC1G332 TI-SN74LVC1G332 Datasheet
253Kb / 11P
[Old version datasheet]   SINGLE 3 INPUT POSITIVE OR GATE
logo
Unisonic Technologies
U74LVC1G11 UTC-U74LVC1G11_15 Datasheet
191Kb / 6P
   SINGLE 3-INPUT POSITIVE-AND GATE
logo
Texas Instruments
SN74LVC1G11-EP TI1-SN74LVC1G11-EP_16 Datasheet
838Kb / 12P
[Old version datasheet]   SINGLE 3-INPUT POSITIVE AND GATE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com