Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74LVC2T45 Arkusz danych(PDF) 6 Page - NXP Semiconductors

Numer części 74LVC2T45
Szczegółowy opis  Dual supply translating transceiver; 3-state
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PHILIPS [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LVC2T45 Arkusz danych(HTML) 6 Page - NXP Semiconductors

Back Button 74LVC2T45_1 Datasheet HTML 2Page - NXP Semiconductors 74LVC2T45_1 Datasheet HTML 3Page - NXP Semiconductors 74LVC2T45_1 Datasheet HTML 4Page - NXP Semiconductors 74LVC2T45_1 Datasheet HTML 5Page - NXP Semiconductors 74LVC2T45_1 Datasheet HTML 6Page - NXP Semiconductors 74LVC2T45_1 Datasheet HTML 7Page - NXP Semiconductors 74LVC2T45_1 Datasheet HTML 8Page - NXP Semiconductors 74LVC2T45_1 Datasheet HTML 9Page - NXP Semiconductors 74LVC2T45_1 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 36 page
background image
74LVC_LVCH2T45
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 4 — 20 August 2010
6 of 36
NXP Semiconductors
74LVC2T45; 74LVCH2T45
Dual supply translating transceiver; 3-state
10. Static characteristics
[1]
VCCO is the supply voltage associated with the output port.
[2]
VCCI is the supply voltage associated with the data input port.
[3]
To guarantee the node switches, an external driver must source/sink at least IBHLO/IBHHO when the input is in the range VIL to VIH.
Table 7.
Typical static characteristics at Tamb = 25 °C
At recommended operating conditions; voltages are referenced to GND (ground = 0 V).
Symbol Parameter
Conditions
Min
Typ
Max
Unit
VOH
HIGH-level output voltage
VI = VIH or VIL
IO = −3 mA; VCCO =1.2 V
[1] -1.09
-
V
VOL
LOW-level output voltage
VI = VIH or VIL
IO = 3 mA; VCCO =1.2 V
[1] -0.07
-
V
II
input leakage current
DIR input; VI = 0 V to 5.5 V;
VCCI = 1.2 V to 5.5 V
[2] --
±1
μA
IBHL
bus hold LOW current
A or B port; VI =0.42V; VCCI =1.2 V
[2] -19
-
μA
IBHH
bus hold HIGH current
A or B port; VI =0.78V; VCCI =1.2 V
[2] -
−19
-
μA
IBHLO
bus hold LOW overdrive
current
A or B port; VCCI = 1.2 V
[2][3] -19
-
μA
IBHHO
bus hold HIGH overdrive
current
A or B port; VCCI = 1.2 V
[2][3] -
−19
-
μA
IOZ
OFF-state output current
A or B port; VO =0 V or VCCO;
VCCO = 1.2 V to 5.5 V
[1] --
±1
μA
IOFF
power-off leakage current
A port; VI or VO = 0 V to 5.5 V;
VCC(A) =0V; VCC(B) = 1.2 V to 5.5 V
--
±1
μA
B port; VI or VO = 0 V to 5.5 V;
VCC(B) =0V; VCC(A) = 1.2 V to 5.5 V
--
±1
μA
CI
input capacitance
DIR input; VI = 0 V or 3.3 V;
VCC(A) =VCC(B) =3.3 V
-2.2
-pF
CI/O
input/output capacitance
A and B port; suspend mode;
VO =3.3 V or0 V; VCC(A) =VCC(B) =3.3 V
-6.0
-pF


Podobny numer części - 74LVC2T45_1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Nexperia B.V. All right...
74LVC2T45-Q100 NEXPERIA-74LVC2T45-Q100 Datasheet
377Kb / 30P
   Dual supply translating transceiver; 3-state
logo
NXP Semiconductors
74LVC2T45DC NXP-74LVC2T45DC Datasheet
907Kb / 32P
   Dual supply translating transceiver; 3-state
Rev. 03-19 January 2010
logo
Nexperia B.V. All right...
74LVC2T45DC NEXPERIA-74LVC2T45DC Datasheet
418Kb / 33P
   Dual supply translating transceiver; 3-state
Rev. 12 - 1 March 2023
74LVC2T45DC-Q100 NEXPERIA-74LVC2T45DC-Q100 Datasheet
377Kb / 30P
   Dual supply translating transceiver; 3-state
logo
NXP Semiconductors
74LVC2T45GD NXP-74LVC2T45GD Datasheet
907Kb / 32P
   Dual supply translating transceiver; 3-state
Rev. 03-19 January 2010
More results

Podobny opis - 74LVC2T45_1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
74AVCH1T45 NXP-74AVCH1T45_09 Datasheet
124Kb / 22P
   Dual supply translating transceiver; 3-state
Rev. 02-5 May 2009
74LVC1T45 NXP-74LVC1T45 Datasheet
884Kb / 30P
   Dual supply translating transceiver; 3-state
Rev. 02-19 January 2010
74LVC2T45 NXP-74LVC2T45 Datasheet
907Kb / 32P
   Dual supply translating transceiver; 3-state
Rev. 03-19 January 2010
logo
Nexperia B.V. All right...
74LVC2T45 NEXPERIA-74LVC2T45 Datasheet
418Kb / 33P
   Dual supply translating transceiver; 3-state
Rev. 12 - 1 March 2023
74LVC1T45 NEXPERIA-74LVC1T45 Datasheet
386Kb / 30P
   Dual supply translating transceiver; 3-state
Rev. 9 - 10 February 2022
logo
NXP Semiconductors
74AVC1T45 NXP-74AVC1T45 Datasheet
119Kb / 21P
   Dual supply translating transceiver; 3-state
Rev. 02-5 May 2009
74AVCH1T45 NXP-74AVCH1T45 Datasheet
789Kb / 22P
   Dual supply translating transceiver; 3-state
Rev. 01-25 October 2007
logo
Nexperia B.V. All right...
74LVC1T45-Q100 NEXPERIA-74LVC1T45-Q100 Datasheet
349Kb / 28P
   Dual supply translating transceiver; 3-state
logo
NXP Semiconductors
74LVC1T45 PHILIPS-74LVC1T45 Datasheet
884Kb / 30P
   Dual supply translating transceiver; 3-state
Rev. 02-19 January 2010
74LVC_LVCH1T45 PHILIPS-74LVC_LVCH1T45_15 Datasheet
292Kb / 33P
   Dual supply translating transceiver; 3-state
Rev. 6-6 August 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com