Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

4-1437558-4 Arkusz danych(PDF) 10 Page - Tyco Electronics

Numer części 4-1437558-4
Szczegółowy opis  Toggle Switches, MT Series, Wire Lug, Long Bat Actuator
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MACOM [Tyco Electronics]
Strona internetowa  http://www.macom.com
Logo MACOM - Tyco Electronics

4-1437558-4 Arkusz danych(HTML) 10 Page - Tyco Electronics

Back Button 4-1437558-4 Datasheet HTML 6Page - Tyco Electronics 4-1437558-4 Datasheet HTML 7Page - Tyco Electronics 4-1437558-4 Datasheet HTML 8Page - Tyco Electronics 4-1437558-4 Datasheet HTML 9Page - Tyco Electronics 4-1437558-4 Datasheet HTML 10Page - Tyco Electronics 4-1437558-4 Datasheet HTML 11Page - Tyco Electronics 4-1437558-4 Datasheet HTML 12Page - Tyco Electronics 4-1437558-4 Datasheet HTML 13Page - Tyco Electronics 4-1437558-4 Datasheet HTML 14Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
C52
Catalog 1308390
Dimensions are in inches
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-3611-1514
Issued 9-04
and millimeters unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in parentheses
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
or brackets are metric equivalents. to change.
C. America: 52-55-5-729-0425
UK: 44-141-810-8967
C
.252
(6.40)
Dia.
.032
(0.81)
.228
(5.79)
.095
(2.41)
.244
(6.20)
Catalog 1308390
Dimensions are in inches
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-3611-1514
Issued 9-04
and millimeters unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in parentheses
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
or brackets are metric equivalents. to change.
C. America: 52-55-5-729-0425
UK: 44-141-810-8967
MTA/RA/MTM-RA
Toggle Switches, MT Series, Right Angle, Long or Short Bat Actuator
.512
(13.00)
.315
(8.00)
.106
(2.69)
1/4-40 UNS-2A
.020
(0.51)
.345
(8.76)
.040
(1.00)
.413
(10.49)
24o
.120
(3.00)
DIA
.200
(5.10)
.022 Dp x .040 W
(0.55 Dp x 1.00 W)
KEYWAY
.185
(4.70)
TYP
.030
(0.76)
TYP
.500
(12.70)
.185
(4.70)
.370
(9.40)
.200
(5.08)
.100
(2.54)
.075
(1.91)
.070
(1.78)
DIA
.364
(9.23)
.500
(12.70)
.047
(1.19)
TYP
For terminal connections refer to Code Chart. (See Page M5-6)
DPDT
Short Toggle
SPDT
Standard Toggle
SPDT
Short Toggle
.268
(6.81)
24o
.110
(2.80)
DIA
.512
(13.00)
.185
(4.70)
TYP
.512
(13.00)
.030
(0.76)
TYP
.106
(2.69)
.020
(0.51)
.364
(9.23)
.289
(7.34)
.150
(3.81)
.500
(12.70)
.185
(4.70)
.370
(9.40)
.200
(5.08)
.046
(1.17)
TYP
.500
(12.70)
.150
(3.80)
.047
(1.19)
TYP
.200
(5.08)
.040
(1.02)
.236
(5.99)
DIA
Tyco
Alcoswitch
Type Act. Code P. M5
Toggle Bushing
Electronics
5-1437559-6
MTM8106DRA
SPDT
1
On None On
.270
.250
5-1437559-8
MTM8106ERA
SPDT
5
On Off On
.270
.250
147681-1
MTM8106FRA
SPDT
1
(On) None On
.270
.250
(On) indicates momentary position.
Tyco
Alcoswitch
Type Act. Code P. M5
Toggle Bushing
Electronics
6-1437559-0
MTM8206NRA
DPDT
2
On None On
.270
.250
147674-1
MTM8206PRA
DPDT
6
On Off On
.270
.250
MTM8206RRA
DPDT
2
(On) None On
.270
.250
(On) indicates momentary position.
Tyco
Alcoswitch
Type Act. Code P. M5
Toggle Bushing
Electronics
5-1437558-0
MTA8106DRA
SPDT
1
On None On
.410
1/4-40
147682-2
MTA8106ERA
SPDT
5
On Off On
.410
1/4-40
147682-1
MTA8106FRA
SPDT
1
(On) None On
.410
1/4-40
(On) indicates momentary position.
.268
(6.81)
24o
.110
(2.80)
DIA
.512
(13.00)
.185
(4.70)
TYP
.315
(8.00)
.030
(0.76)
TYP
.106
(2.69)
.020
(0.51)
.360
(9.14)
.289
(7.34)
.500
(12.70)
.185
(4.70)
.370
(9.40)
.200
(5.08)
.046
(1.17)
TYP
.500
(12.70)
.364
(9.23)
.047
(1.19)
TYP
.200
(5.08)
.040
(1.02)
.236
(5.99)
DIA
Horizontal Actuation
Horizontal Actuation
Horizontal Actuation
TYPICAL PERFORMANCE CHARACTERISTICS:
Contact Rating ......................................RA & VRA 6A @ 125VAC/3A
250VAC
WW is 6A @ 125VAC
Initial Contact Resistance......................20 Milliohms max.
Contact Timing......................................Break before make
Insulation Resistance ............................1,000 Megohms min. @ 500 VDC
min. for 1 minute
Dielectric Strength ................................1,000 VAC
Actuation Force .....................................05-1.5 kg.
Actuator Travel ....................................24°
Life Expectancy ....................................Up to 50,000 Cycles Minimum
Maintained
Up to 20,000 Cycles Minimum
Momentary
MATERIAL SPECIFICATIONS:
Contacts ................................................Silver over copper alloy
Actuator Material ..................................Chrome plated copper alloy
Case Material ........................................Thermoset 94V-0
Bushings ................................................RA Termination Nickel Plated
Copper Alloy
WW & VRA are zinc alloy
Terminals ..............................................Silver plated copper alloy
Terminal Seal ........................................Epoxy
ENVIRONMENTAL SPECIFICATIONS
Operating Temperature ........................-4°F to +176°F (-20°C to +85°C)
Storage Temperature ............................-40°F to +176°F (-40°C to +85°C)
Note: Hardware included with switches


Podobny numer części - 4-1437558-4

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Tyco Electronics
4-1437558-4 MACOM-4-1437558-4 Datasheet
487Kb / 3P
   TOGGLE SWITCH
More results

Podobny opis - 4-1437558-4

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Tyco Electronics
2-1437559-5 MACOM-2-1437559-5 Datasheet
1Mb / 14P
   Toggle Switches, MT Series, Wire Lug, Long Bat Actuator
2-1437559-6 MACOM-2-1437559-6 Datasheet
1Mb / 14P
   Toggle Switches, MT Series, Wire Lug, Long Bat Actuator
N1B MACOM-N1B Datasheet
1Mb / 14P
   Toggle Switches, MT Series, Wire Lug, Long Bat Actuator
2-1437559-7 MACOM-2-1437559-7 Datasheet
1Mb / 14P
   Toggle Switches, MT Series, Wire Lug, Long Bat Actuator
2-1437559-4 MACOM-2-1437559-4 Datasheet
1Mb / 14P
   Toggle Switches, MT Series, Wire Lug, Long Bat Actuator
2-1437559-1 MACOM-2-1437559-1 Datasheet
1Mb / 14P
   Toggle Switches, MT Series, Wire Lug, Long Bat Actuator
2-1437628-4 MACOM-2-1437628-4 Datasheet
1Mb / 14P
   Toggle Switches, MT Series, Wire Lug, Long Bat Actuator
logo
List of Unclassifed Man...
6612 ETC-6612 Datasheet
86Kb / 1P
   Wire Lead Toggle & Push Button Switches
1MD1T2B4M6RE ETC2-1MD1T2B4M6RE Datasheet
376Kb / 18P
   Toggle Switches
logo
NTE Electronics
54-020 NTE-54-020 Datasheet
5Mb / 21P
   Toggle Switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com