Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ISL59601IRZ Arkusz danych(PDF) 4 Page - Intersil Corporation

Numer części ISL59601IRZ
Szczegółowy opis  MegaQ: An Automatic Composite Video Equalizer, Fully-Adaptive to 1 Mile (1600m)
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  INTERSIL [Intersil Corporation]
Strona internetowa  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL59601IRZ Arkusz danych(HTML) 4 Page - Intersil Corporation

  ISL59601IRZ Datasheet HTML 1Page - Intersil Corporation ISL59601IRZ Datasheet HTML 2Page - Intersil Corporation ISL59601IRZ Datasheet HTML 3Page - Intersil Corporation ISL59601IRZ Datasheet HTML 4Page - Intersil Corporation ISL59601IRZ Datasheet HTML 5Page - Intersil Corporation ISL59601IRZ Datasheet HTML 6Page - Intersil Corporation ISL59601IRZ Datasheet HTML 7Page - Intersil Corporation ISL59601IRZ Datasheet HTML 8Page - Intersil Corporation ISL59601IRZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 27 page
background image
ISL59601, ISL59602, ISL59603, ISL59604, ISL59605
4
FN6739.1
November 23, 2010
POWER
2VDD1
+5V power supply for analog equalizer. Isolate from +5V source with a ferrite bead and bypass to
ground with a 0.1μF capacitor in parallel with a 4.7μF capacitor.
11
VDD2
+5V power supply for output amplifier. Bypass to ground with a 0.1μF capacitor.
15
VREF
Internally generated 2.5V reference. Bypass to ground with a low-ESR 0.47μF capacitor. Do not
attach anything else to this pin.
1, 4, 6, 14, 17
GND
Ground
THERMAL PAD
EP
PAD
Solder the exposed thermal PAD to ground for best thermal and electrical performance.
Pin Descriptions (Continued)
PIN NUMBER PIN NAME
DESCRIPTION
Ordering Information
PART NUMBER
(Notes 1, 2, 3)
PART
MARKING
MAX EQ
LENGTH
TEMP RANGE
(°C)
PACKAGE
(Pb-free)
PKG.
DWG. #
ISL59601IRZ
596 01IRZ
1000 feet
-40 to +85
20 Ld QFN (4x4mm)
L20.4x4C
ISL59601IRZ-T7
596 01IRZ
1000 feet
-40 to +85
20 Ld QFN (4x4mm)
L20.4x4C
ISL59601IRZ-T7A
596 01IRZ
1000 feet
-40 to +85
20 Ld QFN (4x4mm)
L20.4x4C
ISL59602IRZ
596 02IRZ
2000 feet
-40 to +85
20 Ld QFN (4x4mm)
L20.4x4C
ISL59602IRZ-T7
596 02IRZ
2000 feet
-40 to +85
20 Ld QFN (4x4mm)
L20.4x4C
ISL59602IRZ-T7A
596 02IRZ
2000 feet
-40 to +85
20 Ld QFN (4x4mm)
L20.4x4C
ISL59603IRZ
596 03IRZ
3000 feet
-40 to +85
20 Ld QFN (4x4mm)
L20.4x4C
ISL59603IRZ-T7
596 03IRZ
3000 feet
-40 to +85
20 Ld QFN (4x4mm)
L20.4x4C
ISL59603IRZ-T7A
596 03IRZ
3000 feet
-40 to +85
20 Ld QFN (4x4mm)
L20.4x4C
ISL59604IRZ
596 04IRZ
4000 feet
-40 to +85
20 Ld QFN (4x4mm)
L20.4x4C
ISL59604IRZ-T7
596 04IRZ
4000 feet
-40 to +85
20 Ld QFN (4x4mm)
L20.4x4C
ISL59604IRZ-T7A
596 04IRZ
4000 feet
-40 to +85
20 Ld QFN (4x4mm)
L20.4x4C
ISL59605IRZ
596 05IRZ
5300 feet
-40 to +85
20 Ld QFN (4x4mm)
L20.4x4C
ISL59605IRZ-T7
596 05IRZ
5300 feet
-40 to +85
20 Ld QFN (4x4mm)
L20.4x4C
ISL59605IRZ-T7A
596 05IRZ
5300 feet
-40 to +85
20 Ld QFN (4x4mm)
L20.4x4C
ISL5960x-EVALZ
Stand-alone (no USB I/O) evaluation board
ISL5960x-SPI-EVALZ
Evaluation board with serial interface
NOTES:
1. Please refer to TB347 for details on reel specifications.
2. These Intersil Pb-free plastic packaged products employ special Pb-free material sets, molding compounds/die attach
materials, and 100% matte tin plate plus anneal (e3 termination finish, which is RoHS compliant and compatible with both
SnPb and Pb-free soldering operations). Intersil Pb-free products are MSL classified at Pb-free peak reflow temperatures that
meet or exceed the Pb-free requirements of IPC/JEDEC J STD-020.
3. For Moisture Sensitivity Level (MSL), please see device information page for ISL59601, ISL59602, ISL59603, ISL59604,
ISL59605. For more information on MSL please see techbrief TB363.


Podobny numer części - ISL59601IRZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
ISL59601IRZ INTERSIL-ISL59601IRZ Datasheet
2Mb / 28P
   MegaQ™: An Automatic Composite Video Equalizer, Fully-Adaptive to 1 Mile (1600m)
September 5, 2012
logo
Renesas Technology Corp
ISL59601IRZ RENESAS-ISL59601IRZ Datasheet
3Mb / 28P
   MegaQ?? An Automatic Composite Video Equalizer, Fully-Adaptive to 1 Mile (1600m)
logo
Intersil Corporation
ISL59601IRZ-T7 INTERSIL-ISL59601IRZ-T7 Datasheet
2Mb / 28P
   MegaQ™: An Automatic Composite Video Equalizer, Fully-Adaptive to 1 Mile (1600m)
September 5, 2012
logo
Renesas Technology Corp
ISL59601IRZ-T7 RENESAS-ISL59601IRZ-T7 Datasheet
3Mb / 28P
   MegaQ?? An Automatic Composite Video Equalizer, Fully-Adaptive to 1 Mile (1600m)
logo
Intersil Corporation
ISL59601IRZ-T7A INTERSIL-ISL59601IRZ-T7A Datasheet
2Mb / 28P
   MegaQ™: An Automatic Composite Video Equalizer, Fully-Adaptive to 1 Mile (1600m)
September 5, 2012
More results

Podobny opis - ISL59601IRZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Renesas Technology Corp
ISL59601 RENESAS-ISL59601 Datasheet
3Mb / 28P
   MegaQ?? An Automatic Composite Video Equalizer, Fully-Adaptive to 1 Mile (1600m)
logo
Intersil Corporation
ISL59601IRZ INTERSIL-ISL59601IRZ Datasheet
2Mb / 28P
   MegaQ™: An Automatic Composite Video Equalizer, Fully-Adaptive to 1 Mile (1600m)
September 5, 2012
logo
Renesas Technology Corp
ISL59960 RENESAS-ISL59960 Datasheet
1,023Kb / 17P
   960MegaQ?? An Automatic 960H and Composite Video Equalizer, Fully-Adaptive to 4000 Feet
logo
Intersil Corporation
ISL59960 INTERSIL-ISL59960 Datasheet
759Kb / 17P
   960MegaQ?? An Automatic 960H and Composite Video Equalizer, Fully-Adaptive to 4000 Feet
ISL59960IRZ INTERSIL-ISL59960IRZ Datasheet
757Kb / 17P
   960MegaQ™: An Automatic 960H and Composite Video Equalizer, Fully-Adaptive to 4000 Feet
December 18, 2012
logo
Cypress Semiconductor
CYV270M0104EQ CYPRESS-CYV270M0104EQ Datasheet
244Kb / 9P
   Adaptive Video Cable Equalizer
CYV270M0101EQ_0710 CYPRESS-CYV270M0101EQ_0710 Datasheet
244Kb / 10P
   Adaptive Video Cable Equalizer
CYV270M0101EQ CYPRESS-CYV270M0101EQ Datasheet
331Kb / 10P
   Adaptive Video Cable Equalizer (SOIC)
logo
Maxim Integrated Produc...
MAX7474 MAXIM-MAX7474 Datasheet
291Kb / 10P
   Adaptive Equalizer for Video Over Twisted Pair
Rev 0; 1/08
logo
Gennum Corporation
GS1524A GENNUM-GS1524A_09 Datasheet
681Kb / 16P
   Adaptive Cable Equalizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com