Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TDA1566J Arkusz danych(PDF) 1 Page - NXP Semiconductors

Numer części TDA1566J
Szczegółowy opis  I2C-bus controlled dual channel 46 W/2 OHM, single channel 92 W/1 OHM amplifier
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  NXP [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo NXP - NXP Semiconductors

TDA1566J Arkusz danych(HTML) 1 Page - NXP Semiconductors

  TDA1566J Datasheet HTML 1Page - NXP Semiconductors TDA1566J Datasheet HTML 2Page - NXP Semiconductors TDA1566J Datasheet HTML 3Page - NXP Semiconductors TDA1566J Datasheet HTML 4Page - NXP Semiconductors TDA1566J Datasheet HTML 5Page - NXP Semiconductors TDA1566J Datasheet HTML 6Page - NXP Semiconductors TDA1566J Datasheet HTML 7Page - NXP Semiconductors TDA1566J Datasheet HTML 8Page - NXP Semiconductors TDA1566J Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 46 page
background image
1.
General description
The TDA1566 is a car audio power amplifier with a complementary output stage realized
in BCDMOS. The TDA1566 has two Bridge Tied Load (BTL) output stages and comes in a
HSOP24 or DBS27P package.
The TDA1566 can be controlled with or without I2C-bus. With I2C-bus control gain settings
per channel and diagnostic trigger levels can be selected. Failure conditions as well as
load identification can be read with I2C-bus. The load identification detects whether the
outputs of a BTL channel are connected with a DC or AC load and discriminates between
a speaker load, a line driver load and an open (unconnected) load.
The TDA1566 can be configured in a single BTL mode and drive a 1
Ω load. For the single
BTL mode it is necessary to connect on the Printed-Circuit Board (PCB) the outputs of
both BTL channels in parallel.
2.
Features
I Operates in I2C-bus mode and non-I2C-bus mode
I TH version: four I2C-bus addresses controlled by two pins; J version: two I2C-bus
addresses controlled by one pin
I Two 4 Ω or 2 Ω capable BTL channels or one 1 Ω capable BTL channel
I Low offset
I Pop free off/standby/mute/operating mode transitions
I Speaker fault detection
I Selectable gain (26 dB and 16 dB)
I In I2C-bus mode:
N DC load detection: open, short and speaker or line driver present
N AC load (tweeter) detection
N Programmable trigger levels for DC and AC load detection
N Per channel programmable gain (26 dB and 16 dB, selectable per channel)
N Selectable diagnostic levels for clip detection and thermal pre-warning
N Selectable information on the DIAG pin for clip information of each channel
separately and independent enabling of thermal-, offset- or load fault
I Independent short-circuit protection per channel
I Loss of ground and open VP safe
I All outputs short-circuit proof to VP, GND and across the load
I All pins short-circuit proof to ground
I Temperature controlled gain reduction at high junction temperatures
TDA1566
I2C-bus controlled dual channel 46 W/2
Ω, single channel
92 W/1
Ω amplifier with load diagnostic features
Rev. 02 — 20 August 2007
Product data sheet


Podobny numer części - TDA1566J

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
TDA1566 PHILIPS-TDA1566_15 Datasheet
299Kb / 46P
   I2C-bus controlled dual channel 46 W/2 W, single channel 92 W/1 W amplifier with load diagnostic features
Rev. 02-20 August 2007
More results

Podobny opis - TDA1566J

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
TDA1566 PHILIPS-TDA1566_15 Datasheet
299Kb / 46P
   I2C-bus controlled dual channel 46 W/2 W, single channel 92 W/1 W amplifier with load diagnostic features
Rev. 02-20 August 2007
TDF8599B NXP-TDF8599B_V01 Datasheet
569Kb / 54P
   I2C-bus controlled dual channel 43 W/2 Ohm, single channel 85 W/1 Ohm class-D power amplifier with load diagnostics
Rev. 2 ??23 August 2016
TDF8599 NXP-TDF8599 Datasheet
316Kb / 52P
   I2C-bus controlled dual channel 43 W/2 W single channel 85 W/1 W class-D power amplifier with load diagnostics
Rev. 01-13 November 2008
TDF8599B NXP-TDF8599B Datasheet
339Kb / 54P
   I2C-bus controlled dual channel 43 W/4 W, single channel 85 W/1 W class-D power amplifier with load diagnostics
Rev. 01-29 July 2009
TDF8599A NXP-TDF8599A Datasheet
346Kb / 54P
   I2C-bus controlled dual channel 135 W/4 W, single channel 250 W/2 W class-D power amplifier with load diagnostics
Rev. 02-30 June 2009
TDF8599A PHILIPS-TDF8599A_15 Datasheet
520Kb / 55P
   I2C-bus controlled dual channel 135 W/4 ?? single channel 250 W/2 ??class-D power amplifier with load diagnostics
Rev. 3-2 May 2013
TDA8595 PHILIPS-TDA8595_15 Datasheet
484Kb / 51P
   I2C-bus controlled 4 ??45 W power amplifier
Rev. 5-11 June 2013
TDA8594 PHILIPS-TDA8594_15 Datasheet
469Kb / 49P
   I2C-bus controlled 4 ??50 W power amplifier
Rev. 5-11 June 2013
logo
Winchester Electronics ...
SDKA-89-15 WINCHESTER-SDKA-89-15 Datasheet
85Kb / 1P
   TERMINATION, TNC 50 OHM, 1%, 1/2 W
logo
NXP Semiconductors
TDA8595 NXP-TDA8595 Datasheet
294Kb / 50P
   I2C-bus controlled 4 쨈 45 W power amplifier
Rev. 02-21 November 2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com