Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TDA9882HN Arkusz danych(PDF) 1 Page - NXP Semiconductors

Numer części TDA9882HN
Szczegółowy opis  Alignment-free multistandard vision and QSS FM sound IF PLL demodulator
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  NXP [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo NXP - NXP Semiconductors

TDA9882HN Arkusz danych(HTML) 1 Page - NXP Semiconductors

  TDA9882HN Datasheet HTML 1Page - NXP Semiconductors TDA9882HN Datasheet HTML 2Page - NXP Semiconductors TDA9882HN Datasheet HTML 3Page - NXP Semiconductors TDA9882HN Datasheet HTML 4Page - NXP Semiconductors TDA9882HN Datasheet HTML 5Page - NXP Semiconductors TDA9882HN Datasheet HTML 6Page - NXP Semiconductors TDA9882HN Datasheet HTML 7Page - NXP Semiconductors TDA9882HN Datasheet HTML 8Page - NXP Semiconductors TDA9882HN Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 45 page
background image
1.
General description
The TDA9882 is an alignment-free multistandard (PAL, SECAM and NTSC) vision and
sound IF signal PLL demodulator for positive and negative modulation, including Quasi
Split Sound (QSS) FM and AM sound processing.
2.
Features
s 5 V supply voltage
s Gain controlled wideband Vision Intermediate Frequency (VIF) amplifier; AC-coupled
s Multistandard true synchronous demodulation with active carrier regeneration: very
linear demodulation, good intermodulation figures, reduced harmonics and excellent
pulse response
s Gated phase detector for L and L-accent standard
s Fully integrated VIF Voltage Controlled Oscillator (VCO), alignment-free, frequencies
switchable via logic pin VIF0 and pin QSSO with resistor for negative and positive
modulated standards
s Digital acquisition help circuit, VIF frequencies of 38.9 MHz and 45.75 MHz (negative
modulation); 38.9 MHz and 33.9 MHz (positive modulation)
s 4 MHz reference frequency input signal from Phase-Locked Loop (PLL) tuning system
or operating as crystal oscillator
s VIF Automatic Gain Control (AGC) detector for gain control; operating as peak sync
detector for negative modulated signals and as a peak white detector for positive
modulated signals
s VIF AGC monitor output at pin VAGC
s Precise fully digital Automatic Frequency Control (AFC) detector with 4-bit
digital-to-analog converter
s TakeOver Point (TOP) adjustable with potentiometer
s Fully integrated sound carrier trap for 4.5 MHz, 5.5 MHz, 6.0 MHz and 6.5 MHz;
controlled by FM PLL oscillator
s Sound IF (SIF) input for single reference Quasi Split Sound (QSS) mode; PLL
controlled
s SIF AGC for gain controlled SIF amplifier; single reference QSS mixer able to operate
in high performance single reference QSS mode
s AM sound demodulator without extra reference circuit
s Alignment-free selective FM PLL demodulator with high linearity and low noise.
TDA9882
Alignment-free multistandard vision and QSS FM sound
IF PLL demodulator
Rev. 01 — 16 November 2004
Product data sheet


Podobny numer części - TDA9882HN

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
TDA9880 PHILIPS-TDA9880 Datasheet
195Kb / 40P
   Alignment-free multistandard vision and FM sound IF-PLL demodulator
1999 Jul 21
TDA9880T PHILIPS-TDA9880T Datasheet
195Kb / 40P
   Alignment-free multistandard vision and FM sound IF-PLL demodulator
1999 Jul 21
TDA9881 NXP-TDA9881 Datasheet
226Kb / 42P
   Alignment-free vision and FM sound IF PLL demodulator for negative modulated TV standards
Rev. 01-16 November 2004
TDA9881HN NXP-TDA9881HN Datasheet
226Kb / 42P
   Alignment-free vision and FM sound IF PLL demodulator for negative modulated TV standards
Rev. 01-16 November 2004
TDA9881TS NXP-TDA9881TS Datasheet
226Kb / 42P
   Alignment-free vision and FM sound IF PLL demodulator for negative modulated TV standards
Rev. 01-16 November 2004
More results

Podobny opis - TDA9882HN

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
TDA9880 PHILIPS-TDA9880 Datasheet
195Kb / 40P
   Alignment-free multistandard vision and FM sound IF-PLL demodulator
1999 Jul 21
TDA9881 NXP-TDA9881 Datasheet
226Kb / 42P
   Alignment-free vision and FM sound IF PLL demodulator for negative modulated TV standards
Rev. 01-16 November 2004
TDA9814T PHILIPS-TDA9814T Datasheet
249Kb / 36P
   Multistandard VIF-PLL with QSS-IF and dual FM-PLL/AM demodulator
1998 Feb 09
TDA9887 PHILIPS-TDA9887 Datasheet
308Kb / 58P
   I2C-bus controlled multistandard alignment-free IF-PLL demodulator with FM radio
2004 Aug 25
TDA9887TS NXP-TDA9887TS Datasheet
232Kb / 58P
   I2C-bus controlled multistandard alignment-free IF-PLL demodulator with FM radio
2004 Aug 25
TDA9811 PHILIPS-TDA9811 Datasheet
228Kb / 36P
   Multistandard VIF-PLL with QSS-IF and AM demodulator
1998 Feb 09
TDA9815 PHILIPS-TDA9815 Datasheet
265Kb / 40P
   Multistandard/MAC VIF-PLL with QSS-IF and dual FM-PLL/AM demodulator
1998 Feb 11
TDA9810 PHILIPS-TDA9810 Datasheet
225Kb / 32P
   Multistandard VIF-PLL with QSS-IF and AM demodulator
1999 May 07
TDA9813T PHILIPS-TDA9813T Datasheet
160Kb / 32P
   VIF-PLL with QSS-IF and dual FM-PLL demodulator
1999 Sep 16
TDA9808 PHILIPS-TDA9808 Datasheet
218Kb / 36P
   Single standard VIF-PLL with QSS-IF and FM-PLL demodulator
1999 Jun 04
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com