Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TDA8263HN Arkusz danych(PDF) 5 Page - NXP Semiconductors

Numer części TDA8263HN
Szczegółowy opis  Fully integrated satellite tuner
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  NXP [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo NXP - NXP Semiconductors

TDA8263HN Arkusz danych(HTML) 5 Page - NXP Semiconductors

  TDA8263HN Datasheet HTML 1Page - NXP Semiconductors TDA8263HN Datasheet HTML 2Page - NXP Semiconductors TDA8263HN Datasheet HTML 3Page - NXP Semiconductors TDA8263HN Datasheet HTML 4Page - NXP Semiconductors TDA8263HN Datasheet HTML 5Page - NXP Semiconductors TDA8263HN Datasheet HTML 6Page - NXP Semiconductors TDA8263HN Datasheet HTML 7Page - NXP Semiconductors TDA8263HN Datasheet HTML 8Page - NXP Semiconductors TDA8263HN Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
9397 750 13193
© Koninklijke Philips Electronics N.V. 2004. All rights reserved.
Product data sheet
Rev. 01 — 14 December 2004
5 of 28
Philips Semiconductors
TDA8263HN
Fully integrated satellite tuner
8.
Pinning information
8.1 Pinning
8.2 Pin description
Fig 2.
Pin configuration
001aaa976
TDA8263HN
Transparent top view
AS
VCC(RF)
PORT0
CAPVCO
n.c.
VCC(VCO)
GND(RF)
VT
VCC(LNA)
GND(VCO)
RFIN
CP
GND(LNA)
VCC(PLL)
GND(DIE)
GND(PLL)
8
17
7
18
6
19
5
20
4
21
3
22
2
23
1
24
terminal 1
index area
Table 3:
Pin description
Symbol
Pin
Description
GND(DIE)
1
isolation ground
GND(LNA)
2
LNA ground
RFIN
3
RF input
VCC(LNA)
4
LNA supply voltage
GND(RF)
5
RF ground
n.c.
6
not connected
VCC(RF)
7
RF supply voltage
PORT0
8
pull-down port 0
AGC
9
automatic gain control input
VCC(BB)
10
baseband supply voltage
QP
11
Q positive output
QN
12
Q negative output
IN
13
I negative output
IP
14
I positive output
GND(BB)
15
baseband ground
MS
16
master/slave crystal oscillator mode input
AS
17
address select input
CAPVCO
18
internal LC VCO regulation capacitor


Podobny numer części - TDA8263HN

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
TDA8260 PHILIPS-TDA8260 Datasheet
143Kb / 23P
   Satellite Zero-IF QPSK/8PSK downconverter with PLL synthesizer
2004 Sep 03
TDA8260TW PHILIPS-TDA8260TW Datasheet
143Kb / 23P
   Satellite Zero-IF QPSK/8PSK downconverter with PLL synthesizer
2004 Sep 03
TDA8261TW PHILIPS-TDA8261TW Datasheet
136Kb / 22P
   Satellite Zero-IF QPSK/8PSK downconverter with PLL synthesizer
2004 Dec 02
TDA8262HN NXP-TDA8262HN Datasheet
166Kb / 30P
   Fully integrated satellite tuner
Rev. 01-14 December 2004
More results

Podobny opis - TDA8263HN

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
TDA8262HN NXP-TDA8262HN Datasheet
166Kb / 30P
   Fully integrated satellite tuner
Rev. 01-14 December 2004
CX24113A-12Z NXP-CX24113A-12Z Datasheet
671Kb / 2P
   Highly integrated, worldwide satellite silicon tuner
2008
logo
Sharp Corporation
BSFH77G15 SHARP-BSFH77G15 Datasheet
54Kb / 2P
   Satellite Tuner
BSFH77G34 SHARP-BSFH77G34 Datasheet
54Kb / 2P
   Satellite Tuner
BSFJ77G19 SHARP-BSFJ77G19 Datasheet
57Kb / 2P
   Satellite Tuner
BSFH77G10 SHARP-BSFH77G10 Datasheet
53Kb / 2P
   Satellite Tuner
BSFJ77G10 SHARP-BSFJ77G10 Datasheet
57Kb / 2P
   Satellite Tuner
BSFH77G04 SHARP-BSFH77G04 Datasheet
54Kb / 2P
   Satellite Tuner
BSFH77G06 SHARP-BSFH77G06 Datasheet
54Kb / 2P
   Satellite Tuner
BSFH77G25 SHARP-BSFH77G25 Datasheet
54Kb / 2P
   Satellite Tuner
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com