Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TDA8262HN Arkusz danych(PDF) 7 Page - NXP Semiconductors

Numer części TDA8262HN
Szczegółowy opis  Fully integrated satellite tuner
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  NXP [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo NXP - NXP Semiconductors

TDA8262HN Arkusz danych(HTML) 7 Page - NXP Semiconductors

Back Button TDA8262HN Datasheet HTML 3Page - NXP Semiconductors TDA8262HN Datasheet HTML 4Page - NXP Semiconductors TDA8262HN Datasheet HTML 5Page - NXP Semiconductors TDA8262HN Datasheet HTML 6Page - NXP Semiconductors TDA8262HN Datasheet HTML 7Page - NXP Semiconductors TDA8262HN Datasheet HTML 8Page - NXP Semiconductors TDA8262HN Datasheet HTML 9Page - NXP Semiconductors TDA8262HN Datasheet HTML 10Page - NXP Semiconductors TDA8262HN Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 30 page
background image
9397 750 13194
© Koninklijke Philips Electronics N.V. 2004. All rights reserved.
Product data sheet
Rev. 01 — 14 December 2004
7 of 30
Philips Semiconductors
TDA8262HN
Fully integrated satellite tuner
10. Functional description
The TDA8262HN contains the core of the RF analog part of a digital satellite receiver. The
signal coming from the LNB is coupled to the RF inputs. The internal circuitry performs the
Zero-IF quadrature frequency conversion and two in-phase (IP/IN) and two quadrature
(QP/QN) output signals can directly be used to feed a Satellite Demodulator and Decoder
circuit (SDD). Low pass filter cut-off frequency can be adjusted from 5 MHz to 36 MHz in
32 steps. This allows a large flexibility in the SDD input. 10 gain values are present at
output amplifier to compensate cut-off frequency adjustment and single output
application.
The IC gain controlled amplifier before the mixer is controlled by the SDD through pin
AGC.
An input level detector gives the wide band RF level. This information is available through
I2C-bus in read mode.
The internal loop controls a fully integrated VCO, to cover the range from 950 MHz to
2175 MHz. This VCO provides both in phase and quadrature signals to drive the two
mixers.
The output of the 15-bit programmable divider passes through the phase comparator
where it is compared in both phase and frequency to the comparison frequency (fcomp).
This fcomp is derived from the signal present at the XT/XTN pins (fXTAL), divided down in
the reference divider. The buffered signal on pin XTOUT is able to drive the crystal
frequency input of the SDD, which saves a crystal in the application.
Fig 4.
Tuner configuration for two channels (watch and record)
16 MHz
RF loop-through
I2C-bus
MPEG2
streams
TDA10093
001aab033
16 MHz
RF
input
RF output
TDA8262HN
TDA8262HN


Podobny numer części - TDA8262HN

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
TDA8260 PHILIPS-TDA8260 Datasheet
143Kb / 23P
   Satellite Zero-IF QPSK/8PSK downconverter with PLL synthesizer
2004 Sep 03
TDA8260TW PHILIPS-TDA8260TW Datasheet
143Kb / 23P
   Satellite Zero-IF QPSK/8PSK downconverter with PLL synthesizer
2004 Sep 03
TDA8261TW PHILIPS-TDA8261TW Datasheet
136Kb / 22P
   Satellite Zero-IF QPSK/8PSK downconverter with PLL synthesizer
2004 Dec 02
TDA8263HN NXP-TDA8263HN Datasheet
159Kb / 28P
   Fully integrated satellite tuner
Rev. 01-14 December 2004
More results

Podobny opis - TDA8262HN

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
TDA8263HN NXP-TDA8263HN Datasheet
159Kb / 28P
   Fully integrated satellite tuner
Rev. 01-14 December 2004
CX24113A-12Z NXP-CX24113A-12Z Datasheet
671Kb / 2P
   Highly integrated, worldwide satellite silicon tuner
2008
logo
Sharp Corporation
BSFH77G15 SHARP-BSFH77G15 Datasheet
54Kb / 2P
   Satellite Tuner
BSFH77G34 SHARP-BSFH77G34 Datasheet
54Kb / 2P
   Satellite Tuner
BSFJ77G19 SHARP-BSFJ77G19 Datasheet
57Kb / 2P
   Satellite Tuner
BSFH77G10 SHARP-BSFH77G10 Datasheet
53Kb / 2P
   Satellite Tuner
BSFJ77G10 SHARP-BSFJ77G10 Datasheet
57Kb / 2P
   Satellite Tuner
BSFH77G04 SHARP-BSFH77G04 Datasheet
54Kb / 2P
   Satellite Tuner
BSFH77G06 SHARP-BSFH77G06 Datasheet
54Kb / 2P
   Satellite Tuner
BSFH77G25 SHARP-BSFH77G25 Datasheet
54Kb / 2P
   Satellite Tuner
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com