Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

STK20N75F3 Arkusz danych(PDF) 6 Page - STMicroelectronics

Numer części STK20N75F3
Szczegółowy opis  N-channel 75 V, 0.0065 OHM, 20 A, PolarPAK STripFET Power MOSFET
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STK20N75F3 Arkusz danych(HTML) 6 Page - STMicroelectronics

Back Button STK20N75F3 Datasheet HTML 2Page - STMicroelectronics STK20N75F3 Datasheet HTML 3Page - STMicroelectronics STK20N75F3 Datasheet HTML 4Page - STMicroelectronics STK20N75F3 Datasheet HTML 5Page - STMicroelectronics STK20N75F3 Datasheet HTML 6Page - STMicroelectronics STK20N75F3 Datasheet HTML 7Page - STMicroelectronics STK20N75F3 Datasheet HTML 8Page - STMicroelectronics STK20N75F3 Datasheet HTML 9Page - STMicroelectronics STK20N75F3 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
Electrical characteristics
STK20N75F3
6/15
Doc ID 14849 Rev 2
2.1
Electrical characteristics (curves)
Figure 2.
Safe operating area
Figure 3.
Thermal impedance
Figure 4.
Output characteristics
Figure 5.
Transfer characteristics
Figure 6.
Normalized BVDSS vs temperature Figure 7.
Static drain-source on resistance
ID
100
10
1
0.1
0.1
1
VDS(V)
10
(A)
Oper
ation
in
thi
s a
rea
is
Limited
by
m
ax
R
DS
(on)
100ms
1s
10ms
Tj=150°C
Tc=25°C
Sinlge
pulse
0.01
AM04908v1
ID
150
100
50
0
0
2
VDS(V)
4
(A)
1
3
5
200
5V
6V
VGS=10V
7
6
8
AM04909v1
ID
150
100
50
0
0
4
VGS(V)
8
(A)
2
6
10
200
250
VDS=4V
AM04910v1
BVDSS
-50
0
TJ(°C)
(norm)
50
100
0.90
0.95
1.00
1.05
1.10
150
AM04911v1
RDS(on)
6.4
6.3
6.2
6.1
0
20
ID(A)
(
Ω)
10
6.5
6.6
6.7
6.8
15
5
6.9
7.0
AM04912v1


Podobny numer części - STK20N75F3

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
STK20N3LLH5 STMICROELECTRONICS-STK20N3LLH5 Datasheet
334Kb / 13P
   N-channel 30 V, 0.006 廓, 20 A, PolarPAK짰 STripFET?줧 Power MOSFET
More results

Podobny opis - STK20N75F3

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
STK22N6F3 STMICROELECTRONICS-STK22N6F3 Datasheet
852Kb / 15P
   N-channel 60 V, 0.0055 OHM, 22 A, PolarPAK STripFET Power MOSFET
STB95NF03 STMICROELECTRONICS-STB95NF03 Datasheet
587Kb / 9P
   N-CHANNEL 30V - 0.0065 ohm - 95A D짼PAK STripFET??II POWER MOSFET
STK800_0609 STMICROELECTRONICS-STK800_0609 Datasheet
267Kb / 12P
   N-channel 30V - 0.006ohm - 20A - PolarPAK STripFET Power MOSFET
STK850_0610 STMICROELECTRONICS-STK850_0610 Datasheet
276Kb / 12P
   N-channel 30V - 0.0024ohm - 30A - PolarPAK STripFET Power MOSFET
STK24N4LLF5 STMICROELECTRONICS-STK24N4LLF5 Datasheet
237Kb / 12P
   N-channel 40 V, 0.0046 Ω, 24 A, PolarPAK® STripFET™V Power MOSFET
January 2009
STK32N4LLF5 STMICROELECTRONICS-STK32N4LLF5 Datasheet
238Kb / 12P
   N-channel 40 V, 0.0017 Ω, 32 A, PolarPAK® STripFET™ V Power MOSFET
January 2009
STB140NF55 STMICROELECTRONICS-STB140NF55 Datasheet
280Kb / 11P
   N-CHANNEL 55V - 0.0065 ohm - 80A TO-220/D2PAK STripFET II POWER MOSFET
STB140NF75 STMICROELECTRONICS-STB140NF75 Datasheet
541Kb / 18P
   N-CHANNEL 75V - 0.0065 ohm -120A DPAK/IPAK/TO-220 STripFET II POWER MOSFET
STB80NF55-08T4 STMICROELECTRONICS-STB80NF55-08T4 Datasheet
368Kb / 15P
   N-channel 55 V, 0.0065 廓, 80 A, TO-220, D2PAK, TO-247 STripFET??Power MOSFET
STP80NF55-08 STMICROELECTRONICS-STP80NF55-08 Datasheet
353Kb / 11P
   N-CHANNEL 55V - 0.0065 ohm - 80A D2PAK/I2PAK/TO-220 STripFET??II POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com