Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD9276-65EBZ Arkusz danych(PDF) 10 Page - Analog Devices

Numer części AD9276-65EBZ
Szczegółowy opis  Octal LNA/VGA/AAF/12-Bit ADC and CW I/Q Demodulator
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD9276-65EBZ Arkusz danych(HTML) 10 Page - Analog Devices

Back Button AD9276-65EBZ Datasheet HTML 6Page - Analog Devices AD9276-65EBZ Datasheet HTML 7Page - Analog Devices AD9276-65EBZ Datasheet HTML 8Page - Analog Devices AD9276-65EBZ Datasheet HTML 9Page - Analog Devices AD9276-65EBZ Datasheet HTML 10Page - Analog Devices AD9276-65EBZ Datasheet HTML 11Page - Analog Devices AD9276-65EBZ Datasheet HTML 12Page - Analog Devices AD9276-65EBZ Datasheet HTML 13Page - Analog Devices AD9276-65EBZ Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 48 page
background image
AD9276
Rev. 0 | Page 10 of 48
ABSOLUTE MAXIMUM RATINGS
Table 4.
Parameter
Rating
AVDD1 to GND
−0.3 V to +2.0 V
AVDD2 to GND
−0.3 V to +3.9 V
DRVDD to GND
−0.3 V to +2.0 V
GND to GND
−0.3 V to +0.3 V
AVDD2 to AVDD1
−2.0 V to +3.9 V
AVDD1 to DRVDD
−2.0 V to +2.0 V
AVDD2 to DRVDD
−2.0 V to +3.9 V
Digital Outputs (DOUTx+, DOUTx−,
DCO+, DCO−, FCO+, FCO−) to GND
−0.3 V to +2.0 V
CLK+, CLK−, SDIO to GND
−0.3 V to +2.0 V
LI-x, LO-x, LOSW-x to GND
−0.3 V to +3.9 V
CWI−, CWI+, CWQ−, CWQ+ to GND
−0.3 V to +3.9 V
PDWN, STBY, SCLK, CSB to GND
−0.3 V to +2.0 V
GAIN+, GAIN−, RESET, 4LO+, 4LO−,
GPO0, GPO1, GPO2, GPO3 to GND
−0.3 V to +3.9 V
RBIAS, VREF to GND
−0.3 V to +2.0 V
Operating Temperature Range (Ambient)
−40°C to +85°C
Storage Temperature Range (Ambient)
−65°C to +150°C
Maximum Junction Temperature
150°C
Lead Temperature (Soldering, 10 sec)
300°C
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
THERMAL IMPEDANCE
Table 5.
Airflow Velocity (m/s)
θJA1
θJB
θJC
Unit
0.0
20.3
°C/W
1.0
14.4
7.6
4.7
°C/W
2.5
12.9
°C/W
1 θJA for a 4-layer PCB with solid ground plane (simulated). Exposed pad
soldered to PCB.
ESD CAUTION


Podobny numer części - AD9276-65EBZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD9276-65EBZ AD-AD9276-65EBZ Datasheet
832Kb / 49P
   Octal LNA/VGA/AAF/12-Bit ADC and CW I/Q Demodulator
More results

Podobny opis - AD9276-65EBZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD9276 AD-AD9276_17 Datasheet
832Kb / 49P
   Octal LNA/VGA/AAF/12-Bit ADC and CW I/Q Demodulator
AD9278 AD-AD9278 Datasheet
910Kb / 45P
   Octal LNA/VGA/AAF/ADC and CW I/Q Demodulator
AD9279 AD-AD9279 Datasheet
971Kb / 44P
   Octal LNA/VGA/AAF/ADC and CW I/Q Demodulator
REV. 0
AD9279 AD-AD9279_17 Datasheet
958Kb / 45P
   Octal LNA/VGA/AAF/ADC and CW I/Q Demodulator
AD9277 AD-AD9277_17 Datasheet
835Kb / 49P
   Octal LNA/VGA/AAF/14-Bit ADC and CW I/Q Demodulator
AD9277 AD-AD9277 Datasheet
1Mb / 48P
   Octal LNA/VGA/AAF/14-Bit ADC and CW I/Q Demodulator
REV. 0
AD9272 AD-AD9272 Datasheet
71Kb / 2P
   Octal LNA/VGA/AAF/ADC and Crosspoint Switch
Rev. Sp0
AD9271 AD-AD9271_17 Datasheet
1Mb / 61P
   Octal LNA/VGA/AAF/ADC and Crosspoint Switch
AD9273 AD-AD9273 Datasheet
710Kb / 49P
   Octal LNA/VGA/AAF/ADC and Crosspoint Switch
AD9271 AD-AD9271_15 Datasheet
1Mb / 60P
   Octal LNA/VGA/AAF/ADC and Crosspoint Switch
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com