Zakładka z wyszukiwarką danych komponentów |
|
BA2901F Arkusz danych(PDF) 6 Page - Rohm |
|
BA2901F Arkusz danych(HTML) 6 Page - Rohm |
6 / 20 page Technical Note BA10393F,BA10339F/FV,BA2903SF/FV/FVM,BA2903F/FV/FVM, BA2903HFVM-C,BA2901SF/FV/KN,BA2901F/FV/KN 6/19 www.rohm.com 2010.05 - Rev.B © 2010 ROHM Co., Ltd. All rights reserved. -50 -40 -30 -20 -10 0 10 20 30 40 50 -50 -25 0 25 50 75 100 AMBIENT TEMPERATURE [℃] ○BA10393 family (*)The data above is ability value of sample, it is not guaranteed. 40 60 80 100 120 140 160 010 20 30 40 SUPPLY VOLTAGE [V] Common Mode Rejection Ratio – Supply Voltage BA10393 family -40℃ 25℃ 85℃ 60 70 80 90 100 110 120 130 140 -50 -25 0 25 50 75 100 AMBIENT TEMPERATURE [°C] BA10393 family Common Mode Rejection Ratio – Ambient Temperature 2V 5V 36V Input Offset Current – Ambient Temperature BA10393 family 2V 5V 36V 60 70 80 90 100 110 120 130 140 010 20 30 40 SUPPLY VOLTAGE [V] Large Signal Voltage Gain – Supply Voltage BA10393 family 25℃ 85℃ -40℃ 60 70 80 90 100 110 120 130 140 -50 -25 0 25 50 75 100 AMBIENT TEMPERATURE [°C] Large Signal Voltage Gain – Ambient Temperature BA10393 family 2V 5V 36V 0 1 2 3 4 5 -50 -25 0 25 50 75 100 AMBIENT TEMPERATURE [°C] Response Time (Low to High) - Ambient Temperature (VCC=5[V],VRL=5[V],RL=5.1[k Ω]) BA10393 family 5mV overdrive 20mV overdrive 100mV overdrive Response Time (High to Low) - Ambient Temperature (VCC=5[V],VRL=5[V]) 60 70 80 90 100 110 120 130 140 -50 -25 0 25 50 75 100 AMBIENT TEMPERATURE [°C] BA10393 family Power Supply Rejection Ratio – Ambient Temperature 0 1 2 3 4 5 -50 -25 0 25 50 75 100 AMBIENT TEMPERATURE [°C] 5mV overdrive 20mV overdrive 100mV overdrive BA10393 family Fig. 13 Fig. 14 Fig. 15 Fig. 16 Fig. 17 Fig. 18 Fig. 19 Fig. 20 |
Podobny numer części - BA2901F |
|
Podobny opis - BA2901F |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |