Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BA178M13FP Arkusz danych(PDF) 10 Page - Rohm

Numer części BA178M13FP
Szczegółowy opis  1A Output 78 series Regulators 500mA Output 78 series Regulators
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ROHM [Rohm]
Strona internetowa  http://www.rohm.com
Logo ROHM - Rohm

BA178M13FP Arkusz danych(HTML) 10 Page - Rohm

Back Button BA178M13FP Datasheet HTML 5Page - Rohm BA178M13FP Datasheet HTML 6Page - Rohm BA178M13FP Datasheet HTML 7Page - Rohm BA178M13FP Datasheet HTML 8Page - Rohm BA178M13FP Datasheet HTML 9Page - Rohm BA178M13FP Datasheet HTML 10Page - Rohm BA178M13FP Datasheet HTML 11Page - Rohm BA178M13FP Datasheet HTML 12Page - Rohm BA178M13FP Datasheet HTML 13Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
BA78□□Series,BA78M□□Series
Technical Note
10/12
www.rohm.com
2009.11 - Rev.B
© 2009 ROHM Co., Ltd. All rights reserved.
Thermal design
Refer to the following thermal derating curves (Fig. 25, 26), when using in the status of Ta=25℃ or more.
The characteristic of IC is greatly related to the operating temperature.
When it is used in over maximum junction temperature, the elements inside IC might become weaker and be destroyed.
It is recommended to take into consideration thermal of IC.
Note that the temperatures are in the allowed temperature limits and operated within Pd.
It is necessary to operate it at junction temperature Tjmax or less to prevent IC from the thermal destruction.
Please operate IC within permissible loss Pd because the junction temperature Tj might become considerably a high
temperature even if ambient temperature Ta is normal temperature (25℃).
Power consumption Pc(W) may be expressed by the equation shown below:
Pc=(Vin-Vo)×Io+ Vin×Ib
permissible loss Pd≧Pc
Maximum Output current IoMAX can be calculated in thermal design.
Calculation example
Ex.1) Ta=85℃, Vin =7.5V, Vo=5.0V
Io≦400mA
Be sure to use this IC within a power dissipation at the range of operating temperature.
Fig.25 Thermal derating curve (TO220CP-3)
Fig.26 Thermal derating curve (TO252-3)
Terminal Setting and Cautions
INPUT
It is recommended that a capacitor (about 0.33uF) be inserted between INPUT and COMMON.
The value of capacitor is designed suitable for the actual application.
OUTPUT
It is recommended that a capacitor (about 0.1uF) be inserted between OUTPUT and COMMON.
A tantalum capacitor can also be used for this pin because insufficient capacitors may cause oscillation by a temperature
change.
COMMON
Keep the no voltage drop between Ground level of set board and IC.
When there is the voltage difference, setting voltage becomes inaccuracy and unstable.
It is recommended to connect by wide, short pattern, and lower the inpedance.
Vo
Vin
Ib
Vin
Pd
Io
5.0
7.5
4.5m
7.5
1.04
Io
Vin : Input Voltage
Vo : Output Voltage
Io
: Output Current
Ib
: Bias current
Using TO220CP-3 alone
θ
ja=62.5℃/W→16mW/℃
Pd=1.04W at 85℃
12.5
10
7.5
5
2.5
0
0
25
50
75
125
100
150
AMBIENT TEMPERATURE : Ta[℃]
(2) 1.0
(1) 10.0
(1) Mounted on infinity Alminium heat sinkθj-c=12.5 (℃/W)
(2) Using an IC aloneθj-a=125.0℃/W
25
20
15
10
5
0
0
25
50
75
125
100
150
AMBIENT TEMPERATURE : Ta[℃]
(2) 2.0
(1) 22.0 (1) Mounted on infinity Alminium heat sinkθj-c=5.7(℃/W)
(2) Using an IC aloneθj-a=62.5℃/W


Podobny numer części - BA178M13FP

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Rohm
BA178M10CP ROHM-BA178M10CP Datasheet
359Kb / 6P
   Three-Terminal Regulator
BA178M10FP ROHM-BA178M10FP Datasheet
123Kb / 11P
   Standard 78M series, 3-pin regulator
BA178M10FP ROHM-BA178M10FP Datasheet
251Kb / 6P
   Three-Terminal Regulator
BA178M10T ROHM-BA178M10T Datasheet
123Kb / 11P
   Standard 78M series, 3-pin regulator
BA178M10T ROHM-BA178M10T Datasheet
251Kb / 6P
   Three-Terminal Regulator
More results

Podobny opis - BA178M13FP

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Rohm
BA7812FP-E2 ROHM-BA7812FP-E2 Datasheet
373Kb / 13P
   1A Output 78 series Regulators 500mA Output 78 series Regulators
BA7806FP-E2 ROHM-BA7806FP-E2 Datasheet
495Kb / 15P
   1A Output 78 series Regulators 500mA Output 78 series Regulators
BA17805FP-E2 ROHM-BA17805FP-E2 Datasheet
347Kb / 13P
   1A Output 78 series Regulators 500mA Output 78 series Regulators
BA17812FP-E2 ROHM-BA17812FP-E2 Datasheet
347Kb / 13P
   1A Output 78 series Regulators 500mA Output 78 series Regulators
BA7810CP-E2 ROHM-BA7810CP-E2 Datasheet
347Kb / 13P
   1A Output 78 series Regulators 500mA Output 78 series Regulators
BA7805FP-E2 ROHM-BA7805FP-E2 Datasheet
505Kb / 15P
   1A Output 78 series Regulators 500mA Output 78 series Regulators
BA178M05FP-E2 ROHM-BA178M05FP-E2 Datasheet
347Kb / 13P
   1A Output 78 series Regulators 500mA Output 78 series Regulators
BA78M05FP-E2 ROHM-BA78M05FP-E2 Datasheet
373Kb / 13P
   1A Output 78 series Regulators 500mA Output 78 series Regulators
BA17805CP-E2 ROHM-BA17805CP-E2 Datasheet
347Kb / 13P
   1A Output 78 series Regulators 1A Output 78 series Regulators
BA78M12FP-E2 ROHM-BA78M12FP-E2 Datasheet
495Kb / 15P
   500mA Output 78 series Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com