Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

U1300 Arkusz danych(PDF) 8 Page - Intel Corporation

Numer części U1300
Szczegółowy opis  Intel Core Duo Processor and Intel Core Solo Processor on 65 nm Process
Download  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  INTEL [Intel Corporation]
Strona internetowa  http://www.intel.com
Logo INTEL - Intel Corporation

U1300 Arkusz danych(HTML) 8 Page - Intel Corporation

Back Button U1300 Datasheet HTML 4Page - Intel Corporation U1300 Datasheet HTML 5Page - Intel Corporation U1300 Datasheet HTML 6Page - Intel Corporation U1300 Datasheet HTML 7Page - Intel Corporation U1300 Datasheet HTML 8Page - Intel Corporation U1300 Datasheet HTML 9Page - Intel Corporation U1300 Datasheet HTML 10Page - Intel Corporation U1300 Datasheet HTML 11Page - Intel Corporation U1300 Datasheet HTML 12Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 91 page
background image
Introduction
8
Datasheet
In addition to supporting the existing Streaming SIMD Extensions 2 (SSE2), there are
13 new instructions which extend the capabilities of Intel processor technology further.
These new instructions are called Streaming SIMD Extensions 3 (SSE3). 3D graphics
and other entertainment applications, such as gaming, will have the opportunity to take
advantage of these new instructions as platforms with the processor and SSE3 become
available in the market place.
The processor’s FSB utilizes a split-transaction, deferred reply protocol. The FSB uses
Source-Synchronous Transfer (SST) of address and data to improve performance by
transferring data four times per bus clock. The 4X data bus can deliver data four times
per bus clock and is referred as “quad-pumped” or 4X data bus, the address bus can
deliver addresses two times per bus clock and is referred to as a “double-clocked” or 2X
address bus. Working together, the 4X data bus and the 2X address bus provide a data
bus bandwidth of up to 5.33 GB/second. The FSB uses Advanced Gunning Transceiver
Logic (AGTL+) signaling technology, a variant of GTL+ signaling technology with low
power enhancements.
The processor features Enhanced Intel SpeedStep Technology, which enables real-time
dynamic switching between multiple voltage and frequency points. The processor
features the Auto Halt, Stop Grant, Deep Sleep, and Deeper Sleep low power C-states.
The processor utilizes socketable Micro Flip-Chip Pin Grid Array (Micro-FCPGA) and
surface mount Micro Flip-Chip Ball Grid Array (Micro-FCBGA) package technology. The
Micro-FCPGA package plugs into a 479-hole, surface-mount, Zero Insertion Force (ZIF)
socket, which is referred to as the mPGA479M socket.
The processor supports the Execute Disable Bit capability. This feature, combined with
a support operating system, allows memory to be marked as executable or non
executable. If code attempts to run in non-executable memory the processor raises an
error to the operating system. This feature can prevent some classes of viruses or
worms that exploit buffer overrun vulnerabilities and can thus help improve the overall
security of the system. See the Intel® Architecture Software Developer's Manual for
more detailed information.
Intel Virtualization Technology is a set of hardware enhancements to Intel server and
client systems that combined with the appropriate software, will enable enhanced
virtualization robustness and performance for both enterprise and consumer uses. Intel
Virtualization Technology forms the foundation of Intel technologies focused on
improved virtualization, safer computing, and system stability. For client systems, Intel
Virtualization Technology’s hardware-based isolation helps provide the foundation for
highly available and more secure client virtualization partitions.


Podobny numer części - U1300

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
U130 ETC2-U130 Datasheet
654Kb / 16P
   MISCELLANEOUS HARDWARE-ACCESSORIES
U130 ETC2-U130 Datasheet
657Kb / 17P
   TO CHANGE WITHOUT NOTICE ACCESSORIES
U1302 ETC2-U1302 Datasheet
657Kb / 17P
   TO CHANGE WITHOUT NOTICE ACCESSORIES
logo
Eaton All Rights Reserv...
U1302 EATON-U1302 Datasheet
1Mb / 36P
   Surge Protection
logo
List of Unclassifed Man...
U1302-3 ETC2-U1302-3 Datasheet
657Kb / 17P
   TO CHANGE WITHOUT NOTICE ACCESSORIES
More results

Podobny opis - U1300

ProducentNumer częściArkusz danychSzczegółowy opis
logo
National Instruments Co...
PXI-8105 NI-PXI-8105 Datasheet
519Kb / 6P
   Intel Core Duo Processor T2500(2.0 GHz dual core)
logo
BOSER Technology Co., L...
HS-1743 BOSER-HS-1743 Datasheet
95Kb / 1P
   Intel Core 2 Duo/Celeron짰 M processor
HS-1760 BOSER-HS-1760 Datasheet
97Kb / 1P
   Intel Core 2 Duo/Celeron M processor
logo
National Instruments Co...
PXIE-8108 NI-PXIE-8108 Datasheet
732Kb / 7P
   Intel Core 2 Duo T9400 processor(2.53 GHz dual core)
PXI-8108 NI-PXI-8108 Datasheet
720Kb / 7P
   Intel Core 2 Duo T9400 processor(2.53 GHz dual core)
PXI-8106 NI-PXI-8106 Datasheet
774Kb / 7P
   Intel Core 2 Duo processor T7400(2.16 GHz dual core)
logo
AAEON Technology
EMB-945T AAEON-EMB-945T Datasheet
373Kb / 2P
   Embedded Motherboard with Intel Core 2 Duo/ Core Duo/ Celeron M Processor
PCM-9452 AAEON-PCM-9452 Datasheet
358Kb / 2P
   Compact Board with Intel Core 2 Duo/ Core Duo/ Celeron M Processor
EMB-9458T AAEON-EMB-9458T Datasheet
296Kb / 2P
   Embedded Motherboard with Intel Core 2 Duo/ Core Duo/ Celeron M Processor
IMBM-935 AAEON-IMBM-935 Datasheet
395Kb / 2P
   Industrial Motherboard with Intel Core 2 Quad/ Core 2 Duo Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com