Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

2SK2679 Arkusz danych(PDF) 2 Page - Toshiba Semiconductor

Numer części 2SK2679
Szczegółowy opis  Chopper Regulator, DC−DC Converter and Motor Drive
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TOSHIBA [Toshiba Semiconductor]
Strona internetowa  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SK2679 Arkusz danych(HTML) 2 Page - Toshiba Semiconductor

  2SK2679_09 Datasheet HTML 1Page - Toshiba Semiconductor 2SK2679_09 Datasheet HTML 2Page - Toshiba Semiconductor 2SK2679_09 Datasheet HTML 3Page - Toshiba Semiconductor 2SK2679_09 Datasheet HTML 4Page - Toshiba Semiconductor 2SK2679_09 Datasheet HTML 5Page - Toshiba Semiconductor 2SK2679_09 Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2SK2679
2009-09-29
2
Electrical Characteristics (Ta = 25°C)
Characteristics
Symbol
Test Condition
Min
Typ.
Max
Unit
Gate leakage current
IGSS
VGS = ±25 V, VDS = 0 V
±10
μA
Gate−source breakdown voltage
V (BR) GSS
IG = ±10 μA, VDS = 0 V
±30
V
Drain cut−off current
IDSS
VDS = 400 V, VGS = 0 V
100
μA
Drain−source breakdown voltage
V (BR) DSS
ID = 10 mA, VGS = 0 V
400
V
Gate threshold voltage
Vth
VDS = 10 V, ID = 1 mA
2.0
4.0
V
Drain−source ON resistance
RDS (ON)
VGS = 10 V, ID = 3 A
0.84
1.2
Forward transfer admittance
|Yfs|
VDS = 10 V, ID = 3 A
2.0
4.4
S
Input capacitance
Ciss
720
Reverse transfer capacitance
Crss
80
Output capacitance
Coss
VDS = 10 V, VGS = 0 V, f = 1 MHz
250
pF
Rise time
tr
15
Turn−on time
ton
30
Fall time
tf
25
Switching time
Turn−off time
toff
110
ns
Total gate charge (gate−source
plus gate−drain)
Qg
17
Gate−source charge
Qgs
10
Gate−drain (“miller”) Charge
Qgd
VDD ≈ 320 V, VGS = 10 V, ID = 5.5 A
7
nC
Source−Drain Ratings and Characteristics (Ta = 25°C)
Characteristics
Symbol
Test Condition
Min
Typ.
Max
Unit
Continuous drain reverse current
(Note 1)
IDR
5.5
A
Pulse drain reverse current
(Note 1)
IDRP
22
A
Forward voltage (diode)
VDSF
IDR = 5.5 A, VGS = 0 V
−1.7
V
Reverse recovery time
trr
350
ns
Reverse recovery charge
Qrr
IDR = 5.5 A, VGS = 0 V
dIDR / dt = 100 A / μs
2.1
μC
Marking
Note 4: A line under a Lot No. identifies the indication of product
Labels.
Not underlined: [[Pb]]/INCLUDES > MCV
Underlined: [[G]]/RoHS COMPATIBLE or [[G]]/RoHS [[Pb]]
Please contact your TOSHIBA sales representative for details as to
environmental matters such as the RoHS compatibility of Product.
The RoHS is the Directive 2002/95/EC of the European Parliament
and of the Council of 27 January 2003 on the restriction of the use of
certain hazardous substances in electrical and electronic equipment.
Lot No.
Note 4
K2679
Part No. (or abbreviation code)


Podobny numer części - 2SK2679_09

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
2SK2679 TOSHIBA-2SK2679_06 Datasheet
700Kb / 6P
   Silicon N Channel MOS Type Chopper Regulator, DC−DC Converter and Motor Drive Applications
More results

Podobny opis - 2SK2679_09

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
2SK2846 TOSHIBA-2SK2846_09 Datasheet
413Kb / 6P
   Chopper Regulator, DC−DC Converter and Motor Drive
2SK2842 TOSHIBA-2SK2842_09 Datasheet
433Kb / 6P
   Chopper Regulator, DC−DC Converter and Motor Drive
2SJ512 TOSHIBA-2SJ512_09 Datasheet
451Kb / 6P
   Chopper Regulator, DC−DC Converter and Motor Drive
2SK2843 TOSHIBA-2SK2843_09 Datasheet
419Kb / 6P
   Chopper Regulator, DC−DC Converter and Motor Drive
2SJ511 TOSHIBA-2SJ511_09 Datasheet
419Kb / 6P
   Chopper Regulator, DC−DC Converter and Motor Drive
2SK2835 TOSHIBA-2SK2835_09 Datasheet
404Kb / 6P
   Chopper Regulator, DC−DC Converter and Motor Drive
2SK2173 TOSHIBA-2SK2173_09 Datasheet
454Kb / 6P
   Chopper Regulator, DC−DC Converter and Motor Drive
2SK2992 TOSHIBA-2SK2992_09 Datasheet
402Kb / 6P
   Chopper Regulator, DC−DC Converter and Motor Drive
2SK2733 TOSHIBA-2SK2733_09 Datasheet
418Kb / 6P
   Chopper Regulator, DC−DC Converter and Motor Drive
2SK2400 TOSHIBA-2SK2400_09 Datasheet
384Kb / 6P
   Chopper Regulator, DC−DC Converter and Motor Drive
More results


Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com