Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TS87C54X2-MCB Arkusz danych(PDF) 1 Page - ATMEL Corporation

Numer części TS87C54X2-MCB
Szczegółowy opis  8-bit CMOS Microcontroller 16/32 Kbytes ROM/OTP
Download  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ATMEL [ATMEL Corporation]
Strona internetowa  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

TS87C54X2-MCB Arkusz danych(HTML) 1 Page - ATMEL Corporation

  TS87C54X2-MCB Datasheet HTML 1Page - ATMEL Corporation TS87C54X2-MCB Datasheet HTML 2Page - ATMEL Corporation TS87C54X2-MCB Datasheet HTML 3Page - ATMEL Corporation TS87C54X2-MCB Datasheet HTML 4Page - ATMEL Corporation TS87C54X2-MCB Datasheet HTML 5Page - ATMEL Corporation TS87C54X2-MCB Datasheet HTML 6Page - ATMEL Corporation TS87C54X2-MCB Datasheet HTML 7Page - ATMEL Corporation TS87C54X2-MCB Datasheet HTML 8Page - ATMEL Corporation TS87C54X2-MCB Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 62 page
background image
Features
80C52 Compatible
8051 pin and instruction compatible
Four 8-bit I/O ports
Three 16-bit timer/counters
256 bytes scratchpad RAM
High-Speed Architecture
40 MHz @ 5V, 30MHz @ 3V
X2 Speed Improvement capability (6 clocks/machine cycle)
– 30 MHz @ 5V, 20 MHz @ 3V (Equivalent to
– 60 MHz @ 5V, 40 MHz @ 3V)
Dual Data Pointer
On-chip ROM/EPROM (16K-bytes, 32K-bytes)
Programmable Clock Out and Up/Down Timer/Counter 2
Hardware Watchdog Timer (One-time enabled with Reset-Out)
Asynchronous port reset
Interrupt Structure with
6 Interrupt sources
4 level priority interrupt system
Full duplex Enhanced UART
Framing error detection
Automatic address recognition
Low EMI (inhibit ALE)
Power Control modes
Idle mode
Power-down mode
Power-off Flag
Once mode (On-chip Emulation)
Power supply: 4.5-5.5V, 2.7-5.5V
Temperature ranges: Commercial (0 to 70oC) and Industrial (-40 to 85oC)
Packages: PDIL40, PLCC44, VQFP44 1.4, PQFP44 F1, CQPJ44 (window), CDIL40
(window)
1.
Description
TS80C54/58X2 is high performance CMOS ROM, OTP and EPROM versions of the
80C51 CMOS single chip 8-bit microcontroller.
The T S8 0C54/58X2 retai ns a ll fe atures of the Atm el 80 C51 with e xtend ed
ROM/EPROM capacity (16/32 Kbytes), 256 bytes of internal RAM, a 6-source , 4-level
interrupt system, an on-chip oscilator and three timer/counters.
In addition, the TS80C54/58X2 a Hardware Watchdog Timer, a more versatile serial
channel that facilitates multiprocessor communication (EUART) and a X2 speed
improvement mechanism.
The fully static design of the TS80C54/58X2 allows to reduce system power consump-
tion by bringing the clock frequency down to any value, even DC, without loss of data.
8-bit CMOS
Microcontroller
16/32 Kbytes
ROM/OTP
TS80C54/58X2
TS87C54/58X2
AT80C54/58X2
AT87C54/58X2
Rev. 4431E–8051–04/06


Podobny numer części - TS87C54X2-MCB

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ATMEL Corporation
TS87C54X2 ATMEL-TS87C54X2 Datasheet
1Mb / 58P
   8-bit CMOS Microcontroller 16/32 Kbytes ROM/OTP
logo
TEMIC Semiconductors
TS87C54X2 TEMIC-TS87C54X2 Datasheet
288Kb / 58P
   8-bit CMOS Microcontroller 0-60 MHz
More results

Podobny opis - TS87C54X2-MCB

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ATMEL Corporation
TS80C54X2 ATMEL-TS80C54X2 Datasheet
1Mb / 58P
   8-bit CMOS Microcontroller 16/32 Kbytes ROM/OTP
TS80C32X2 ATMEL-TS80C32X2_08 Datasheet
603Kb / 55P
   8-bit Microcontroller 8 Kbytes ROM/OTP, ROMless
T89C51RC2 ATMEL-T89C51RC2 Datasheet
251Kb / 9P
   8-bit Microcontroller with 16 Kbytes/ 32 Kbytes FLASH
logo
SHENZHEN FUMAN ELECTRON...
TC78P153 FUMAN-TC78P153 Datasheet
1Mb / 29P
   8-bit OTP ROM microcontroller
TC8P53 FUMAN-TC8P53 Datasheet
1Mb / 29P
   8-bit OTP ROM microcontroller
logo
ELAN Microelectronics C...
EM78P157N EMC-EM78P157N Datasheet
495Kb / 56P
   8-Bit Microcontroller with OTP ROM
EM78P154N EMC-EM78P154N Datasheet
487Kb / 46P
   8-Bit Microcontroller with OTP ROM
EM78P211 EMC-EM78P211 Datasheet
63Kb / 4P
   8-Bit Microcontroller with OTP ROM
logo
List of Unclassifed Man...
EM78P152S ETC1-EM78P152S Datasheet
661Kb / 52P
   8-Bit Microcontroller with OTP ROM
logo
ELAN Microelectronics C...
EM78P153K EMC-EM78P153K Datasheet
903Kb / 68P
   8-Bit Microcontroller with OTP ROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com