Zakładka z wyszukiwarką danych komponentów |
|
FAN3226 Arkusz danych(PDF) 2 Page - Fairchild Semiconductor |
|
FAN3226 Arkusz danych(HTML) 2 Page - Fairchild Semiconductor |
2 / 25 page © 2007 Fairchild Semiconductor Corporation www.fairchildsemi.com FAN3226 / FAN3227 / FAN3228 / FAN3229 • Rev. 1.0.6 2 Ordering Information Part Number Logic Input Threshold Package Packing Method Quantity per Reel FAN3226CMPX Dual Inverting Channels + Dual Enable CMOS 3x3mm MLP-8 Tape & Reel 3,000 FAN3226CMX SOIC-8 Tape & Reel 2,500 FAN3226TMPX TTL 3x3mm MLP-8 Tape & Reel 3,000 FAN3226TMX SOIC-8 Tape & Reel 2,500 FAN3227CMPX Dual Non-Inverting Channels + Dual Enable CMOS 3x3mm MLP-8 Tape & Reel 3,000 FAN3227CMX SOIC-8 Tape & Reel 2,500 FAN3227TMPX TTL 3x3mm MLP-8 Tape & Reel 3,000 FAN3227TMX SOIC-8 Tape & Reel 2,500 FAN3228CMPX Dual Channels of Two-Input / One-Output Drivers, Pin Configuration 1 CMOS 3x3mm MLP-8 Tape & Reel 3,000 FAN3228CMX SOIC-8 Tape & Reel 2,500 FAN3228TMPX TTL 3x3mm MLP-8 Tape & Reel 3,000 FAN3228TMX SOIC-8 Tape & Reel 2,500 FAN3229CMPX Dual Channels of Two-Input / One-Output Drivers, Pin Configuration 2 CMOS 3x3mm MLP-8 Tape & Reel 3,000 FAN3229CMX SOIC-8 Tape & Reel 2,500 FAN3229TMPX TTL 3x3mm MLP-8 Tape & Reel 3,000 FAN3229TMX SOIC-8 Tape & Reel 2,500 All standard Fairchild Semiconductor products are RoHS compliant and many are also “GREEN” or going green. For Fairchild’s definition of “green” please visit: http://www.fairchildsemi.com/company/green/rohs_green.html. Package Outlines Figure 2. 3x3mm MLP-8 (Top View) Figure 3. SOIC-8 (Top View) Thermal Characteristics(1) Package ΘJL (2) ΘJT (3) ΘJA (4) ΨJB (5) ΨJT (6) Units 8-Lead 3x3mm Molded Leadless Package (MLP) 1.6 68 43 3.5 0.8 °C/W 8-Pin Small Outline Integrated Circuit (SOIC) 40 31 89 43 3.0 °C/W Notes: 1. Estimates derived from thermal simulation; actual values depend on the application. 2. Theta_JL ( ΘJL): Thermal resistance between the semiconductor junction and the bottom surface of all the leads (including any thermal pad) that are typically soldered to a PCB. 3. Theta_JT ( ΘJT): Thermal resistance between the semiconductor junction and the top surface of the package, assuming it is held at a uniform temperature by a top-side heatsink. 4. Theta_JA (ΘJA): Thermal resistance between junction and ambient, dependent on the PCB design, heat sinking, and airflow. The value given is for natural convection with no heatsink, as specified in JEDEC standards JESD51-2, JESD51-5, and JESD51-7, as appropriate. 5. Psi_JB ( ΨJB): Thermal characterization parameter providing correlation between semiconductor junction temperature and an application circuit board reference point for the thermal environment defined in Note 4. For the MLP-8 package, the board reference is defined as the PCB copper connected to the thermal pad and protruding from either end of the package. For the SOIC-8 package, the board reference is defined as the PCB copper adjacent to pin 6. 6. Psi_JT ( ΨJT): Thermal characterization parameter providing correlation between the semiconductor junction temperature and the center of the top of the package for the thermal environment defined in Note 4. |
Podobny numer części - FAN3226 |
|
Podobny opis - FAN3226 |