Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

FAN3228TMPX Arkusz danych(PDF) 10 Page - Fairchild Semiconductor

Numer części FAN3228TMPX
Szczegółowy opis  Dual 2A High-Speed, Low-Side Gate Drivers
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN3228TMPX Arkusz danych(HTML) 10 Page - Fairchild Semiconductor

Back Button FAN3228TMPX Datasheet HTML 6Page - Fairchild Semiconductor FAN3228TMPX Datasheet HTML 7Page - Fairchild Semiconductor FAN3228TMPX Datasheet HTML 8Page - Fairchild Semiconductor FAN3228TMPX Datasheet HTML 9Page - Fairchild Semiconductor FAN3228TMPX Datasheet HTML 10Page - Fairchild Semiconductor FAN3228TMPX Datasheet HTML 11Page - Fairchild Semiconductor FAN3228TMPX Datasheet HTML 12Page - Fairchild Semiconductor FAN3228TMPX Datasheet HTML 13Page - Fairchild Semiconductor FAN3228TMPX Datasheet HTML 14Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 25 page
background image
© 2007 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN3226 / FAN3227 / FAN3228 / FAN3229 • Rev. 1.0.6
10
Typical Performance Characteristics
Typical characteristics are provided at 25°C and VDD=12V unless otherwise noted.
Figure 13. IDD (Static) vs. Supply Voltage
(13)
Figure 14. IDD (Static) vs. Supply Voltage
(13)
Figure 15. IDD (Static) vs. Supply Voltage
(13)
Figure 16. IDD (No-Load) vs. Frequency
Figure 17. IDD (No-Load) vs. Frequency
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
4
6
8
10
12
14
16
18
V
DD - Supply Voltage (V)
FAN3228C, 29C
All Inputs Floating,
Outputs Low
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
4
6
8
101214
1618
Supply Voltage (V)
TTL Input
Inputs and Enables
Floating, Outputs Low
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
4
6
8
10
1214
1618
Supply Voltage (V)
FAN3226C, 27C
Inputs and Enables
Floating, Outputs


Podobny numer części - FAN3228TMPX

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
FAN3228TMPX FAIRCHILD-FAN3228TMPX Datasheet
1Mb / 24P
   Dual 2A High-Speed, Low-Side Gate Drivers
FAN3228TMPX FAIRCHILD-FAN3228TMPX Datasheet
1Mb / 25P
   Dual 2A High-Speed, Low-Side Gate Drivers
FAN3228TMPX FAIRCHILD-FAN3228TMPX Datasheet
1Mb / 25P
   Dual 2A High-Speed, Low-Side Gate Drivers
FAN3228TMPX FAIRCHILD-FAN3228TMPX Datasheet
1Mb / 25P
   Dual 2A High-Speed, Low-Side Gate Drivers
FAN3228TMPX FAIRCHILD-FAN3228TMPX Datasheet
1Mb / 25P
   Dual 2A High-Speed, Low-Side Gate Drivers
More results

Podobny opis - FAN3228TMPX

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
FAN3226 FAIRCHILD-FAN3226_11 Datasheet
1Mb / 25P
   Dual 2A High-Speed, Low-Side Gate Drivers
FAN3226 FAIRCHILD-FAN3226 Datasheet
1Mb / 24P
   Dual 2A High-Speed, Low-Side Gate Drivers
FAN3226 FAIRCHILD-FAN3226_10 Datasheet
1Mb / 25P
   Dual 2A High-Speed, Low-Side Gate Drivers
FAN3216 FAIRCHILD-FAN3216 Datasheet
1Mb / 18P
   Dual-2A, High-Speed, Low-Side Gate Drivers
FAN3227 FAIRCHILD-FAN3227_10 Datasheet
1Mb / 25P
   Dual 2A High-Speed, Low-Side Gate Drivers
FAN3216 FAIRCHILD-FAN3216_12 Datasheet
1Mb / 18P
   Dual-2A, High-Speed, Low-Side Gate Drivers
FAN3228 FAIRCHILD-FAN3228_10 Datasheet
1Mb / 25P
   Dual 2A High-Speed, Low-Side Gate Drivers
FAN3226 FAIRCHILD-FAN3226_12 Datasheet
1Mb / 24P
   Dual 2A High-Speed, Low-Side Gate Drivers
FAN3213 FAIRCHILD-FAN3213 Datasheet
1Mb / 18P
   Dual-4A, High-Speed, Low-Side Gate Drivers
FAN3223 FAIRCHILD-FAN3223_11 Datasheet
1Mb / 25P
   Dual 4A High-Speed, Low-Side Gate Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com