Zakładka z wyszukiwarką danych komponentów |
|
BC846BPDW1T1G Arkusz danych(PDF) 1 Page - ON Semiconductor |
|
BC846BPDW1T1G Arkusz danych(HTML) 1 Page - ON Semiconductor |
1 / 17 page © Semiconductor Components Industries, LLC, 2010 October, 2010 − Rev. 6 1 Publication Order Number: BC846BPDW1T1/D BC846BPDW1T1G, BC847BPDW1T1G, BC848CPDW1T1G Dual General Purpose Transistors NPN/PNP Duals (Complementary) These transistors are designed for general purpose amplifier applications. They are housed in the SOT−363/SC−88 which is designed for low power surface mount applications. Features • These Devices are Pb−Free, Halogen Free/BFR Free and are RoHS Compliant MAXIMUM RATINGS − NPN Rating Symbol Value Unit Collector-Emitter Voltage BC846 BC847 BC848 VCEO 65 45 30 V Collector-Base Voltage BC846 BC847 BC848 VCBO 80 50 30 V Emitter−Base Voltage VEBO 6.0 V Collector Current − Continuous IC 100 mAdc MAXIMUM RATINGS − PNP Rating Symbol Value Unit Collector-Emitter Voltage BC846 BC847 BC848 VCEO −65 −45 −30 V Collector-Base Voltage BC846 BC847 BC848 VCBO −80 −50 −30 V Emitter−Base Voltage VEBO −5.0 V Collector Current − Continuous IC −100 mAdc Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the Recommen- ded Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect device reliability. THERMAL CHARACTERISTICS Characteristic Symbol Max Unit Total Device Dissipation Per Device FR−5 Board (Note 1) TA = 25°C Derate above 25°C PD 380 250 3.0 mW mW/°C Thermal Resistance, Junction−to−Ambient RqJA 328 °C/W Junction and Storage Temperature TJ, Tstg −55 to +150 °C 1. FR−5 = 1.0 x 0.75 x 0.062 in. http://onsemi.com SOT−363 CASE 419B STYLE 1 MARKING DIAGRAM Q1 (1) (2) (3) (4) (5) (6) Q2 XX = Device Code M = Date Code G = Pb−Free Package 1 †For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging Specification Brochure, BRD8011/D. Device Package Shipping† ORDERING INFORMATION BC847BPDW1T2G SOT−363 (Pb−Free) 3000 / Tape & Reel BC847BPDW1T1G SOT−363 (Pb−Free) 3000 / Tape & Reel BF BF Mark BC848CPDW1T1G SOT−363 (Pb−Free) 3000 / Tape & Reel BL BC846BPDW1T1G SOT−363 (Pb−Free) 3000 / Tape & Reel BB XX MG G 1 6 (Note: Microdot may be in either location) |
Podobny numer części - BC846BPDW1T1G |
|
Podobny opis - BC846BPDW1T1G |