Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

STP23NM60ND Arkusz danych(PDF) 10 Page - STMicroelectronics

Numer części STP23NM60ND
Szczegółowy opis  N-channel 600 V, 0.150 廓, 19.5 A, FDmesh??II Power MOSFET (with fast diode) D짼PAK, I짼PAK, TO-220, TO-220FP, TO-247
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP23NM60ND Arkusz danych(HTML) 10 Page - STMicroelectronics

Back Button STP23NM60ND Datasheet HTML 6Page - STMicroelectronics STP23NM60ND Datasheet HTML 7Page - STMicroelectronics STP23NM60ND Datasheet HTML 8Page - STMicroelectronics STP23NM60ND Datasheet HTML 9Page - STMicroelectronics STP23NM60ND Datasheet HTML 10Page - STMicroelectronics STP23NM60ND Datasheet HTML 11Page - STMicroelectronics STP23NM60ND Datasheet HTML 12Page - STMicroelectronics STP23NM60ND Datasheet HTML 13Page - STMicroelectronics STP23NM60ND Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
Package mechanical data
STB/I/F/P/W23NM60ND
10/18
Doc ID 14367 Rev 3
4
Package mechanical data
In order to meet environmental requirements, ST offers these devices in different grades of
ECOPACK® packages, depending on their level of environmental compliance. ECOPACK®
specifications, grade definitions and product status are available at: www.st.com.
ECOPACK® is an ST trademark.


Podobny numer części - STP23NM60ND

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
STP23NM60ND STMICROELECTRONICS-STP23NM60ND Datasheet
343Kb / 15P
   N-channel 600 V - 0.150 廓 - 20 A - D2/I2PAK - TO-220/FP - TO-247 FDmesh??II Power MOSFET
logo
Inchange Semiconductor ...
STP23NM60ND ISC-STP23NM60ND Datasheet
320Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Podobny opis - STP23NM60ND

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
STF21N65M5 STMICROELECTRONICS-STF21N65M5 Datasheet
1Mb / 22P
   N-channel 650 V, 0.150 廓, 17 A MDmesh??V Power MOSFET D짼PAK, TO-220FP, TO-220, I짼PAK, TO-247
May 2011 Rev 4
STI18NM60N STMICROELECTRONICS-STI18NM60N Datasheet
998Kb / 18P
   N-channel 600 V, 0.27 廓, 13 A MDmesh??II Power MOSFET in TO-220, TO-220FP, TO-247, D짼PAK and I짼PAK
STX30NM60ND STMICROELECTRONICS-STX30NM60ND Datasheet
798Kb / 18P
   N-channel 600 V, 0.11 廓, 25 A FDmesh??II Power MOSFET (with fast diode) TO-220, TO-220FP, D2PAK, I2PAK, TO-247
STB23NM60ND STMICROELECTRONICS-STB23NM60ND Datasheet
343Kb / 15P
   N-channel 600 V - 0.150 廓 - 20 A - D2/I2PAK - TO-220/FP - TO-247 FDmesh??II Power MOSFET
STF30N65M5 STMICROELECTRONICS-STF30N65M5 Datasheet
1Mb / 22P
   N-channel 650 V, 0.125 廓, 22 A, MDmesh??V Power MOSFET D짼PAK, TO-220FP, I짼PAK, TO-220, TO-247
September 2011 Rev 3
STB15NM60ND STMICROELECTRONICS-STB15NM60ND Datasheet
600Kb / 19P
   N-channel 600 V - 0.27 廓 - 14 A - FDmesh??II Power MOSFET D2PAK, I2PAK, TO-220, TO-220FP, TO-247
STB25NM60ND STMICROELECTRONICS-STB25NM60ND Datasheet
530Kb / 18P
   N-channel 600 V - 0.13 廓 - 21 A FDmesh??II Power MOSFET D2PAK - I2PAK - TO-220FP - TO-220 - TO-247
STB21NM60ND STMICROELECTRONICS-STB21NM60ND_09 Datasheet
559Kb / 18P
   N-channel 600 V, 0.17 廓, 17 A FDmesh??II Power MOSFET D2PAK, I2PAK, TO-220FP, TO-220, TO-247
STX25NM60ND STMICROELECTRONICS-STX25NM60ND Datasheet
600Kb / 18P
   N-channel 600 V, 0.13 廓, 21 A FDmesh??II Power MOSFET D2PAK, I2PAK, TO-220FP, TO-220, TO-247
STP21NM60ND STMICROELECTRONICS-STP21NM60ND Datasheet
545Kb / 18P
   N-channel 600 V, 0.17 廓, 17 A FDmesh??II Power MOSFET D2PAK, I2PAK, TO-220FP, TO-220, TO-247
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com