Zakładka z wyszukiwarką danych komponentów |
|
L-05C10NKV6T Arkusz danych(PDF) 1 Page - Johanson Technology Inc. |
|
L-05C10NKV6T Arkusz danych(HTML) 1 Page - Johanson Technology Inc. |
1 / 3 page 18 www.johansontechnology.com www.johansontechnology.com High frequency multi-layer chip inductors feature a monolithic body made of low loss ceramic and high conductivity metal electrodes to achieve optimal high frequency performance. These RF chip inductors are compact in size and feature lead-free tin plated nickel barrier terminations and tape and reel packaging which makes them ideal for small size/high volume wireless applications. Polarity Half-Marked Inductors (0201 only) RF CERAMIC CHIP INDUCTORS APPLICATIONS & FEATURES • CELL/PCS Modules • Wireless LAN • Broadband Components • RFID • RF Tranceivers • RoHS Compliant (Standard, “V” Code) • Sn/Pb Terminations Optional (“T” Code) HOW TO ORDER Part number written: L-07C10NJV6T DEVICE Inductor L- SIZE 05 = 0201 07 = 0402 14 = 0603 07 TYPE B = Polarity Half-Marked (all 0201) C = 0402 and 0603 (see “Marking”) C VALUE See Table 10N TOLERANCE C = ± 0.2 nH ≤ 1.0 nH S = ± 0.3 nH 1.0 to 5.6 nH J = ± 5% 6.8 nH and above K = ± 10% 3.3 nH and above J MARKING 4 = No Marking (all 0603) 6 = Orientation Mark (all 0201 and 0402*) 6 TERMINATION V = Ni/Sn T = Ni / SnPb V TAPE & REEL Size Code Tape Reel Qty 0201 T Paper 7” 15,000 0402 T Paper 7” 10,000 0603 T Paper 7” 4,000 T PRODUCT RANGE SUMMARY EIA SIZE (mm) SIZE CODE L RANGE Q FACTOR (Min.) SRF (Typ.) TEMPERATURE 0201 (0603) L-05 0.6 - 39 nH 4 (100 MHz) >21 GHz (1.0 nH) -40°C to +100°C 0402 (1005) L-07 1.0 - 120 nH 8 (100 MHz) >21 GHz (1.0 nH) -40°C to +100°C 0603 (1608) L-14 1.0 - 220 nH 12 (100 MHz) >23 GHz (1.0 nH) -40°C to +100°C MECHANICAL CHARACTERISTICS 0201 (0603) Inches mm .024 ±.001” (0.6 ±0.03) .012 ±.001” (0.3 ±0.03) .012 ±.001” (0.3 ±0.03) .006 ±.002” (0.15 ±0.05) 0402 (1005) Inches mm .039 ±.004” (1.00 ±.10) .020 ±.004” (0.50 ±.10) .020 ±.004” (0.50 ±.10) .009 ±.004” (0.23 ±.10) 0603 (1608) Inches mm .063 ±.006” (1.60 ±.15) .031 ±.006” (0.80 ±.15) .031 ±.006” (0.80 ±.15) .012 ±.008” (0.30 ±.20) Length Width Thickness End Band L W T E/B *Please note that all 0402 inductors (L-07C) have orientation full marking only. Orientation Full Marking (all 0402) |
Podobny numer części - L-05C10NKV6T |
|
Podobny opis - L-05C10NKV6T |