Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SPI20N65C3 Arkusz danych(PDF) 2 Page - Infineon Technologies AG

Numer części SPI20N65C3
Szczegółowy opis  New revolutionary high voltage technology Worldwide best RDS(on) in TO 220
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  INFINEON [Infineon Technologies AG]
Strona internetowa  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SPI20N65C3 Arkusz danych(HTML) 2 Page - Infineon Technologies AG

  SPI20N65C3 Datasheet HTML 1Page - Infineon Technologies AG SPI20N65C3 Datasheet HTML 2Page - Infineon Technologies AG SPI20N65C3 Datasheet HTML 3Page - Infineon Technologies AG SPI20N65C3 Datasheet HTML 4Page - Infineon Technologies AG SPI20N65C3 Datasheet HTML 5Page - Infineon Technologies AG SPI20N65C3 Datasheet HTML 6Page - Infineon Technologies AG SPI20N65C3 Datasheet HTML 7Page - Infineon Technologies AG SPI20N65C3 Datasheet HTML 8Page - Infineon Technologies AG SPI20N65C3 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
200
7-08-30
Rev. 3.0
Page 2
SPP20N65C3, SPA20N65C3
SPI20N65C3
Maximum Ratings
Parameter
Symbol
Value
Unit
Drain Source voltage slope
VDS = 480 V, ID = 20.7 A, Tj = 125 °C
dv/dt
50
V/ns
Thermal Characteristics
Parameter
Symbol
Values
Unit
min.
typ.
max.
Thermal resistance, junction - case
RthJC
-
-
0.6
K/W
Thermal resistance, junction - case, FullPAK
RthJC_FP
-
-
3.6
Thermal resistance, junction - ambient, leaded
RthJA
-
-
62
Thermal resistance, junction - ambient, FullPAK
RthJA_FP
-
-
80
SMD version, device on PCB:
@ min. footprint
@ 6 cm2 cooling area 3)
RthJA
-
-
-
35
62
-
Soldering temperature, wavesoldering
1.6 mm (0.063 in.) from case for 10s
Tsold
-
-
260
°C
Electrical Characteristics,
at Tj=25°C unless otherwise specified
Parameter
Symbol
Conditions
Values
Unit
min.
typ.
max.
Drain-source breakdown voltage V(BR)DSS VGS=0V, ID=0.25mA 650
-
-
V
Drain-Source avalanche
breakdown voltage
V(BR)DS VGS=0V, ID=7A
-
730
-
Gate threshold voltage
VGS(th)
ID=1000µA, VGS=VDS 2.1
3
3.9
Zero gate voltage drain current
IDSS
VDS=600V, VGS=0V,
Tj=25°C
Tj=150°C
-
-
0.1
-
1
100
µA
Gate-source leakage current
IGSS
VGS=20V, VDS=0V
-
-
100
nA
Drain-source on-state resistance RDS(on) VGS=10V, ID=13.1A
Tj=25°C
Tj=150°C
-
-
0.16
0.43
0.19
-
Gate input resistance
RG
f=1MHz, open drain
-
0.54
-


Podobny numer części - SPI20N65C3

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Infineon Technologies A...
SPI20N65C3 INFINEON-SPI20N65C3 Datasheet
784Kb / 14P
   Cool MOS??Power Transistor
2003-08-15
SPI20N65C3 INFINEON-SPI20N65C3 Datasheet
622Kb / 15P
   New revolutionary high voltage technology Ultra low gate charge Extreme dv/dt rated
Rev. 3.1 2009-12-01
logo
Inchange Semiconductor ...
SPI20N65C3 ISC-SPI20N65C3 Datasheet
331Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Podobny opis - SPI20N65C3

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Infineon Technologies A...
SPP21N50C3 INFINEON-SPP21N50C3_07 Datasheet
2Mb / 14P
   New revolutionary high voltage technology Worldwide best RDS(on) in TO 220 Ultra low gate charge
Rev. 3.0 2007-08-30
SPP20N60C3 INFINEON-SPP20N60C3_09 Datasheet
1Mb / 15P
   New revolutionary high voltage technology Worldwide best RDS(on) in TO 220 Ultra low gate charge
Rev.3.1 2009-02-19
SPB12N50C3 INFINEON-SPB12N50C3_05 Datasheet
1Mb / 12P
   New revolutionary high voltage technology Worldwide best RDS(on) in TO 220 Ultra low gate charge
Rev. 2.4 2005-11-07
SPP17N80C3 INFINEON-SPP17N80C3_07 Datasheet
1Mb / 13P
   New revolutionary high voltage technology Worldwide best RDS(on) in TO 220 Ultra low gate charge
Rev. 2.6 2007-08-30
SPN04N60S5 INFINEON-SPN04N60S5_05 Datasheet
4Mb / 10P
   New revolutionary high voltage technology Worldwide best RDS in SOT 223
Rev. 2.2 2005-02-21
SPW11N80C3 INFINEON-SPW11N80C3_11 Datasheet
509Kb / 10P
   New revolutionary high voltage technology
Rev. 2.91 2011-09-27
SPA11N60CFD INFINEON-SPA11N60CFD_10 Datasheet
210Kb / 12P
   CoolMOSTM Power Transistor Features New revolutionary high voltage technology
Rev. 1.3 2010-01-12
SPP02N80C3 INFINEON-SPP02N80C3_08 Datasheet
394Kb / 10P
   CoolMOSTM Power Transistor Features New revolutionary high voltage technology
Rev. 2.9 2008-10-15
SPB17N80C3 INFINEON-SPB17N80C3_07 Datasheet
326Kb / 10P
   CoolMOS짰 Power Transistor Features new revolutionary high voltage technology
Rev. 2.3 2007-11-28
SPP07N60C3 INFINEON-SPP07N60C3_07 Datasheet
1Mb / 15P
   New revolutionary high voltage technology Ultra low gate charge
Rev. 3.1 2007-08-30
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com