Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SPI11N60CFD Arkusz danych(PDF) 6 Page - Infineon Technologies AG

Numer części SPI11N60CFD
Szczegółowy opis  New revolutionary high voltage technology Ultra low gate charge Periodic avalanche rated
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  INFINEON [Infineon Technologies AG]
Strona internetowa  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SPI11N60CFD Arkusz danych(HTML) 6 Page - Infineon Technologies AG

Back Button SPI11N60CFD Datasheet HTML 2Page - Infineon Technologies AG SPI11N60CFD Datasheet HTML 3Page - Infineon Technologies AG SPI11N60CFD Datasheet HTML 4Page - Infineon Technologies AG SPI11N60CFD Datasheet HTML 5Page - Infineon Technologies AG SPI11N60CFD Datasheet HTML 6Page - Infineon Technologies AG SPI11N60CFD Datasheet HTML 7Page - Infineon Technologies AG SPI11N60CFD Datasheet HTML 8Page - Infineon Technologies AG SPI11N60CFD Datasheet HTML 9Page - Infineon Technologies AG SPI11N60CFD Datasheet HTML 10Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
200
9-04-24
Rev. 2.
6
Page 6
SP
I11N60CFD
5 Typ. output characteristic
ID = f (VDS); Tj=150°C
parameter: tp = 10 µs, VGS
0
4
8
12
16
20
V
26
VDS
0
2
4
6
8
10
12
14
16
18
A
22
Vgs = 20V
Vgs = 8.5V
Vgs = 8V
Vgs = 7.5V
Vgs = 7V
Vgs = 6.5V
Vgs = 6V
6 Typ. drain-source on resistance
RDS(on)=f(ID)
parameter: Tj=150°C, VGS
0
4
8
12
16
20
A
28
ID
0.7
0.8
0.9
1
1.1
1.2
1.3
1.4
1.5
1.6
1.7
1.8
2
Vgs = 6V
Vgs = 6.5V
Vgs = 7V
Vgs = 7.5V
Vgs = 8V
Vgs = 8.5V
Vgs = 20V
7 Drain-source on-state resistance
RDS(on) = f (Tj)
parameter : ID = 7 A, VGS = 10 V
-60
-20
20
60
100
°C
180
Tj
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
2.2
2.6
SPP11N60CFD
typ
98%
8 Typ. transfer characteristics
ID= f ( VGS ); VDS
≥ 2 x ID x RDS(on)max
parameter: tp = 10 µs
0
2
4
6
8
10
12
14
16
V
20
VGS
0
5
10
15
20
25
30
A
40
Tj = 150?C
Tj = 25?C


Podobny numer części - SPI11N60CFD

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Inchange Semiconductor ...
SPI11N60CFD ISC-SPI11N60CFD Datasheet
331Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Podobny opis - SPI11N60CFD

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Infineon Technologies A...
SPP12N50C3 INFINEON-SPP12N50C3_07 Datasheet
1Mb / 14P
   New revolutionary high voltage technology Ultra low gate charge Periodic avalanche rated
Rev. 3.0 2007-08-30
SPP11N65C3 INFINEON-SPP11N65C3_07 Datasheet
1,019Kb / 15P
   New revolutionary high voltage technology Ultra low gate charge Periodic avalanche rated
Rev. 2.9 2007-08-30
SPP04N50C3 INFINEON-SPP04N50C3_09 Datasheet
635Kb / 13P
   New revolutionary high voltage technology Ultra low gate charge Periodic avalanche rated
Rev. 2.8 2009-11-26
SPP16N50C3 INFINEON-SPP16N50C3_09 Datasheet
729Kb / 14P
   New revolutionary high voltage technology Ultra low gate charge Periodic avalanche rated
Rev. 3.2 2009-12-22
SPB21N50C3 INFINEON-SPB21N50C3_05 Datasheet
1Mb / 12P
   New revolutionary high voltage technology Ultra low gate charge Periodic avalanche rated
Rev. 2.3 2005-11-07
SPP07N65C3 INFINEON-SPP07N65C3_09 Datasheet
2Mb / 15P
   New revolutionary high voltage technology Ultra low gate charge Periodic avalanche rated
Rev. 1.91 2009-07-23
SPP08N50C3 INFINEON-SPP08N50C3_09 Datasheet
732Kb / 14P
   New revolutionary high voltage technology Ultra low gate charge Periodic avalanche rated
Rev. 2.91 2009-11-27
SPP16N50C3 INFINEON-SPP16N50C3_07 Datasheet
1Mb / 14P
   New revolutionary high voltage technology Ultra low gate charge Periodic avalanche rated
Rev. 3.0 2007-08-30
SPP07N60C3 INFINEON-SPP07N60C3_07 Datasheet
1Mb / 15P
   New revolutionary high voltage technology Ultra low gate charge
Rev. 3.1 2007-08-30
SPB11N60S5 INFINEON-SPB11N60S5_05 Datasheet
691Kb / 11P
   New revolutionary high voltage technology Ultra low gate charge
Rev. 2.3 2005-07-22
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com