Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SPI12N50C3 Arkusz danych(PDF) 3 Page - Infineon Technologies AG

Numer części SPI12N50C3
Szczegółowy opis  Cool MOS??Power Transistor Feature New revolutionary high voltage technology
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  INFINEON [Infineon Technologies AG]
Strona internetowa  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SPI12N50C3 Arkusz danych(HTML) 3 Page - Infineon Technologies AG

  SPI12N50C3 Datasheet HTML 1Page - Infineon Technologies AG SPI12N50C3 Datasheet HTML 2Page - Infineon Technologies AG SPI12N50C3 Datasheet HTML 3Page - Infineon Technologies AG SPI12N50C3 Datasheet HTML 4Page - Infineon Technologies AG SPI12N50C3 Datasheet HTML 5Page - Infineon Technologies AG SPI12N50C3 Datasheet HTML 6Page - Infineon Technologies AG SPI12N50C3 Datasheet HTML 7Page - Infineon Technologies AG SPI12N50C3 Datasheet HTML 8Page - Infineon Technologies AG SPI12N50C3 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
200
9-11-30
Rev.
3.
1
Page 3
SPP12N50C3
SPI12N50C3, SPA12N50C3
Electrical Characteristics, at Tj = 25 °C, unless otherwise specified
Parameter
Symbol
Conditions
Values
Unit
min.
typ.
max.
Characteristics
Transconductance
gfs
VDS2*ID*RDS(on)max,
ID=7A
-
8
-
S
Input capacitance
Ciss
VGS=0V, VDS=25V,
f
=1MHz
-
1200
-
pF
Output capacitance
Coss
-
400
-
Reverse transfer capacitance
Crss
-
30
-
Effective output capacitance,5)
energy related
Co(er)
VGS=0V,
VDS=0V to 400V
-
45
-
Effective output capacitance,6)
time related
Co(tr)
-
92
-
Turn-on delay time
td(on)
VDD=380V, VGS=0/10V,
ID=11.6A, RG=6.8
-
10
-
ns
Rise time
tr
-
8
-
Turn-off delay time
td(off)
-
45
-
Fall time
tf
-
8
-
Gate Charge Characteristics
Gate to source charge
Qgs
VDD=400V, ID=11.6A
-
5
-
nC
Gate to drain charge
Qgd
-
26
-
Gate charge total
Qg
VDD=400V, ID=11.6A,
VGS=0 to 10V
-
49
-
Gate plateau voltage
V(plateau) VDD=400V, ID=11.6A
-
5
-
V
1Limited only by maximum temperature
2Repetitve avalanche causes additional power losses that can be calculated asPAV=EAR*f.
3Device on 40mm*40mm*1.5mm epoxy PCB FR4 with 6cm² (one layer, 70 µm thick) copper area for drain
connection. PCB is vertical without blown air.
4Soldering temperature for TO-263: 220°C, reflow
5C
o(er) is a fixed capacitance that gives the same stored energy as Coss while VDS is rising from 0 to 80% VDSS.
6Co(tr) is a fixed capacitance that gives the same charging time as Coss while VDS is rising from 0 to 80% VDSS.
7I
SD<=ID, di/dt<=400A/us, VDClink=400V, Vpeak<VBR, DSS, Tj<Tj,max.
Identical low-side and high-side switch.


Podobny numer części - SPI12N50C3

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Infineon Technologies A...
SPI12N50C3 INFINEON-SPI12N50C3 Datasheet
365Kb / 13P
   Cool MOS??Power Transistor
Rev. 2.1 2004-03-29
SPI12N50C3 INFINEON-SPI12N50C3 Datasheet
1Mb / 14P
   New revolutionary high voltage technology Ultra low gate charge Periodic avalanche rated
Rev. 3.0 2007-08-30
logo
Inchange Semiconductor ...
SPI12N50C3 ISC-SPI12N50C3 Datasheet
331Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Podobny opis - SPI12N50C3

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Infineon Technologies A...
SPP02N60S5 INFINEON-SPP02N60S5_09 Datasheet
357Kb / 10P
   Cool MOS??Power Transistor Feature New revolutionary high voltage technology
Rev. 2.7 2009-11-26
SPS02N60C3 INFINEON-SPS02N60C3_09 Datasheet
1Mb / 12P
   Cool MOS Power Transistor Feature new revolutionary high voltage technology
Rev.2.2 2009-07-07
SPP11N60CFD INFINEON-SPP11N60CFD_07 Datasheet
680Kb / 12P
   Cool MOS??Power Transistor Feature New revolutionary high voltage technology
Rev. 2.6 2007-08-30
IPW60R250CP INFINEON-IPW60R250CP Datasheet
538Kb / 11P
   Cool MOS??Power Transistor Feature New revolutionary high voltage technology
Rev. 2.2 2009-04-01
SPP11N60C3 INFINEON-SPP11N60C3_09 Datasheet
659Kb / 16P
   Cool MOS??Power Transistor Feature New revolutionary high voltage technology
Rev. 3 . 2 2009-11-27
SPP07N60S5 INFINEON-SPP07N60S5_09 Datasheet
534Kb / 12P
   Cool MOS??Power Transistor Feature New revolutionary high voltage technology
Rev. 2.7 2009-11-27
SPP21N50C3 INFINEON-SPP21N50C3_09 Datasheet
756Kb / 14P
   Cool MOS??Power Transistor Feature New revolutionary high voltage technology
Rev. 3.2 2009-12-22
SPI20N60CFD INFINEON-SPI20N60CFD Datasheet
366Kb / 12P
   Cool MOS??Power Transistor Feature New revolutionary high voltage technology
Rev. 2.5 2007-02-01
SPB02N60S5 INFINEON-SPB02N60S5_07 Datasheet
349Kb / 10P
   Cool MOS??Power Transistor Feature New revolutionary high voltage technology
Rev. 2.4 2007-02-14
SPP20N60CFD INFINEON-SPP20N60CFD_09 Datasheet
339Kb / 12P
   Cool MOS??Power Transistor Feature New revolutionary high voltage technology
Rev. 2.6 2009-11-30
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com