Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SMAJ45CA Arkusz danych(PDF) 3 Page - Bourns Electronic Solutions

Numer części SMAJ45CA
Szczegółowy opis  SMAJ Transient Voltage Suppressor Diode Series
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  BOURNS [Bourns Electronic Solutions]
Strona internetowa  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

SMAJ45CA Arkusz danych(HTML) 3 Page - Bourns Electronic Solutions

  SMAJ45CA Datasheet HTML 1Page - Bourns Electronic Solutions SMAJ45CA Datasheet HTML 2Page - Bourns Electronic Solutions SMAJ45CA Datasheet HTML 3Page - Bourns Electronic Solutions SMAJ45CA Datasheet HTML 4Page - Bourns Electronic Solutions SMAJ45CA Datasheet HTML 5Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Product Dimensions
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
SMAJ Transient Voltage Suppressor Diode Series
Recommended Footprint
Physical Specifications
Case ..........................................Molded plastic per UL Class 94V-0
Polarity ..................... Cathode band indicates unidirectional device
No cathode band indicates bidirectional device
Weight ..................................................0.002 ounces / 0.064 grams
DIMENSIONS:
MM
(INCHES)
B
G
F
D
C
H
E
A
A
C
B
Dimension
SMA (DO-214AC)
A
4.06 - 4.57
(0.160 - 0.180)
B
2.29 - 2.92
(0.090 - 0.115)
C
1.27 - 1.63
(0.050 - 0.064)
D
0.15 - 0.31
(0.006 - 0.112)
E
4.83 - 5.59
(0.190 - 0.220)
F
0.05 - 0.20
(0.002 - 0.008)
G
2.01 - 2.62
(0.080 - 0.103)
H
0.76 - 1.52
(0.030 - 0.060)
DIMENSIONS:
MM
(INCHES)
Dimension
SMA (DO-214AC)
A (Max.)
2.70
(0.106)
B (Min.)
2.10
(0.083)
C (Min.)
1.27
(0.050)


Podobny numer części - SMAJ45CA

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Bytes
SMAJ45CA BYTES-SMAJ45CA Datasheet
336Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
Diodes Incorporated
SMAJ45CA DIODES-SMAJ45CA Datasheet
118Kb / 5P
   400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
PACELEADER INDUSTRIAL
SMAJ45CA PACELEADER-SMAJ45CA Datasheet
122Kb / 2P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
SiPower Inc.
SMAJ45CA SIPOWER-SMAJ45CA Datasheet
917Kb / 4P
   Surface Mount Transient Voltage Suppressors
logo
Diodes Incorporated
SMAJ45CA DIODES-SMAJ45CA Datasheet
146Kb / 5P
   400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
More results

Podobny opis - SMAJ45CA

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Bourns Electronic Solut...
SMAJ90CA BOURNS-SMAJ90CA Datasheet
379Kb / 5P
   SMAJ Transient Voltage Suppressor Diode Series
SMAJ50CA BOURNS-SMAJ50CA_12 Datasheet
379Kb / 5P
   SMAJ Transient Voltage Suppressor Diode Series
logo
Shanghai Yint Electroni...
SMAJ YINT-SMAJ Datasheet
1Mb / 5P
   SMAJ Transient Voltage Suppressor Diode Series
logo
Bourns Electronic Solut...
SMAJ28 BOURNS-SMAJ28 Datasheet
379Kb / 5P
   SMAJ Transient Voltage Suppressor Diode Series
logo
Shanghai Leiditech Elec...
SMAJ6.0A LEIDITECH-SMAJ6.0A Datasheet
1Mb / 7P
   SMAJ Series 400W Transient Voltage Suppressor
Rev : 01.06.2014
logo
Bourns Electronic Solut...
SMBJ BOURNS-SMBJ Datasheet
282Kb / 5P
   Transient Voltage Suppressor Diode Series
SMAJ5.0CA-H BOURNS-SMAJ5.0CA-H Datasheet
282Kb / 5P
   Transient Voltage Suppressor Diode Series
CD214C BOURNS-CD214C_08 Datasheet
224Kb / 5P
   Transient Voltage Suppressor Diode Series
CD214B BOURNS-CD214B_08 Datasheet
231Kb / 5P
   Transient Voltage Suppressor Diode Series
CD214C BOURNS-CD214C_10 Datasheet
148Kb / 5P
   Transient Voltage Suppressor Diode Series
More results


Html Pages

1 2 3 4 5


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com