Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SMAJ45CA Arkusz danych(PDF) 4 Page - Bourns Electronic Solutions

Numer części SMAJ45CA
Szczegółowy opis  SMAJ Transient Voltage Suppressor Diode Series
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  BOURNS [Bourns Electronic Solutions]
Strona internetowa  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

SMAJ45CA Arkusz danych(HTML) 4 Page - Bourns Electronic Solutions

  SMAJ45CA Datasheet HTML 1Page - Bourns Electronic Solutions SMAJ45CA Datasheet HTML 2Page - Bourns Electronic Solutions SMAJ45CA Datasheet HTML 3Page - Bourns Electronic Solutions SMAJ45CA Datasheet HTML 4Page - Bourns Electronic Solutions SMAJ45CA Datasheet HTML 5Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
100
75
50
25
0
050
25
75
100
150
125
175
200
Ambient Temperature (°C)
10 x 1000 Waveform as Defined
by R.E.A.
60
40
50
30
20
10
0
1
2
5
10
20
50
100
Number of Cycles at 60 Hz
Pulse Width 8.3 ms
Single Half Sine-Wave
(JEDEC Method)
100
50
0
0
1.0
2.0
3.0
4.0
T, Time (ms)
TA=25 °C
TP
TR=10 µs
Half value=
IRSM
2
Peak value (IRSM)
Pulse width (TP)
is defined as that point
where the peak current
decays to 50 % of IPSM.
10 x 1000 waveform
as defined by R.E.A.
10000
100
0
0
10
100
1000
Standoff Voltage (Volts)
1000
Bidirectional
TA = 25 °C
Unidirectional
100
10
1.0
0.1
0.1 µs
1.0 µs
10 µs
10 ms
TP, Pulse Width
100 µs
1.0 ms
5.0 mm Lead Areas
TA = 25 °C
Non-repetitive
Pulse Waveform
Shown in Pulse Waveform Graph
1.0
0.6
0.8
0.4
0.2
0.0
050
25
75
100
150
125
175
200
TL, Lead Temperature (°C)
60 Hz Resistive or
Inductive Load
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
SMAJ Transient Voltage Suppressor Diode Series
Rating & Characteristic Curves
Pulse Derating Curve
Maximum Non-Repetitive Surge Current
Pulse Waveform
Typical Junction Capacitance
Pulse Rating Curve
Steady State Power Derating Curve


Podobny numer części - SMAJ45CA

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Diodes Incorporated
SMAJ45CA DIODES-SMAJ45CA Datasheet
118Kb / 5P
   400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Bytes
SMAJ45CA BYTES-SMAJ45CA Datasheet
336Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
SiPower Inc.
SMAJ45CA SIPOWER-SMAJ45CA Datasheet
917Kb / 4P
   Surface Mount Transient Voltage Suppressors
logo
PACELEADER INDUSTRIAL
SMAJ45CA PACELEADER-SMAJ45CA Datasheet
122Kb / 2P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Socay Electornics Co., ...
SMAJ45CA SOCAY-SMAJ45CA Datasheet
1Mb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
More results

Podobny opis - SMAJ45CA

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Bourns Electronic Solut...
SMAJ90CA BOURNS-SMAJ90CA Datasheet
379Kb / 5P
   SMAJ Transient Voltage Suppressor Diode Series
SMAJ50CA BOURNS-SMAJ50CA_12 Datasheet
379Kb / 5P
   SMAJ Transient Voltage Suppressor Diode Series
logo
Shanghai Yint Electroni...
SMAJ YINT-SMAJ Datasheet
1Mb / 5P
   SMAJ Transient Voltage Suppressor Diode Series
logo
Bourns Electronic Solut...
SMAJ28 BOURNS-SMAJ28 Datasheet
379Kb / 5P
   SMAJ Transient Voltage Suppressor Diode Series
logo
Shanghai Leiditech Elec...
SMAJ6.0A LEIDITECH-SMAJ6.0A Datasheet
1Mb / 7P
   SMAJ Series 400W Transient Voltage Suppressor
Rev : 01.06.2014
logo
Bourns Electronic Solut...
SMBJ BOURNS-SMBJ Datasheet
282Kb / 5P
   Transient Voltage Suppressor Diode Series
SMAJ5.0CA-H BOURNS-SMAJ5.0CA-H Datasheet
282Kb / 5P
   Transient Voltage Suppressor Diode Series
CD214C BOURNS-CD214C_08 Datasheet
224Kb / 5P
   Transient Voltage Suppressor Diode Series
CD214B BOURNS-CD214B_08 Datasheet
231Kb / 5P
   Transient Voltage Suppressor Diode Series
CD214C BOURNS-CD214C_10 Datasheet
148Kb / 5P
   Transient Voltage Suppressor Diode Series
More results


Html Pages

1 2 3 4 5


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com