Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SPI08N80C3 Arkusz danych(PDF) 6 Page - Infineon Technologies AG

Numer części SPI08N80C3
Szczegółowy opis  CoolMOSTM Power Transistor Features New revolutionary high voltage technology
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  INFINEON [Infineon Technologies AG]
Strona internetowa  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SPI08N80C3 Arkusz danych(HTML) 6 Page - Infineon Technologies AG

Back Button SPI08N80C3 Datasheet HTML 2Page - Infineon Technologies AG SPI08N80C3 Datasheet HTML 3Page - Infineon Technologies AG SPI08N80C3 Datasheet HTML 4Page - Infineon Technologies AG SPI08N80C3 Datasheet HTML 5Page - Infineon Technologies AG SPI08N80C3 Datasheet HTML 6Page - Infineon Technologies AG SPI08N80C3 Datasheet HTML 7Page - Infineon Technologies AG SPI08N80C3 Datasheet HTML 8Page - Infineon Technologies AG SPI08N80C3 Datasheet HTML 9Page - Infineon Technologies AG SPI08N80C3 Datasheet HTML 10Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
SPI08N80C3
9 Typ. gate charge
10 Forward characteristics of reverse diode
V GS=f(Q gate); I D=8 A pulsed
I F=f(V SD); t p=10 µs
parameter: V DD
parameter: T j
11 Avalanche energy
12 Drain-source breakdown voltage
E AS=f(T j); I D=1.6 A; V DD=50 V
V BR(DSS)=f(T j); I D=0.25 mA
25 °C
150 °C
150°C (98%)
25°C (98°C)
10
2
10
1
10
0
10
-1
0
0.5
1
1.5
2
V SD [V]
160 V
640 V
0
2
4
6
8
10
0
10
20
30
40
50
Q gate [nC]
680
720
760
800
840
880
920
960
-60
-20
20
60
100
140
180
T j [°C]
0
50
100
150
200
250
300
350
25
50
75
100
125
150
T j [°C]
Rev. 2.9
page 6
2008-10-15


Podobny numer części - SPI08N80C3

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Inchange Semiconductor ...
SPI08N80C3 ISC-SPI08N80C3 Datasheet
331Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Podobny opis - SPI08N80C3

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Infineon Technologies A...
SPP04N80C3 INFINEON-SPP04N80C3_08 Datasheet
395Kb / 10P
   CoolMOSTM Power Transistor Features New revolutionary high voltage technology
Rev. 2.9 2008-10-15
IPW50R250CP INFINEON-IPW50R250CP Datasheet
537Kb / 11P
   CoolMOSTM Power Transistor Features New revolutionary high voltage technology
Rev. 2.0 2007-11-07
SPP06N60C3 INFINEON-SPP06N60C3_09 Datasheet
228Kb / 11P
   CoolMOSTM Power Transistor Features New revolutionary high voltage technology
Rev. 1.4 2009-11-27
SPD02N80C3 INFINEON-SPD02N80C3_08 Datasheet
281Kb / 10P
   CoolMOSTM Power Transistor Features New revolutionary high voltage technology
Rev. 2.9 2008-10-15
SPP08N80C3 INFINEON-SPP08N80C3_08 Datasheet
398Kb / 10P
   CoolMOSTM Power Transistor Features New revolutionary high voltage technology
Rev. 2.9 2008-10-15
SPA11N80C3 INFINEON-SPA11N80C3_08 Datasheet
295Kb / 10P
   CoolMOSTM Power Transistor Features New revolutionary high voltage technology
Rev. 2.9 2008-10-15
SPD04N80C3 INFINEON-SPD04N80C3_08 Datasheet
442Kb / 10P
   CoolMOSTM Power Transistor Features New revolutionary high voltage technology
Rev. 2.9 2008-10-15
SPP06N60C3 INFINEON-SPP06N60C3_07 Datasheet
258Kb / 11P
   CoolMOSTM Power Transistor Features New revolutionary high voltage technology
Rev. 1.3 2007-08-28
SPA11N60CFD INFINEON-SPA11N60CFD_10 Datasheet
210Kb / 12P
   CoolMOSTM Power Transistor Features New revolutionary high voltage technology
Rev. 1.3 2010-01-12
SPP02N80C3 INFINEON-SPP02N80C3_08 Datasheet
394Kb / 10P
   CoolMOSTM Power Transistor Features New revolutionary high voltage technology
Rev. 2.9 2008-10-15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com