Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

DZD43 Arkusz danych(PDF) 1 Page - Sanyo Semicon Device

Numer części DZD43
Szczegółowy opis  0.2W Zener Diodes
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SANYO [Sanyo Semicon Device]
Strona internetowa  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

DZD43 Arkusz danych(HTML) 1 Page - Sanyo Semicon Device

  DZD43 Datasheet HTML 1Page - Sanyo Semicon Device DZD43 Datasheet HTML 2Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
71598HA (KT)/31497GI/41096GI/O1494MO (KOTO) AX-8198 No.4704-1/2
SANYO Electric Co.,Ltd. Semiconductor Bussiness Headquarters
TOKYO OFFICE, Tokyo Bldg., 1-10 , Chome, Ueno, Taito-ku, TOKYO, 110-8534 JAPAN
Ordering number:EN4704B
DZD27 to 47
Silicon Planar Type
0.2W Zener Diodes
Specifications
Absolute Maximum Ratings at Ta = 25˚C
Electrical Characteristics at Ta = 25˚C
Package Dimensions
unit:mm
1148A
[DZD27 to 47]
Features
· Reference voltage use.
· Voltage regulator use.
· Power dissipation : P=200mW.
· High reliability due to planar type.
· Ideally suited for use in hybrid ICs because of
ultrasmall-sized package.
1:Anode
2:No Connection
3:Cathode
SANYO:CP
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Ss
n
o
i
t
i
d
n
o
Cs
g
n
i
t
a
Rt
i
n
U
n
o
i
t
a
p
i
s
s
i
D
r
e
w
o
PP
0
0
2W
m
e
r
u
t
a
r
e
p
m
e
T
n
o
i
t
c
n
u
Jj
T
0
5
1
e
r
u
t
a
r
e
p
m
e
T
e
g
a
r
o
t
Sg
t
s
T
0
5
1
+
o
t
5
5
˚C
˚C
Type No.
Zener Characteristics
Reverse Current
Zener Voltage
VZ [V]*
Dynamic
Resistance
rd [Ω]
f=1kHz
Current at
which Vz, rd
are measured
[mA]
Voltage at
which IR is
measured
VR [V]
IR
[
µA]
min
max
max
25.10
28.00
31.00
34.00
37.00
40.00
44.00
28.90
32.00
35.00
38.00
41.00
45.00
49.00
70
80
80
90
100
130
150
2
2
2
2
2
2
2
0.5
0.5
0.5
0.5
0.5
0.5
0.5
21
23
25
27
30
33
36
DZD27
DZD30
DZD33
DZD36
DZD39
DZD47
DZD43
* : t=30ms


Podobny numer części - DZD43

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sanyo Semicon Device
DZD4.3 SANYO-DZD4.3 Datasheet
77Kb / 4P
   0.2W Zener Diodes
DZD4.7 SANYO-DZD4.7 Datasheet
77Kb / 4P
   0.2W Zener Diodes
More results

Podobny opis - DZD43

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sanyo Semicon Device
DZD20 SANYO-DZD20 Datasheet
77Kb / 4P
   0.2W Zener Diodes
logo
Gaomi Xinghe Electronic...
MM5Z2V0 GXELECTRONICS-MM5Z2V0 Datasheet
449Kb / 3P
   0.2W SILICON PLANAR ZENER DIODES
logo
Jinan Jing Heng Electro...
MM5Z2V0 JINGHENG-MM5Z2V0 Datasheet
62Kb / 3P
   0.2W SILICON PLANAR ZENER DIODES
logo
TAITRON Components Inco...
BZX384C3V9 TAITRON-BZX384C3V9 Datasheet
296Kb / 4P
   0.2W Surface Mount Zener Diodes
logo
Jinan Jingheng (Group) ...
MM5Z2V0 JINANJINGHENG-MM5Z2V0 Datasheet
286Kb / 3P
   0.2W SILICON PLANAR ZENER DIODES
logo
Shenzhen Luguang Electr...
BZT52C2V0S LUGUANG-BZT52C2V0S Datasheet
1Mb / 3P
   0.2W Zener Diode
1SS355 LUGUANG-1SS355 Datasheet
209Kb / 2P
   0.2W Fast Switching Diodes
1SS355 LUGUANG-1SS355_V01 Datasheet
1Mb / 2P
   0.2W Fast Switching Diodes
BAV19WS LUGUANG-BAV19WS Datasheet
219Kb / 2P
   0.2W Fast Switching Diodes
SD106WS LUGUANG-SD106WS Datasheet
201Kb / 2P
   0.2W Fast Switching Diodes
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com