Zakładka z wyszukiwarką danych komponentów |
|
L7810 Arkusz danych(PDF) 1 Page - Hamamatsu Corporation |
|
L7810 Arkusz danych(HTML) 1 Page - Hamamatsu Corporation |
1 / 4 page CALIBRATED LAMP LIGHT SOURCE SERIES L7810, L7810-02 (Xenon Lamp) L7820, L7820-02 (Deuterium Lamp) LIGHT SOURCE Easy to reproduce highly stable light!! Left: Lamp Housing Right: Power Supply Left: Lamp Housing Right: Power Supply L7810, L7810-02 L7820, L7820-02 These light sources deliver the extremely high levels of "stability" and "repeatability" essential to calibrated light sources. These are availa- ble as an optimal set including a lamp, lamp housing and power sup- ply, so that anyone can easily reproduce a highly stable light output. The L7810-02 xenon lamp light source is calibrated over a wide spec- tral range from 200 nm to 800 nm, while the L7820-02 deuterium lamp light source is calibrated in the UV range from 200 nm to 400 nm. Since we are certified as an ASNITE-Calibration laboratory, we are capable of calibrating spectral irradiance over a wide range from 200 nm to 800 nm (L7810-02). The spectral range at wavelengths shorter than 250 nm is calibrated based on the ASNITE calibration system (Accreditation System of Na- tional Institute of Technology and Evaluation), while the spectral range at wavelengths longer than 250 nm is calibrated based on the JCSS (Japan Calibration Service System). As of August 2009, Hamamatsu Photonics is the only company certi- fied as an ASNITE-Calibration laboratory in the "Light" field. APPLICATIONS GLight level control of light source GSensitivity control of optical sensor GLight intensity measurement and studies of photoreactions (Light resistance, light curing, etc.) GQuality control of photometric equipment (Medical analysis equipment, semi- conductor inspection systems, imaging devices, etc) TLSOF0151 TLSOF0159 Manufactured upon receiving your order. |
Podobny numer części - L7810 |
|
Podobny opis - L7810 |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |