Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

L7820 Arkusz danych(PDF) 1 Page - Hamamatsu Corporation

Numer części L7820
Szczegółowy opis  Light level control of light source Sensitivity control of optical sensor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  HAMAMATSU [Hamamatsu Corporation]
Strona internetowa  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

L7820 Arkusz danych(HTML) 1 Page - Hamamatsu Corporation

  L7820 Datasheet HTML 1Page - Hamamatsu Corporation L7820 Datasheet HTML 2Page - Hamamatsu Corporation L7820 Datasheet HTML 3Page - Hamamatsu Corporation L7820 Datasheet HTML 4Page - Hamamatsu Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
CALIBRATED LAMP
LIGHT SOURCE SERIES
L7810, L7810-02 (Xenon Lamp)
L7820, L7820-02 (Deuterium Lamp)
LIGHT
SOURCE
Easy to reproduce highly stable light!!
Left: Lamp Housing
Right: Power Supply
Left: Lamp Housing
Right: Power Supply
L7810, L7810-02
L7820, L7820-02
These light sources deliver the extremely high levels of "stability" and
"repeatability" essential to calibrated light sources. These are availa-
ble as an optimal set including a lamp, lamp housing and power sup-
ply, so that anyone can easily reproduce a highly stable light output.
The L7810-02 xenon lamp light source is calibrated over a wide spec-
tral range from 200 nm to 800 nm, while the L7820-02 deuterium lamp
light source is calibrated in the UV range from 200 nm to 400 nm.
Since we are certified as an ASNITE-Calibration laboratory, we are
capable of calibrating spectral irradiance over a wide range from 200
nm to 800 nm (L7810-02).
The spectral range at wavelengths shorter than 250 nm is calibrated
based on the ASNITE calibration system (Accreditation System of Na-
tional Institute of Technology and Evaluation), while the spectral
range at wavelengths longer than 250 nm is calibrated based on the
JCSS (Japan Calibration Service System).
As of August 2009, Hamamatsu Photonics is the only company certi-
fied as an ASNITE-Calibration laboratory in the "Light" field.
APPLICATIONS
GLight level control of light source
GSensitivity control of optical sensor
GLight intensity measurement
and studies of photoreactions
(Light resistance, light curing, etc.)
GQuality control of photometric
equipment
(Medical analysis equipment, semi-
conductor inspection systems,
imaging devices, etc)
TLSOF0151
TLSOF0159
Manufactured upon receiving your order.


Podobny numer części - L7820

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
L7820 STMICROELECTRONICS-L7820 Datasheet
1Mb / 34P
   POSITIVE VOLTAGE REGULATORS
logo
Hamamatsu Corporation
L7820 HAMAMATSU-L7820 Datasheet
62Kb / 2P
   Calibrated Deuterium Light Source
logo
STMicroelectronics
L7820AB STMICROELECTRONICS-L7820AB Datasheet
108Kb / 17P
   PRECISION 1A REGULATORS
L7820AB STMICROELECTRONICS-L7820AB Datasheet
373Kb / 28P
   Precision 1A regulators
L7820ABD2T-TR STMICROELECTRONICS-L7820ABD2T-TR Datasheet
373Kb / 28P
   Precision 1A regulators
More results

Podobny opis - L7820

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Mallory Sonalert Produc...
ZT028LAIC1G MSPI-ZT028LAIC1G Datasheet
117Kb / 1P
   INDIVIDUAL CONTROL OF LIGHT AND SOUND
ZT028LAIC3G MSPI-ZT028LAIC3G Datasheet
117Kb / 1P
   INDIVIDUAL CONTROL OF LIGHT AND SOUND
ZT028LDIC1Y MSPI-ZT028LDIC1Y Datasheet
135Kb / 1P
   INDIVIDUAL CONTROL OF LIGHT AND SOUND
ZT028LDIC3G MSPI-ZT028LDIC3G Datasheet
135Kb / 1P
   INDIVIDUAL CONTROL OF LIGHT AND SOUND
ZT028LAIC1R MSPI-ZT028LAIC1R Datasheet
117Kb / 1P
   INDIVIDUAL CONTROL OF LIGHT AND SOUND
ZT028LAIC3R MSPI-ZT028LAIC3R Datasheet
117Kb / 1P
   INDIVIDUAL CONTROL OF LIGHT AND SOUND
ZT028LDIC2G MSPI-ZT028LDIC2G Datasheet
135Kb / 1P
   INDIVIDUAL CONTROL OF LIGHT AND SOUND
ZT028MDIC1Y MSPI-ZT028MDIC1Y Datasheet
135Kb / 1P
   INDIVIDUAL CONTROL OF LIGHT AND SOUND
ZT028LDIC1R MSPI-ZT028LDIC1R Datasheet
135Kb / 1P
   INDIVIDUAL CONTROL OF LIGHT AND SOUND
ZT028LDIC3R MSPI-ZT028LDIC3R Datasheet
135Kb / 1P
   INDIVIDUAL CONTROL OF LIGHT AND SOUND
More results


Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com