Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LM22670TJE-ADJ Arkusz danych(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Numer części LM22670TJE-ADJ
Szczegółowy opis  3A SIMPLE SWITCHER짰, Step-Down Voltage Regulator with Synchronization or Adjustable Switching Frequency
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  NSC [National Semiconductor (TI)]
Strona internetowa  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM22670TJE-ADJ Arkusz danych(HTML) 2 Page - National Semiconductor (TI)

  LM22670TJE-ADJ Datasheet HTML 1Page - National Semiconductor (TI) LM22670TJE-ADJ Datasheet HTML 2Page - National Semiconductor (TI) LM22670TJE-ADJ Datasheet HTML 3Page - National Semiconductor (TI) LM22670TJE-ADJ Datasheet HTML 4Page - National Semiconductor (TI) LM22670TJE-ADJ Datasheet HTML 5Page - National Semiconductor (TI) LM22670TJE-ADJ Datasheet HTML 6Page - National Semiconductor (TI) LM22670TJE-ADJ Datasheet HTML 7Page - National Semiconductor (TI) LM22670TJE-ADJ Datasheet HTML 8Page - National Semiconductor (TI) LM22670TJE-ADJ Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
Connection Diagrams
30076040
8-Lead Plastic PSOP-8 Package
NS Package Number MRA08B
30076002
7-Lead Plastic TO-263 THIN Package
NS Package Number TJ7A
Ordering Information
Output
Voltage
Order Number
Package Type
NSC Package
Drawing
Supplied As
Features
ADJ
LM22670MR-ADJ
PSOP-8 Exposed Pad
MRA08B
95 Units in Rails
ADJ
LM22670MRE-ADJ
250 Units in Tape and Reel
ADJ
LM22670MRX-ADJ
2500 Units in Tape and Reel
ADJ
LM22670QMR-ADJ
95 Units in Rails
AEC-Q100 Grade 1
qualified. Automotive
Grade Production
Flow*
ADJ
LM22670QMRE-ADJ
250 Units in Tape and Reel
ADJ
LM22670QMRX-ADJ
2500 Units in Tape and Reel
ADJ
LM22670TJE-ADJ
TO-263 THIN Exposed
Pad
TJ7A
250 Units in Tape and Reel
ADJ
LM22670TJ-ADJ
1000 Units in Tape and Reel
ADJ
LM22670QTJE-ADJ
250 Units in Tape and Reel
AEC-Q100 Grade 1
qualified. Automotive
Grade Production
Flow*
ADJ
LM22670QTJ-ADJ
1000 Units in Tape and Reel
www.national.com
2


Podobny numer części - LM22670TJE-ADJ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
National Semiconductor ...
LM22670TJE-ADJ NSC-LM22670TJE-ADJ Datasheet
489Kb / 18P
   3A SIMPLE SWITCHER짰, Step-Down Voltage Regulator with Synchronization or Adjustable Switching Frequency
logo
Texas Instruments
LM22670TJE-ADJ TI-LM22670TJE-ADJ Datasheet
1Mb / 29P
[Old version datasheet]   LM22670/LM22670Q 42V, 3A SIMPLE SWITCHER, Step-Down Voltage Regulator with
LM22670TJE-ADJ/NOPB TI1-LM22670TJE-ADJ/NOPB Datasheet
1Mb / 29P
[Old version datasheet]   LM22670/LM22670Q 42V, 3A SIMPLE SWITCHER, Step-Down Voltage Regulator
LM22670TJE-ADJ/NOPB TI1-LM22670TJE-ADJ/NOPB Datasheet
1Mb / 32P
[Old version datasheet]   42-V, 3-A SIMPLE SWITCHER, Step-Down Voltage Regulator With Features
More results

Podobny opis - LM22670TJE-ADJ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
National Semiconductor ...
LM22670 NSC-LM22670 Datasheet
489Kb / 18P
   3A SIMPLE SWITCHER짰, Step-Down Voltage Regulator with Synchronization or Adjustable Switching Frequency
LM22677Q NSC-LM22677Q Datasheet
408Kb / 16P
   5A SIMPLE SWITCHER짰, Step-Down Voltage Regulator with Synchronization or Adjustable Switching Frequency
LM22677 NSC-LM22677 Datasheet
404Kb / 16P
   5A SIMPLE SWITCHER짰, Step-Down Voltage Regulator with Synchronization or Adjustable Switching Frequency
LM2673 NSC-LM2673_08 Datasheet
650Kb / 26P
   SIMPLE SWITCHER짰 3A Step-Down Voltage Regulator with Adjustable Current Limit
logo
Texas Instruments
LM2576S-5.0-NOPB TI1-LM2576S-5.0-NOPB Datasheet
3Mb / 37P
[Old version datasheet]   SIMPLE SWITCHER짰 3A Step-Down Voltage Regulator
LM5576 TI1-LM5576_13 Datasheet
1Mb / 30P
[Old version datasheet]   SIMPLE SWITCHER짰 75V, 3A Step-Down Switching Regulator
logo
National Semiconductor ...
LM25576_0703 NSC-LM25576_0703 Datasheet
434Kb / 24P
   SIMPLE SWITCHER짰 42V, 3A Step-Down Switching Regulator
logo
Semtech Corporation
SC4520 SEMTECH-SC4520 Datasheet
269Kb / 12P
   3A Step-Down Switching Regulator with Adjustable Switching Frequency
logo
Texas Instruments
LM5576Q0 TI1-LM5576Q0 Datasheet
972Kb / 27P
[Old version datasheet]   LM5576Q0 SIMPLE SWITCHER짰 75V, 3A Step-Down Switching Regulator
logo
National Semiconductor ...
LM2670 NSC-LM2670_05 Datasheet
835Kb / 26P
   SIMPLE SWITCHER짰 High Efficiency 3A Step-Down Voltage Regulator with Sync
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com