Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

IRF7413QPBF Arkusz danych(PDF) 1 Page - International Rectifier

Numer części IRF7413QPBF
Szczegółowy opis  HEXFETPOWERMOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  IRF [International Rectifier]
Strona internetowa  http://www.irf.com
Logo IRF - International Rectifier

IRF7413QPBF Arkusz danych(HTML) 1 Page - International Rectifier

  IRF7413QPBF_10 Datasheet HTML 1Page - International Rectifier IRF7413QPBF_10 Datasheet HTML 2Page - International Rectifier IRF7413QPBF_10 Datasheet HTML 3Page - International Rectifier IRF7413QPBF_10 Datasheet HTML 4Page - International Rectifier IRF7413QPBF_10 Datasheet HTML 5Page - International Rectifier IRF7413QPBF_10 Datasheet HTML 6Page - International Rectifier IRF7413QPBF_10 Datasheet HTML 7Page - International Rectifier IRF7413QPBF_10 Datasheet HTML 8Page - International Rectifier IRF7413QPBF_10 Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
IRF7413QPbF
VDSS = 30V
RDS(on) = 0.011Ω
HEXFET® Power MOSFET
Top View
8
1
2
3
4
5
6
7
D
D
D
D
G
S
A
S
S
A
Description
08/09/10
l
Advanced Process Technology
l
Ultra Low On-Resistance
l
N Channel MOSFET
l
Surface Mount
l
Available in Tape & Reel
l
150°C Operating Temperature
l
Lead-Free
These HEXFET® Power MOSFET's in SO-8 package
utilize the lastest processing techniques to achieve
extremely low on-resistance per silicon area.
AdditionalfeaturesoftheseHEXFETPowerMOSFET's
are a 150°C junction operating temperature, fast
switching speed and improved repetitive avalanche
rating. These benefits combine to make this design an
extremely efficient and reliable device for use in a wide
variety of applications.
TheefficientSO-8packageprovidesenhancedthermal
characteristics making it ideal in a variety of power
applications. ThissurfacemountSO-8candramatically
reduce board space and is also available in Tape &
Reel.
SO-8
www.irf.com
1
Symbol
Parameter
Units
VDS
Drain-to-Source Voltage
VGS
Gate-to-Source Voltage
ID @ TA = 25°C
Continuous Drain Current, VGS @ 10V
ID @ TA = 70°C
Continuous Drain Current, VGS @ 10V
IDM
Pulsed Drain Current
c
PD @TA = 25°C
Power Dissipation
W
Linear Derating Factor
mW/°C
EAS
Single Pulse Avalanche Energency
d
mJ
dv/dt
Peak Diode Recovery dv/dt
e
V/ns
TJ, TSTG
Junction and Storage Temperature Range
°C
Symbol
Parameter
TypMax
Units
RθJL
Junction-to-Drain Lead
h
–––
20
RθJA
Junction-to-Ambient
gh
–––
50
V
Thermal Resistance Ratings
Absolute Maximum Ratings
Max
30
± 20
13
°C/W
9.2
5.0
0.02
260
-55 to +150
58
2.5
A
PD - 96112A


Podobny numer części - IRF7413QPBF_10

ProducentNumer częściArkusz danychSzczegółowy opis
logo
International Rectifier
IRF7413QPBF IRF-IRF7413QPBF Datasheet
257Kb / 9P
   HEXFET Power MOSFET
More results

Podobny opis - IRF7413QPBF_10

ProducentNumer częściArkusz danychSzczegółowy opis
logo
International Rectifier
IRF9952QPBF IRF-IRF9952QPBF_10 Datasheet
269Kb / 10P
   HEXFETPOWERMOSFET
IRF7306QPBF IRF-IRF7306QPBF_10 Datasheet
247Kb / 9P
   HEXFETPOWERMOSFET
IRF7105QPBF IRF-IRF7105QPBF_10 Datasheet
316Kb / 10P
   HEXFETPOWERMOSFET
IRF7307QPBF IRF-IRF7307QPBF_10 Datasheet
300Kb / 10P
   HEXFETPOWERMOSFET
IRF7304PBF IRF-IRF7304PBF_10 Datasheet
248Kb / 9P
   HEXFETPOWERMOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com